Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

43172015 Datasheet(PDF) 3 Page - PHOENIX CONTACT

Part # 43172015
Description  Cable connector - CA-09S1N1280DN
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

43172015 Datasheet(HTML) 3 Page - PHOENIX CONTACT

  43172015 Datasheet HTML 1Page - PHOENIX CONTACT 43172015 Datasheet HTML 2Page - PHOENIX CONTACT 43172015 Datasheet HTML 3Page - PHOENIX CONTACT 43172015 Datasheet HTML 4Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
https://www.phoenixcontact.com/us/products/1619768
03/30/2016   Page 3 / 4
Cable connector - CA-09S1N1280DN - 1619768
Classifications
UNSPSC
UNSPSC 6.01
43172015
UNSPSC 7.0901
43201404
UNSPSC 11
43172015
UNSPSC 12.01
43201404
UNSPSC 13.2
43201404
Approvals
Approvals
Approvals
UL Recognized / cUL Recognized / EAC / cULus Recognized
Ex Approvals
Approvals submitted
Approval details
UL Recognized 
 
 
mm²/AWG/kcmil
18
Nominal current IN
8 A
Nominal voltage UN
300 V
cUL Recognized 
 
 
mm²/AWG/kcmil
18
Nominal current IN
6 A
Nominal voltage UN
300 V


Similar Part No. - 43172015

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
43172015 PHOENIX-43172015 Datasheet
72Kb / 4P
Device connector, front mounting - CA-09P1N122S00
43172015 PHOENIX-43172015 Datasheet
249Kb / 6P
Cable connector - CA-16P1N12T008
43172015 PHOENIX-43172015 Datasheet
52Kb / 3P
Crimp contact - SF-7PS2000
43172015 PHOENIX-43172015 Datasheet
68Kb / 4P
Device connector, rear mounting - CA-17S1N12HZ00
43172015 PHOENIX-43172015 Datasheet
42Kb / 2P
Plastic dust protection cap - TU-Z2003
More results

Similar Description - 43172015

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1619344 PHOENIX-1619344 Datasheet
252Kb / 6P
Cable connector - CA-19P1N12T008S
1619366 PHOENIX-1619366 Datasheet
244Kb / 6P
Cable connector - CA-07S1N12T008S
1619725 PHOENIX-1619725 Datasheet
65Kb / 4P
Cable connector - CA-19P1N128006
1620290 PHOENIX-1620290 Datasheet
252Kb / 6P
Cable connector - CA-06P1N12T006
1620213 PHOENIX-1620213 Datasheet
250Kb / 6P
Cable connector - CA-19P1N12T007
1620217 PHOENIX-1620217 Datasheet
260Kb / 6P
Cable connector - CA-17P1N12T007
1620268 PHOENIX-1620268 Datasheet
241Kb / 6P
Cable connector - CA-17S1N12T006
1619334 PHOENIX-1619334 Datasheet
252Kb / 6P
Cable connector - CA-09P1N12T0DN
1619353 PHOENIX-1619353 Datasheet
241Kb / 6P
Cable connector - CA-16S1N12T008S
1619374 PHOENIX-1619374 Datasheet
242Kb / 6P
Cable connector - CA-19S1N12T007S
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com