Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PD69208T4 Datasheet(PDF) 9 Page - Microchip Technology

Part # PD69208T4
Description  PoE PSE Manager
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PD69208T4 Datasheet(HTML) 9 Page - Microchip Technology

Back Button PD69208T4 Datasheet HTML 5Page - Microchip Technology PD69208T4 Datasheet HTML 6Page - Microchip Technology PD69208T4 Datasheet HTML 7Page - Microchip Technology PD69208T4 Datasheet HTML 8Page - Microchip Technology PD69208T4 Datasheet HTML 9Page - Microchip Technology PD69208T4 Datasheet HTML 10Page - Microchip Technology PD69208T4 Datasheet HTML 11Page - Microchip Technology PD69208T4 Datasheet HTML 12Page - Microchip Technology PD69208T4 Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 35 page
background image
...........continued
Symbol Parameter
Conditions
Min
Typ
Max Units
IPORT
Output operating current
802.3af
10
360
mA
802.3at
10
620
mA
802.3bt class 5
10
560
mA
802.3bt class 6
10
692
mA
802.3bt class 7
10
794
mA
802.3bt class 8
10
948
mA
ICUT
Overload current
802.3af
375
mA
802.3at
645
mA
802.3bt class 5
589
mA
802.3bt class 6
709
mA
802.3bt class 7
825
mA
802.3bt class 8/PoH2
980
mA
TCUT
Overload time limit
62
64
66
ms
ILIM
Port current limit
802.3af
400
425
450
mA
802.3bt class 1–3
670
720
770
mA
802.3at, 802.3bt class 4–6
790
850
892
mA
802.3bt class 7–8/PoH
1020 1150 1300 mA
TLIM
Port current limit time
VMAIN–VPORT_NEGx <30 V
1
2
3
ms
IUDL
DC disconnect under-load current
2 pairs
6
7.5
9
mA
4 pairs IEEE 802.3bt (for each pair-set)
2
2.5
3
mA
TMPDO
PD maintain power signature
dropout time limit
322
324
326
ms
TMPS
PD maintain power
802.3bt PSE Type 1, 2
46
48
50
ms
Signature time for validity
802.3bt PSE Type 3, 4
3
4
5
ms
TOFF
Turn off time
From VMAIN to 2.8 V
500
ms
1.
Can be overridden by communication command.
2.
The power port is limited to the maximum of 100 W according to UL’s LPS requirements (Port Power = IPORT ×
VMAIN).
2.6
Port Current Monitoring
Table 2-6. Port Current Monitoring
Symbol
Conditions
Typ
Max
Units
Resolution
Reported as 14 bits
10
Bits
LSB
122.07
µA
Measurement period
16
mS
PD69208T4/PD69204T4/PD69208M
Electrical Specifications
© 2020 Microchip Technology Inc.
Datasheet
DS00003428C-page 9


Similar Part No. - PD69208T4

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PD69200 MICROCHIP-PD69200 Datasheet
384Kb / 20P
   PoE PSE Controller
A March 2020
PD69200C-018818 MICROCHIP-PD69200C-018818 Datasheet
384Kb / 20P
   PoE PSE Controller
A March 2020
PD69201 MICROCHIP-PD69201 Datasheet
483Kb / 29P
   1-Port PSE PoE Manager
2021
More results

Similar Description - PD69208T4

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PD39208 MICROCHIP-PD39208 Datasheet
1Mb / 34P
   PoE PSE Manager
2020
PD69201 MICROCHIP-PD69201 Datasheet
483Kb / 29P
   1-Port PSE PoE Manager
2021
logo
Microsemi Corporation
PD64012G MICROSEMI-PD64012G Datasheet
55Kb / 1P
   12-PORT PoE PSE MANAGER
PD69108 MICROSEMI-PD69108 Datasheet
898Kb / 17P
   8 PORTS PSE POE MANAGER
logo
List of Unclassifed Man...
PD64004A ETC2-PD64004A Datasheet
156Kb / 1P
   4-port PoE PSE Manager
logo
Microchip Technology
PD39210 MICROCHIP-PD39210 Datasheet
638Kb / 22P
   PoE PSE Controller
2020
PD69200 MICROCHIP-PD69200 Datasheet
384Kb / 20P
   PoE PSE Controller
A March 2020
logo
Linear Technology
LTC4266A LINER-LTC4266A_15 Datasheet
374Kb / 30P
   Quad PoE/PoE/LTPoE PSE Controller
LTC4266A LINER-LTC4266A Datasheet
755Kb / 30P
   Quad PoE/PoE/LTPoE PSE Controller
LTC4274A LINER-LTC4274A Datasheet
724Kb / 30P
   Single PoE/PoE/LTPoE PSE Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com