Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

26121604 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 26121604
Description  Network cable - VS-PPC/PL-PPC/PL-93B-LI/5,0
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

26121604 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  26121604 Datasheet HTML 1Page - PHOENIX CONTACT 26121604 Datasheet HTML 2Page - PHOENIX CONTACT 26121604 Datasheet HTML 3Page - PHOENIX CONTACT 26121604 Datasheet HTML 4Page - PHOENIX CONTACT 26121604 Datasheet HTML 5Page - PHOENIX CONTACT 26121604 Datasheet HTML 6Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
https://www.phoenixcontact.com/us/products/1416171
08/30/2021   Page 1 / 6
Network cable - VS-PPC/PL-PPC/PL-93B-LI/5,0 - 1416171
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
Assembled PROFINET cable, CAT5e, shielded, star quad, AWG 22 stranded (7-wire), RAL 6018 (yellow-green),
RJ45 plug/IP67 push-pull plastic housing on RJ45 plug/IP67 push-pull plastic housing, line, length: 5 m
Key Commercial Data
Packing unit
1
GTIN
GTIN
4046356474276
Custom tariff number
85444210
Technical data
Dimensions
Length of cable
5.00 m
Ambient conditions
Degree of protection
IP65
IP67
General data
Number of positions
4
Standards/regulations
IEC PAS 61076-3-117
Overvoltage category
I
Degree of pollution
2
Alternative short product description
PROFINET cable
Locking type
Push Pull
Insertion/withdrawal cycles
≥ 250


Similar Part No. - 26121604

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
26121604 PHOENIX-26121604 Datasheet
63Kb / 5P
Coupling - VS-MP-PPC/CG-10G
26121604 PHOENIX-26121604 Datasheet
61Kb / 2P
Coupling - VS-MP-PPC/CG-PO
26121604 PHOENIX-26121604 Datasheet
68Kb / 2P
Coupling - VS-MP-PPC/CG-PO/10G
26121604 PHOENIX-26121604 Datasheet
61Kb / 2P
Coupling - VS-MP-PPC/PPC-PO
26121604 PHOENIX-26121604 Datasheet
63Kb / 5P
Coupling - VS-MP-PPC/CG-XL-10G
More results

Similar Description - 26121604

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1412024 PHOENIX-1412024 Datasheet
106Kb / 4P
Network cable - VS-PPC/PL-IP20-94B-LI/5,0
1416141 PHOENIX-1416141 Datasheet
112Kb / 4P
Network cable - VS-PPC/PL-IP20-93B-LI/5,0
1416168 PHOENIX-1416168 Datasheet
96Kb / 4P
Network cable - VS-OE-PPC/PL-93B-LI/5,0
1416225 PHOENIX-1416225 Datasheet
406Kb / 6P
Network cable - VS-PPC/PL-PPC/PL-93C-LI/5,0
1405772 PHOENIX-1405772 Datasheet
284Kb / 9P
VS-PPC/PL-OE-93E-LI/5,0 - Network cable
1406030 PHOENIX-1406030 Datasheet
384Kb / 10P
VS-PPC/PL-IP20-93E-LI/5,0 - Network cable
1407819 PHOENIX-1407819 Datasheet
287Kb / 9P
VS-PPC/PL-OE-94B-LI/5,0 - Network cable
1415403 PHOENIX-1415403 Datasheet
288Kb / 9P
VS-PPC/PL-OE-94F-LI/5,0 - Network cable
1419181 PHOENIX-1419181 Datasheet
333Kb / 8P
VS-PPC/PL-PPC/PL-93K-LI/5,0 - Patch cable
1413612 PHOENIX-1413612 Datasheet
291Kb / 9P
VS-PPC/PL-PPC/PL-94C-LI/10,0 - Network cable
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com