Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

26121604 Datasheet(PDF) 3 Page - PHOENIX CONTACT

Part # 26121604
Description  Network cable - VS-PPC/PL-PPC/PL-93B-LI/5,0
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

26121604 Datasheet(HTML) 3 Page - PHOENIX CONTACT

  26121604 Datasheet HTML 1Page - PHOENIX CONTACT 26121604 Datasheet HTML 2Page - PHOENIX CONTACT 26121604 Datasheet HTML 3Page - PHOENIX CONTACT 26121604 Datasheet HTML 4Page - PHOENIX CONTACT 26121604 Datasheet HTML 5Page - PHOENIX CONTACT 26121604 Datasheet HTML 6Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
https://www.phoenixcontact.com/us/products/1416171
08/30/2021   Page 3 / 6
Network cable - VS-PPC/PL-PPC/PL-93B-LI/5,0 - 1416171
Technical data
Cable
Near end crosstalk attenuation (NEXT)
80 dB (with 1 MHz)
76 dB (at 4 МHz)
70 dB (at 10 MHz)
65 dB (at 16 MHz)
63 dB (at 20 МHz)
60 dB (at 31.25 МHz)
55 dB (at 62.5 МHz)
50 dB (at 100 MHz)
Attenuation
2.1 dB (with 1 MHz)
4 dB (at 4 МHz)
6.3 dB (at 10 MHz)
8 dB (at 16 MHz)
9 dB (at 20 МHz)
11.4 dB (at 31.25 МHz)
16.5 dB (at 62.5 МHz)
21.3 dB (at 100 MHz)
Signal speed
0.66 c
Signal runtime
5.3 ns/m
Coupling resistance
≤ 20.00 mΩ/m (at 10 MHz)
Nominal voltage, cable
600 V
Test voltage Core/Core
2000 V (50 Hz, 1 min.)
Test voltage Core/Shield
2000 V (50 Hz, 1 min.)
Flame resistance
according to UL 1685 (CSA FT 4)
Resistance to oil
Resistant to oil to a limited extent
Other resistance
UV resistant According to UL 1581, Section 1200
Ambient temperature (operation)
-40 °C ... 70 °C (cable, fixed installation)
-40 °C ... 70 °C (Cable, flexible installation)
Ambient temperature (installation)
-20 °C ... 60 °C
Ambient temperature (storage/transport)
-50 °C ... 70 °C
Shielded
yes
Environmental Product Compliance
China RoHS
Environmentally friendly use period: unlimited = EFUP-e
No hazardous substances above threshold values
Drawings


Similar Part No. - 26121604

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
26121604 PHOENIX-26121604 Datasheet
63Kb / 5P
Coupling - VS-MP-PPC/CG-10G
26121604 PHOENIX-26121604 Datasheet
61Kb / 2P
Coupling - VS-MP-PPC/CG-PO
26121604 PHOENIX-26121604 Datasheet
68Kb / 2P
Coupling - VS-MP-PPC/CG-PO/10G
26121604 PHOENIX-26121604 Datasheet
61Kb / 2P
Coupling - VS-MP-PPC/PPC-PO
26121604 PHOENIX-26121604 Datasheet
63Kb / 5P
Coupling - VS-MP-PPC/CG-XL-10G
More results

Similar Description - 26121604

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1412024 PHOENIX-1412024 Datasheet
106Kb / 4P
Network cable - VS-PPC/PL-IP20-94B-LI/5,0
1416141 PHOENIX-1416141 Datasheet
112Kb / 4P
Network cable - VS-PPC/PL-IP20-93B-LI/5,0
1416168 PHOENIX-1416168 Datasheet
96Kb / 4P
Network cable - VS-OE-PPC/PL-93B-LI/5,0
1416225 PHOENIX-1416225 Datasheet
406Kb / 6P
Network cable - VS-PPC/PL-PPC/PL-93C-LI/5,0
1405772 PHOENIX-1405772 Datasheet
284Kb / 9P
VS-PPC/PL-OE-93E-LI/5,0 - Network cable
1406030 PHOENIX-1406030 Datasheet
384Kb / 10P
VS-PPC/PL-IP20-93E-LI/5,0 - Network cable
1407819 PHOENIX-1407819 Datasheet
287Kb / 9P
VS-PPC/PL-OE-94B-LI/5,0 - Network cable
1415403 PHOENIX-1415403 Datasheet
288Kb / 9P
VS-PPC/PL-OE-94F-LI/5,0 - Network cable
1419181 PHOENIX-1419181 Datasheet
333Kb / 8P
VS-PPC/PL-PPC/PL-93K-LI/5,0 - Patch cable
1413612 PHOENIX-1413612 Datasheet
291Kb / 9P
VS-PPC/PL-PPC/PL-94C-LI/10,0 - Network cable
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com