Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

26121604 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 26121604
Description  Network cable - NBC-M12FSX/5,0-94F/R4RC
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

26121604 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  26121604 Datasheet HTML 1Page - PHOENIX CONTACT 26121604 Datasheet HTML 2Page - PHOENIX CONTACT 26121604 Datasheet HTML 3Page - PHOENIX CONTACT 26121604 Datasheet HTML 4Page - PHOENIX CONTACT 26121604 Datasheet HTML 5Page - PHOENIX CONTACT 26121604 Datasheet HTML 6Page - PHOENIX CONTACT 26121604 Datasheet HTML 7Page - PHOENIX CONTACT 26121604 Datasheet HTML 8Page - PHOENIX CONTACT 26121604 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
https://www.phoenixcontact.com/us/products/1080740
08/30/2021   Page 2 / 14
Network cable - NBC-M12FSX/5,0-94F/R4RC - 1080740
Technical data
General data
Transmission speed
10 Gbps
Characteristics head 1
Head type
Plug straight RJ45 Push Pull / IP67
No. of positions (pin connector pattern)
8 (8)
Color
silver
Material (component)
CuSn (Contact)
Ni/Au (Contact surface)
PC (Contact carriers)
Zinc die-cast, nickel-plated (Housing)
Insertion/withdrawal cycles
≥ 750
Ambient temperature (operation)
-40 °C ... 70 °C
Characteristics head 2
Head type
Socket straight M12 / IP67
No. of positions (pin connector pattern)
8
Coding
X (Data)
Color
black
Material (component)
CuZn (Contact)
Ni/Au (Contact surface)
PA 6.6 (Contact carriers)
TPU, hardly inflammable, self-extinguishing (Grip)
Zinc die-cast, nickel-plated (Screw connection)
Insulation resistance
≥ 100 MΩ
Insertion/withdrawal cycles
≥ 100
Torque
0.4 Nm
Ambient temperature (operation)
-25 °C ... 90 °C
Standards and Regulations
Standards/specifications
M12 connector IEC 61076-2-109
Cable
Cable type
Ethernet 10 Gbit
Cable type (abbreviation)
94F
UL AWM style
20963 (80°C/30 V)
Signal type/category
Ethernet CAT6A, 10 Gbps
Cable structure
4x2xAWG26/7; S/FTP
Conductor cross section
4x 2x 0.14 mm²
AWG signal line
26


Similar Part No. - 26121604

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
26121604 PHOENIX-26121604 Datasheet
63Kb / 5P
Coupling - VS-MP-PPC/CG-10G
26121604 PHOENIX-26121604 Datasheet
61Kb / 2P
Coupling - VS-MP-PPC/CG-PO
26121604 PHOENIX-26121604 Datasheet
68Kb / 2P
Coupling - VS-MP-PPC/CG-PO/10G
26121604 PHOENIX-26121604 Datasheet
61Kb / 2P
Coupling - VS-MP-PPC/PPC-PO
26121604 PHOENIX-26121604 Datasheet
63Kb / 5P
Coupling - VS-MP-PPC/CG-XL-10G
More results

Similar Description - 26121604

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1080744 PHOENIX-1080744 Datasheet
384Kb / 14P
Network cable - NBC-M12MSX/5,0-94F/M12FSX
1080741 PHOENIX-1080741 Datasheet
428Kb / 14P
Network cable - NBC-M12FSX/10,0-94F/R4RC
1080728 PHOENIX-1080728 Datasheet
370Kb / 14P
Network cable - NBC-1,0-94F/M12FSX
1080736 PHOENIX-1080736 Datasheet
312Kb / 9P
Network cable - NBC-M12FSX/5,0-94F/R4AC
1080738 PHOENIX-1080738 Datasheet
428Kb / 14P
Network cable - NBC-M12FSX/1,0-94F/R4RC
1080739 PHOENIX-1080739 Datasheet
428Kb / 14P
Network cable - NBC-M12FSX/2,0-94F/R4RC
1080729 PHOENIX-1080729 Datasheet
370Kb / 14P
Network cable - NBC-2,0-94F/M12FSX
1080731 PHOENIX-1080731 Datasheet
370Kb / 14P
Network cable - NBC-5,0-94F/M12FSX
1080732 PHOENIX-1080732 Datasheet
370Kb / 14P
Network cable - NBC-10,0-94F/M12FSX
1407477 PHOENIX-1407477 Datasheet
1Mb / 28P
NBC-M12MSX/ 5,0-94F/R4RC - Network cable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com