Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

26121604 Datasheet(PDF) 10 Page - PHOENIX CONTACT

Part # 26121604
Description  Network cable - NBC-M12FSX/5,0-94F/R4RC
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

26121604 Datasheet(HTML) 10 Page - PHOENIX CONTACT

Back Button 26121604 Datasheet HTML 6Page - PHOENIX CONTACT 26121604 Datasheet HTML 7Page - PHOENIX CONTACT 26121604 Datasheet HTML 8Page - PHOENIX CONTACT 26121604 Datasheet HTML 9Page - PHOENIX CONTACT 26121604 Datasheet HTML 10Page - PHOENIX CONTACT 26121604 Datasheet HTML 11Page - PHOENIX CONTACT 26121604 Datasheet HTML 12Page - PHOENIX CONTACT 26121604 Datasheet HTML 13Page - PHOENIX CONTACT 26121604 Datasheet HTML 14Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
https://www.phoenixcontact.com/us/products/1080740
08/30/2021   Page 10 / 14
Network cable - NBC-M12FSX/5,0-94F/R4RC - 1080740
Accessories
Cable-cutting tool - CUTFOX 12 - 1212128
Cable cutter, for copper and aluminum up to 12 mm diameter (up to 35 mm²)
 
 
Diagonal cutter - CUTFOX-S VDE - 1212207
Diagonal cutter for hard (piano wire) and soft wires, VDE 1000 V AC/1500 V DC tested
 
 
Data plug
RJ45 connector - VS-08-RJ45-10G/Q - 1419001
RJ45 connector, IP20, CAT6A, 8-pos., with QUICKON fast connection technology, for 26 ... 24 AWG 1-wire and 7-wire
conductors, color: black
 
 
RJ45 connector - CUC-IND-C1ZNI-S/R4IE8 - 1421607
RJ45 connector, degree of protection: IP20, number of positions: 8, 1 Gbps, CAT5 (IEC 11801:2002), material: Zinc die-
cast, connection method: IDC fast connection, connection cross section: AWG 26- 24, cable outlet: straight, color: green,
Ethernet
 
 
RJ45 connector - CUC-IND-C1ZNI-T/R4IE8 - 1421877
RJ45 connector, degree of protection: IP20, number of positions: 8, 1 Gbps, CAT5 (IEC 11801:2002), material: Zinc die-
cast, connection method: IDC fast connection, connection cross section: AWG 26- 24, cable outlet: angled, Ethernet
 
 


Similar Part No. - 26121604

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
26121604 PHOENIX-26121604 Datasheet
63Kb / 5P
Coupling - VS-MP-PPC/CG-10G
26121604 PHOENIX-26121604 Datasheet
61Kb / 2P
Coupling - VS-MP-PPC/CG-PO
26121604 PHOENIX-26121604 Datasheet
68Kb / 2P
Coupling - VS-MP-PPC/CG-PO/10G
26121604 PHOENIX-26121604 Datasheet
61Kb / 2P
Coupling - VS-MP-PPC/PPC-PO
26121604 PHOENIX-26121604 Datasheet
63Kb / 5P
Coupling - VS-MP-PPC/CG-XL-10G
More results

Similar Description - 26121604

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1080744 PHOENIX-1080744 Datasheet
384Kb / 14P
Network cable - NBC-M12MSX/5,0-94F/M12FSX
1080741 PHOENIX-1080741 Datasheet
428Kb / 14P
Network cable - NBC-M12FSX/10,0-94F/R4RC
1080728 PHOENIX-1080728 Datasheet
370Kb / 14P
Network cable - NBC-1,0-94F/M12FSX
1080736 PHOENIX-1080736 Datasheet
312Kb / 9P
Network cable - NBC-M12FSX/5,0-94F/R4AC
1080738 PHOENIX-1080738 Datasheet
428Kb / 14P
Network cable - NBC-M12FSX/1,0-94F/R4RC
1080739 PHOENIX-1080739 Datasheet
428Kb / 14P
Network cable - NBC-M12FSX/2,0-94F/R4RC
1080729 PHOENIX-1080729 Datasheet
370Kb / 14P
Network cable - NBC-2,0-94F/M12FSX
1080731 PHOENIX-1080731 Datasheet
370Kb / 14P
Network cable - NBC-5,0-94F/M12FSX
1080732 PHOENIX-1080732 Datasheet
370Kb / 14P
Network cable - NBC-10,0-94F/M12FSX
1407477 PHOENIX-1407477 Datasheet
1Mb / 28P
NBC-M12MSX/ 5,0-94F/R4RC - Network cable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com