Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

26121604 Datasheet(PDF) 8 Page - PHOENIX CONTACT

Part # 26121604
Description  Network cable - NBC-M12FSX/5,0-94F/R4RC
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

26121604 Datasheet(HTML) 8 Page - PHOENIX CONTACT

Back Button 26121604 Datasheet HTML 4Page - PHOENIX CONTACT 26121604 Datasheet HTML 5Page - PHOENIX CONTACT 26121604 Datasheet HTML 6Page - PHOENIX CONTACT 26121604 Datasheet HTML 7Page - PHOENIX CONTACT 26121604 Datasheet HTML 8Page - PHOENIX CONTACT 26121604 Datasheet HTML 9Page - PHOENIX CONTACT 26121604 Datasheet HTML 10Page - PHOENIX CONTACT 26121604 Datasheet HTML 11Page - PHOENIX CONTACT 26121604 Datasheet HTML 12Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
https://www.phoenixcontact.com/us/products/1080740
08/30/2021   Page 8 / 14
Network cable - NBC-M12FSX/5,0-94F/R4RC - 1080740
Accessories
Cable connector
Conductor connectors - SACC-CC-8QO SH ETH - 1414412
Cable connector, Ethernet CAT6A (10 Gbps), 8-pos., halogen-free, shielded, insulation displacement connection, housing
material: zinc die-cast, nickel-plated, outer cable diameter of 5 mm ... 9.7 mm
 
 
Circular connector (cable-side)
Data connector - SACC-MSX-8QO SH ETH SCO - 1411043
Data connector, Ethernet CAT6A (10 Gbps), 8-position, halogen-free, shielded, Plug straight M12 SPEEDCON, Coding:
X, Insulation displacement connection, knurl material: Zinc die-cast, nickel-plated, external cable diameter 5 mm ... 9.7
mm
 
 
Data connector - SACC-FSX-8QO SH ETH SCO - 1414586
Data connector, Ethernet CAT6A (10 Gbps), 8-position, halogen-free, shielded, Socket straight M12 SPEEDCON,
Coding: X, Insulation displacement connection, knurl material: Zinc die-cast, nickel-plated, external cable diameter 5
mm ... 9.7 mm
 
 
Data connector - VS-08-M12MS-10G-P SCO - 1417430
Data connector, Ethernet CAT6A (10 Gbps), 8-position, shielded, Plug straight M12 SPEEDCON, Coding: X, Piercecon®,
knurl material: Zinc die-cast, nickel-plated, external cable diameter 4 mm ... 8 mm
 
 
Data connector - VS-08-M12MR-10G-P SCO - 1417443
Data connector, Ethernet CAT6A (10 Gbps), 8-position, shielded, Plug angled M12 SPEEDCON, Coding: X, Piercecon®,
knurl material: Zinc die-cast, nickel-plated, external cable diameter 4 mm ... 8 mm
 
 


Similar Part No. - 26121604

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
26121604 PHOENIX-26121604 Datasheet
377Kb / 14P
   Network cable - NBC-M12MSX/1,0-94F/M12MRX
26121604 PHOENIX-26121604 Datasheet
295Kb / 8P
   Network cable - NBC-M8MSD/ 1,0-93C/M8MSD
26121604 PHOENIX-26121604 Datasheet
188Kb / 13P
   Bus system cable - SAC-5P-MR/ 2,0-923/FS CAN SCO
09/11/2020
26121604 PHOENIX-26121604 Datasheet
63Kb / 5P
   Coupling - VS-MP-PPC/CG-10G
26121604 PHOENIX-26121604 Datasheet
428Kb / 14P
   Network cable - NBC-M12FSX/10,0-94F/R4RC
More results

Similar Description - 26121604

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1080741 PHOENIX-1080741 Datasheet
428Kb / 14P
   Network cable - NBC-M12FSX/10,0-94F/R4RC
1080739 PHOENIX-1080739 Datasheet
428Kb / 14P
   Network cable - NBC-M12FSX/2,0-94F/R4RC
1080731 PHOENIX-1080731 Datasheet
370Kb / 14P
   Network cable - NBC-5,0-94F/M12FSX
1080738 PHOENIX-1080738 Datasheet
428Kb / 14P
   Network cable - NBC-M12FSX/1,0-94F/R4RC
1080744 PHOENIX-1080744 Datasheet
384Kb / 14P
   Network cable - NBC-M12MSX/5,0-94F/M12FSX
1080736 PHOENIX-1080736 Datasheet
312Kb / 9P
   Network cable - NBC-M12FSX/5,0-94F/R4AC
1407477 PHOENIX-1407477 Datasheet
1Mb / 28P
   NBC-M12MSX/ 5,0-94F/R4RC - Network cable
1080729 PHOENIX-1080729 Datasheet
370Kb / 14P
   Network cable - NBC-2,0-94F/M12FSX
1080732 PHOENIX-1080732 Datasheet
370Kb / 14P
   Network cable - NBC-10,0-94F/M12FSX
1080728 PHOENIX-1080728 Datasheet
370Kb / 14P
   Network cable - NBC-1,0-94F/M12FSX
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com