Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PGV100A-F200-B28-V1D Datasheet(PDF) 2 Page - Pepperl+Fuchs Inc.

Part # PGV100A-F200-B28-V1D
Description  Optical reader - safePGV
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PF [Pepperl+Fuchs Inc.]
Direct Link  https://www.pepperl-fuchs.com/
Logo PF - Pepperl+Fuchs Inc.

PGV100A-F200-B28-V1D Datasheet(HTML) 2 Page - Pepperl+Fuchs Inc.

  PGV100A-F200-B28-V1D Datasheet HTML 1Page - Pepperl+Fuchs Inc. PGV100A-F200-B28-V1D Datasheet HTML 2Page - Pepperl+Fuchs Inc. PGV100A-F200-B28-V1D Datasheet HTML 3Page - Pepperl+Fuchs Inc. PGV100A-F200-B28-V1D Datasheet HTML 4Page - Pepperl+Fuchs Inc. PGV100A-F200-B28-V1D Datasheet HTML 5Page - Pepperl+Fuchs Inc. PGV100A-F200-B28-V1D Datasheet HTML 6Page - Pepperl+Fuchs Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Technical Data
Non safety-related angle α
± 0.5 °
Safety-related X
See the original instructions
Nominal ratings
Camera
Type
CMOS , Global shutter
Processor
Clock pulse frequency
600 MHz
Speed of computation
4800 MIPS
Functional safety related parameters
Safety Integrity Level (SIL)
SIL 3
Performance level (PL)
PL e
Category
Cat. 4
Reaction time
165 ms
MTTF
41 a
MTTFd
104.74 a
Mission Time (TM)
20 a
PFH
1.09 E-8 typ.
Indicators/operating means
LED indication
7 LEDs (communication, status messages)
Electrical specifications
Operating voltage
UB
20 ... 30 V DC , PELV
No-load supply current
I0
max. 300 mA
Power consumption
P0
6 W
Interface
Interface type
100 BASE-TX
Protocol
PROFINET IO Real-Time (RT) Conformance class B
Transfer rate
100 MBit/s
Conformity
Fieldbus standard
PROFIsafe in accordance with IEC 61784-3-3; profile 2.4
Functional safety
EN ISO 13849-1:2015 ; EN 61508:2010 part 1-7 ;
EN 62061:2005 + AC:2010 + A1:2013 + A2:2015
Shock resistance
EN 60068-2-27:2009
Vibration resistance
EN 60068-2-6:2008
Emitted interference
EN 61000-6-4:2007+A1:2011
Noise immunity
EN 61000-6-7:2015
Photobiological safety
risk group 2 according IEC 62471
Approvals and certificates
CE conformity
CE
CCC approval
CCC approval / marking not required for products rated ≤36 V
TÜV approval
TÜV Rheinland 01/205/5669.01/20
Ambient conditions
Operating temperature
0 ... 45 °C (32 ... 113 °F) , -20 ... 45 °C (-4 ... 113 °F) (noncondensing; prevent icing
on the lens!)
Storage temperature
-40 ... 85 °C (-40 ... 185 °F)
Relative humidity
90 % , noncondensing
Altitude
max. 2000 m above MSL
Mechanical specifications
Connection type
8-pin, M12x1 connector, standard
4-pin, M12x1 socket, D-coded (LAN)
4-pin, M12x1 socket, D-coded (LAN)
Housing width
70 mm
Housing height
70 mm
Housing depth
50 mm
Degree of protection
IP67
Optical reader - safePGV
PGV100A-F200-B28-V1D
2
Germany: +49 621 776 1111
Pepperl+Fuchs Group
Refer to "General Notes Relating to Pepperl+Fuchs Product Information".
USA: +1 330 486 0001
Singapore: +65 6779 9091
www.pepperl-fuchs.com
fa-info@us.pepperl-fuchs.com
fa-info@sg.pepperl-fuchs.com
fa-info@de.pepperl-fuchs.com


Similar Part No. - PGV100A-F200-B28-V1D

ManufacturerPart #DatasheetDescription
logo
Pepperl+Fuchs Inc.
PGV100A-F200A-B28-V1D PF-PGV100A-F200A-B28-V1D Datasheet
1Mb / 6P
Optical reader - safePGV
More results

Similar Description - PGV100A-F200-B28-V1D

ManufacturerPart #DatasheetDescription
logo
Pepperl+Fuchs Inc.
PGV100A-F200A-B28-V1D PF-PGV100A-F200A-B28-V1D Datasheet
1Mb / 6P
Optical reader - safePGV
PXV100A-F200-B28-V1D-6011 PF-PXV100A-F200-B28-V1D-6011 Datasheet
1Mb / 7P
Optical reader - safePXV
PXV100A-F200-B28-V1D PF-PXV100A-F200-B28-V1D Datasheet
1Mb / 6P
Optical reader - safePXV
PXV100AQ-F200-B28-V1D PF-PXV100AQ-F200-B28-V1D Datasheet
1Mb / 7P
Optical reader - safePXV
logo
Agilent(Hewlett-Packard...
HBCS-A998 HP-HBCS-A998 Datasheet
197Kb / 3P
Bar Code Reader Tips and Optical Nest Assembly
logo
Toshiba Semiconductor
TCD1209DG TOSHIBA-TCD1209DG Datasheet
177Kb / 2P
2048-elements, for optical character reader(OCR) and fax machines
logo
Pepperl+Fuchs Inc.
OHV2000-F221-B15 PF-OHV2000-F221-B15 Datasheet
744Kb / 3P
Handheld reader
logo
Festo Corporation.
2930233 FESTO-2930233 Datasheet
84Kb / 2P
Code Reader
8058723 FESTO-8058723 Datasheet
83Kb / 2P
Code Reader
2930239 FESTO-2930239 Datasheet
83Kb / 2P
Code Reader
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com