Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PGV100A-F200-B28-V1D Datasheet(PDF) 6 Page - Pepperl+Fuchs Inc.

Part # PGV100A-F200-B28-V1D
Description  Optical reader - safePGV
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PF [Pepperl+Fuchs Inc.]
Direct Link  https://www.pepperl-fuchs.com/
Logo PF - Pepperl+Fuchs Inc.

PGV100A-F200-B28-V1D Datasheet(HTML) 6 Page - Pepperl+Fuchs Inc.

  PGV100A-F200-B28-V1D Datasheet HTML 1Page - Pepperl+Fuchs Inc. PGV100A-F200-B28-V1D Datasheet HTML 2Page - Pepperl+Fuchs Inc. PGV100A-F200-B28-V1D Datasheet HTML 3Page - Pepperl+Fuchs Inc. PGV100A-F200-B28-V1D Datasheet HTML 4Page - Pepperl+Fuchs Inc. PGV100A-F200-B28-V1D Datasheet HTML 5Page - Pepperl+Fuchs Inc. PGV100A-F200-B28-V1D Datasheet HTML 6Page - Pepperl+Fuchs Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
PGV100A-F200-B28-V1D
6
Germany: +49 621 776 1111
Pepperl+Fuchs Group
Refer to "General Notes Relating to Pepperl+Fuchs Product Information".
USA: +1 330 486 0001
Singapore: +65 6779 9091
www.pepperl-fuchs.com
fa-info@us.pepperl-fuchs.com
fa-info@sg.pepperl-fuchs.com
fa-info@de.pepperl-fuchs.com
Optical reader - safePGV
Function
The reader forms part of the positioning system in the Pepperl+Fuchs incident light process, working with stationary Data Matrix
code tapes mounted on the ground. The device's features include a camera module with an internal illumination unit, which
follows a stationary Data Matrix code tape affixed to the ground in parallel in order to reliably detect the position. The device can
be used in all applications where automated guided vehicles (AGV) are to be positioned precisely at marked positions along a
given spur.
The positioning system issues position values that achieve the reliability required by SIL 3 and PL e, provided that the device is
properly integrated into the plant according to the specifications given in the original instructions.
Mounting and Commissioning
Mount the reader such that the optical surface of the device captures the optimal reading distance to the Data Matrix code tape
(see "Technical Data"). The stability of the mounting and the manner in which the vehicle is guided ensure that the reader is not
operated outside of its depth of focus range. The code tape must not leave the maximum reading window for the reader during
this process.
Displays and Operating Elements
The reader is equipped with the following indicator LEDs for carrying out visual function checks and quick diagnostics:
LEDs
The SERVICE button on the back of the device is used for internal service purposes.
Additional Information
LED
Color
Label
Meaning
1
Green
BUS LINK
PROFINET connection activated
2
Yellow
BUS TX/RX
Data transfer
3
Red
BUS ERR
PROFINET communication error
4
Red/green
PWR
SYSERR/NO
CODE
Code detected/not detected, error
5
-
-
No function
6
-
-
No function
7
Red/green/ye
llow
INTERNAL
DIAGNOSTIC
Internal diagnostics


Similar Part No. - PGV100A-F200-B28-V1D

ManufacturerPart #DatasheetDescription
logo
Pepperl+Fuchs Inc.
PGV100A-F200A-B28-V1D PF-PGV100A-F200A-B28-V1D Datasheet
1Mb / 6P
Optical reader - safePGV
More results

Similar Description - PGV100A-F200-B28-V1D

ManufacturerPart #DatasheetDescription
logo
Pepperl+Fuchs Inc.
PGV100A-F200A-B28-V1D PF-PGV100A-F200A-B28-V1D Datasheet
1Mb / 6P
Optical reader - safePGV
PXV100A-F200-B28-V1D-6011 PF-PXV100A-F200-B28-V1D-6011 Datasheet
1Mb / 7P
Optical reader - safePXV
PXV100A-F200-B28-V1D PF-PXV100A-F200-B28-V1D Datasheet
1Mb / 6P
Optical reader - safePXV
PXV100AQ-F200-B28-V1D PF-PXV100AQ-F200-B28-V1D Datasheet
1Mb / 7P
Optical reader - safePXV
logo
Agilent(Hewlett-Packard...
HBCS-A998 HP-HBCS-A998 Datasheet
197Kb / 3P
Bar Code Reader Tips and Optical Nest Assembly
logo
Toshiba Semiconductor
TCD1209DG TOSHIBA-TCD1209DG Datasheet
177Kb / 2P
2048-elements, for optical character reader(OCR) and fax machines
logo
Pepperl+Fuchs Inc.
OHV2000-F221-B15 PF-OHV2000-F221-B15 Datasheet
744Kb / 3P
Handheld reader
logo
Festo Corporation.
2930233 FESTO-2930233 Datasheet
84Kb / 2P
Code Reader
8058723 FESTO-8058723 Datasheet
83Kb / 2P
Code Reader
2930239 FESTO-2930239 Datasheet
83Kb / 2P
Code Reader
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com