Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PGV100A-F200-B28-V1D Datasheet(PDF) 4 Page - Pepperl+Fuchs Inc.

Part # PGV100A-F200-B28-V1D
Description  Optical reader - safePGV
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PF [Pepperl+Fuchs Inc.]
Direct Link  https://www.pepperl-fuchs.com/
Logo PF - Pepperl+Fuchs Inc.

PGV100A-F200-B28-V1D Datasheet(HTML) 4 Page - Pepperl+Fuchs Inc.

  PGV100A-F200-B28-V1D Datasheet HTML 1Page - Pepperl+Fuchs Inc. PGV100A-F200-B28-V1D Datasheet HTML 2Page - Pepperl+Fuchs Inc. PGV100A-F200-B28-V1D Datasheet HTML 3Page - Pepperl+Fuchs Inc. PGV100A-F200-B28-V1D Datasheet HTML 4Page - Pepperl+Fuchs Inc. PGV100A-F200-B28-V1D Datasheet HTML 5Page - Pepperl+Fuchs Inc. PGV100A-F200-B28-V1D Datasheet HTML 6Page - Pepperl+Fuchs Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Indication
SERVICE
NO FUNCTION
1
2
LED
1
2
3
4
5
6
7
Matching System Components
PXV*-AA25-*
Data Matrix code tape
VAZ-V1S-B
Blind plug for M12 sockets
Accessories
PCV-AG100
Alignment guide for PCV100-* read head
PCV-SC12
Grounding clip for PCV system
PCV-SC12A
Grounding clip for PCV system
PCV-LM25
Marker head for 25 mm code tape
PCV-MB1
Mounting bracket for PCV* read head
V1SD-G-2M-PUR-ABG-
V1SD-G
Ethernet bus cable, M12 to M12, PUR cable 4-pin, CAT5e
V1SD-G-5M-PUR-ABG-
V1SD-G
Ethernet bus cable, M12 to M12, PUR cable 4-pin, CAT5e
V1SD-G-10M-PUR-ABG-
V1SD-G
Ethernet bus cable, M12 to M12, PUR cable 4-pin, CAT5e
Optical reader - safePGV
PGV100A-F200-B28-V1D
4
Germany: +49 621 776 1111
Pepperl+Fuchs Group
Refer to "General Notes Relating to Pepperl+Fuchs Product Information".
USA: +1 330 486 0001
Singapore: +65 6779 9091
www.pepperl-fuchs.com
fa-info@us.pepperl-fuchs.com
fa-info@sg.pepperl-fuchs.com
fa-info@de.pepperl-fuchs.com


Similar Part No. - PGV100A-F200-B28-V1D

ManufacturerPart #DatasheetDescription
logo
Pepperl+Fuchs Inc.
PGV100A-F200A-B28-V1D PF-PGV100A-F200A-B28-V1D Datasheet
1Mb / 6P
   Optical reader - safePGV
More results

Similar Description - PGV100A-F200-B28-V1D

ManufacturerPart #DatasheetDescription
logo
Pepperl+Fuchs Inc.
PGV100A-F200A-B28-V1D PF-PGV100A-F200A-B28-V1D Datasheet
1Mb / 6P
   Optical reader - safePGV
PXV100A-F200-B28-V1D-6011 PF-PXV100A-F200-B28-V1D-6011 Datasheet
1Mb / 7P
   Optical reader - safePXV
PXV100A-F200-B28-V1D PF-PXV100A-F200-B28-V1D Datasheet
1Mb / 6P
   Optical reader - safePXV
PXV100AQ-F200-B28-V1D PF-PXV100AQ-F200-B28-V1D Datasheet
1Mb / 7P
   Optical reader - safePXV
logo
Agilent(Hewlett-Packard...
HBCS-A998 HP-HBCS-A998 Datasheet
197Kb / 3P
   Bar Code Reader Tips and Optical Nest Assembly
logo
Toshiba Semiconductor
TCD1209DG TOSHIBA-TCD1209DG Datasheet
177Kb / 2P
   2048-elements, for optical character reader(OCR) and fax machines
logo
Pepperl+Fuchs Inc.
OHV2000-F221-B15 PF-OHV2000-F221-B15 Datasheet
744Kb / 3P
   Handheld reader
logo
Festo Corporation.
2930233 FESTO-2930233 Datasheet
84Kb / 2P
   Code Reader
8058723 FESTO-8058723 Datasheet
83Kb / 2P
   Code Reader
2930239 FESTO-2930239 Datasheet
83Kb / 2P
   Code Reader
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com