Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

26121604 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 26121604
Description  Network cable - VS-OE-OE-94C-100,0
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

26121604 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  26121604 Datasheet HTML 1Page - PHOENIX CONTACT 26121604 Datasheet HTML 2Page - PHOENIX CONTACT 26121604 Datasheet HTML 3Page - PHOENIX CONTACT 26121604 Datasheet HTML 4Page - PHOENIX CONTACT 26121604 Datasheet HTML 5Page - PHOENIX CONTACT 26121604 Datasheet HTML 6Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
https://www.phoenixcontact.com/us/products/1416318
08/30/2021   Page 1 / 6
Network cable - VS-OE-OE-94C-100,0 - 1416318
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
Network cable, Ethernet CAT5 (1 Gbps), 8-position, PUR halogen-free, water blue RAL 5021, shielded, free cable
end, on free cable end, cable length: 100 m, For drag chains
Key Commercial Data
Packing unit
1 pc
GTIN
GTIN
4046356475617
Weight per Piece (excluding packing)
5,520.000 g
Custom tariff number
85444995
Country of origin
Germany
Technical data
Dimensions
Length of cable
100 m
General data
Number of positions
8
Signal type/category
Ethernet CAT5 (IEC 11801), 1 Gbps
Transmission characteristics (category)
CAT5
Transmission speed
1 Gbps
Cable
Cable type
Ethernet drag chain CAT5, 4-pair
Cable type (abbreviation)
94C
UL AWM style
20963 (80°C/30 V)


Similar Part No. - 26121604

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
26121604 PHOENIX-26121604 Datasheet
63Kb / 5P
Coupling - VS-MP-PPC/CG-10G
26121604 PHOENIX-26121604 Datasheet
61Kb / 2P
Coupling - VS-MP-PPC/CG-PO
26121604 PHOENIX-26121604 Datasheet
68Kb / 2P
Coupling - VS-MP-PPC/CG-PO/10G
26121604 PHOENIX-26121604 Datasheet
61Kb / 2P
Coupling - VS-MP-PPC/PPC-PO
26121604 PHOENIX-26121604 Datasheet
63Kb / 5P
Coupling - VS-MP-PPC/CG-XL-10G
More results

Similar Description - 26121604

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1416570 PHOENIX-1416570 Datasheet
92Kb / 4P
Network cable - VS-OE-OE-936-100,0
1419152 PHOENIX-1419152 Datasheet
292Kb / 7P
Network cable - VS-OE-OE-93G-100,0
1416295 PHOENIX-1416295 Datasheet
265Kb / 6P
Network cable - VS-OE-OE-93E-100,0
1416334 PHOENIX-1416334 Datasheet
400Kb / 5P
Network cable - VS-OE-OE-94D-100,0
1417333 PHOENIX-1417333 Datasheet
305Kb / 7P
Network cable - VS-OE-OE-94B
1416389 PHOENIX-1416389 Datasheet
334Kb / 10P
Network cable - VS-OE-OE-93B-100,0
1416392 PHOENIX-1416392 Datasheet
219Kb / 5P
Network cable - VS-OE-OE-93A-100,0
1416376 PHOENIX-1416376 Datasheet
102Kb / 6P
Network cable - VS-OE-OE-93C-100,0
09/11/2020
1412794 PHOENIX-1412794 Datasheet
288Kb / 8P
VS-M12MS-OE-94C-LI/2,0 - Network cable
1412655 PHOENIX-1412655 Datasheet
284Kb / 9P
VS-IP20-OE-94C-LI/5,0 - Network cable
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com