Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

26121604 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 26121604
Description  Network cable - NBC-M12MSX/1,0-94F/M12FSX
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

26121604 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  26121604 Datasheet HTML 1Page - PHOENIX CONTACT 26121604 Datasheet HTML 2Page - PHOENIX CONTACT 26121604 Datasheet HTML 3Page - PHOENIX CONTACT 26121604 Datasheet HTML 4Page - PHOENIX CONTACT 26121604 Datasheet HTML 5Page - PHOENIX CONTACT 26121604 Datasheet HTML 6Page - PHOENIX CONTACT 26121604 Datasheet HTML 7Page - PHOENIX CONTACT 26121604 Datasheet HTML 8Page - PHOENIX CONTACT 26121604 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
https://www.phoenixcontact.com/us/products/1080742
08/30/2021   Page 1 / 14
Network cable - NBC-M12MSX/1,0-94F/M12FSX - 1080742
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
Network cable, Ethernet CAT6A (10 Gbps) CAT6A (10 Gbps), 8-position, PUR halogen-free, water blue RAL 5021,
shielded (Advanced Shielding Technology), Plug straight M12 / IP67, coding: X, on Socket straight M12 / IP67,
coding: X, cable length: 1 m
Key Commercial Data
Packing unit
1 pc
GTIN
GTIN
4055626806457
Custom tariff number
85444290
Country of origin
Poland
Technical data
Dimensions
Length of cable
1 m
Ambient conditions
Degree of protection
IP65
IP67
General data
Rated current at 40°C
0.5 A
Rated voltage
48 V AC
60 V DC
Number of positions
8
Signal type/category
Ethernet CAT6A, 10 Gbps
Standards/regulations
M12 connector IEC 61076-2-109


Similar Part No. - 26121604

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
26121604 PHOENIX-26121604 Datasheet
188Kb / 13P
   Bus system cable - SAC-5P-MR/ 2,0-923/FS CAN SCO
09/11/2020
26121604 PHOENIX-26121604 Datasheet
377Kb / 14P
   Network cable - NBC-M12MSX/1,0-94F/M12MRX
26121604 PHOENIX-26121604 Datasheet
295Kb / 8P
   Network cable - NBC-M8MSD/ 1,0-93C/M8MSD
26121604 PHOENIX-26121604 Datasheet
236Kb / 16P
   Network cable - NBC- 1,0-94B/FS SCO
09/11/2020
26121604 PHOENIX-26121604 Datasheet
63Kb / 5P
   Coupling - VS-MP-PPC/CG-10G
More results

Similar Description - 26121604

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1080728 PHOENIX-1080728 Datasheet
370Kb / 14P
   Network cable - NBC-1,0-94F/M12FSX
1407467 PHOENIX-1407467 Datasheet
911Kb / 27P
   Network cable - NBC-M12MSX/ 1,0-94F
1080743 PHOENIX-1080743 Datasheet
384Kb / 14P
   Network cable - NBC-M12MSX/2,0-94F/M12FSX
1080744 PHOENIX-1080744 Datasheet
384Kb / 14P
   Network cable - NBC-M12MSX/5,0-94F/M12FSX
1080745 PHOENIX-1080745 Datasheet
384Kb / 14P
   Network cable - NBC-M12MSX/10,0-94F/M12FSX
1407471 PHOENIX-1407471 Datasheet
1Mb / 28P
   Network cable - NBC-M12MSX/ 1,0-94F/R4AC
Jan 11, 2023
1080733 PHOENIX-1080733 Datasheet
374Kb / 14P
   Network cable - NBC-M12FSX/1,0-94F/R4AC
1080724 PHOENIX-1080724 Datasheet
377Kb / 14P
   Network cable - NBC-M12MSX/1,0-94F/M12MRX
1080738 PHOENIX-1080738 Datasheet
428Kb / 14P
   Network cable - NBC-M12FSX/1,0-94F/R4RC
1080751 PHOENIX-1080751 Datasheet
373Kb / 14P
   Network cable - NBC-M12MSX/1,0-94F/M12FRX
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com