Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

26121604 Datasheet(PDF) 7 Page - PHOENIX CONTACT

Part # 26121604
Description  Network cable - NBC-M12MSX/1,0-94F/M12FSX
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

26121604 Datasheet(HTML) 7 Page - PHOENIX CONTACT

Back Button 26121604 Datasheet HTML 3Page - PHOENIX CONTACT 26121604 Datasheet HTML 4Page - PHOENIX CONTACT 26121604 Datasheet HTML 5Page - PHOENIX CONTACT 26121604 Datasheet HTML 6Page - PHOENIX CONTACT 26121604 Datasheet HTML 7Page - PHOENIX CONTACT 26121604 Datasheet HTML 8Page - PHOENIX CONTACT 26121604 Datasheet HTML 9Page - PHOENIX CONTACT 26121604 Datasheet HTML 10Page - PHOENIX CONTACT 26121604 Datasheet HTML 11Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
https://www.phoenixcontact.com/us/products/1080742
08/30/2021   Page 7 / 14
Network cable - NBC-M12MSX/1,0-94F/M12FSX - 1080742
Classifications
UNSPSC
UNSPSC 18.0
26121604
UNSPSC 19.0
26121604
UNSPSC 20.0
26121604
UNSPSC 21.0
26121604
Approvals
Approvals
Approvals
UL Listed / cUL Listed / cULus Listed
Ex Approvals
Approval details
UL Listed 
 http://database.ul.com/cgi-bin/XYV/template/LISEXT/1FRAME/index.htm
 FILE E 335024
 
 
Nominal voltage UN
30 V
Nominal current IN
0.5 A
cUL Listed 
 http://database.ul.com/cgi-bin/XYV/template/LISEXT/1FRAME/index.htm
 FILE E 335024
 
 
Nominal voltage UN
30 V
Nominal current IN
0.5 A
cULus Listed 
 
 
Accessories
Accessories


Similar Part No. - 26121604

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
26121604 PHOENIX-26121604 Datasheet
63Kb / 5P
Coupling - VS-MP-PPC/CG-10G
26121604 PHOENIX-26121604 Datasheet
61Kb / 2P
Coupling - VS-MP-PPC/CG-PO
26121604 PHOENIX-26121604 Datasheet
68Kb / 2P
Coupling - VS-MP-PPC/CG-PO/10G
26121604 PHOENIX-26121604 Datasheet
61Kb / 2P
Coupling - VS-MP-PPC/PPC-PO
26121604 PHOENIX-26121604 Datasheet
63Kb / 5P
Coupling - VS-MP-PPC/CG-XL-10G
More results

Similar Description - 26121604

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1080724 PHOENIX-1080724 Datasheet
377Kb / 14P
Network cable - NBC-M12MSX/1,0-94F/M12MRX
1080743 PHOENIX-1080743 Datasheet
384Kb / 14P
Network cable - NBC-M12MSX/2,0-94F/M12FSX
1080744 PHOENIX-1080744 Datasheet
384Kb / 14P
Network cable - NBC-M12MSX/5,0-94F/M12FSX
1080745 PHOENIX-1080745 Datasheet
384Kb / 14P
Network cable - NBC-M12MSX/10,0-94F/M12FSX
1080728 PHOENIX-1080728 Datasheet
370Kb / 14P
Network cable - NBC-1,0-94F/M12FSX
1080738 PHOENIX-1080738 Datasheet
428Kb / 14P
Network cable - NBC-M12FSX/1,0-94F/R4RC
1080733 PHOENIX-1080733 Datasheet
374Kb / 14P
Network cable - NBC-M12FSX/1,0-94F/R4AC
1080751 PHOENIX-1080751 Datasheet
373Kb / 14P
Network cable - NBC-M12MSX/1,0-94F/M12FRX
1407471 PHOENIX-1407471 Datasheet
1Mb / 28P
Network cable - NBC-M12MSX/ 1,0-94F/R4AC
Jan 11, 2023
1407467 PHOENIX-1407467 Datasheet
911Kb / 27P
Network cable - NBC-M12MSX/ 1,0-94F
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com