Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

QPB7432SQ Datasheet(PDF) 4 Page - Qorvo, Inc

Part # QPB7432SQ
Description  FTTH xPON Video Receiver
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

QPB7432SQ Datasheet(HTML) 4 Page - Qorvo, Inc

  QPB7432SQ Datasheet HTML 1Page - Qorvo, Inc QPB7432SQ Datasheet HTML 2Page - Qorvo, Inc QPB7432SQ Datasheet HTML 3Page - Qorvo, Inc QPB7432SQ Datasheet HTML 4Page - Qorvo, Inc QPB7432SQ Datasheet HTML 5Page - Qorvo, Inc QPB7432SQ Datasheet HTML 6Page - Qorvo, Inc QPB7432SQ Datasheet HTML 7Page - Qorvo, Inc QPB7432SQ Datasheet HTML 8Page - Qorvo, Inc QPB7432SQ Datasheet HTML 9Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
QPB7432
FTTH xPON Video Receiver
Data Sheet –Rev C, July 20, 2019 | Subject to change without notice
- 4 of 26 -
www.qorvo.com
Designator
Description
Manufacturer
Part Number
U1
FTTH - Low EINC Optical Front End(5V,32dB)
Qorvo
QPB7432
U2
CATV Voltage Controlled Attenuator
Qorvo
RFSA3043
U3
CATV, FTTx LNA (5V, 50mA 20dB)
Qorvo
QPB7420
PCB BARE BOARD
PCB, QPB7432
TTM Technologies
287720
C21
CAP, 100 pF, 5%, 50V, C0G, 0402
Murata Electronics
GRM1555C1H101JA01D
C22, C17, C41
CAP, 100 pF, 5%, 50V, C0G, 0402
Murata Electronics
GRM155R71E103KA01D
C5, C19
CAP, 10 uF, 10%, 16V, TANT-B
AVX Asia Limited
TAJB106K016RNJ
C40
CAP, 0.6 pF, ±0.05pF, 50V, HI-Q, 0402
Murata Electronics
GJM1555C1HR60WB01D
C6, C9, C10, C11, C12,
C13, C14, C20, C37, C43
CAP, 1000 pF, 10%, 50V, STD, 0402
Taiyo Yuden
UMK105B7102KV-F
C16
CAP, 150 pF, 5%, 50V, 0402
Murata Electronics
GRM1555C1H151JA01D
C8
CAP, 330 pF,10%, 50V, 0402
Murata Electronics
GRM155R71H331KA01E
C1, C2, C7, C15, C18
CAP, 100 nF, 10%, 16V, 0603
Murata Electronics
GRM188R71C104KA01D
C42
CAP, 0.3 pF, 0.1pF, 50V, COG, 0402
Murata Electronics
GJM1555C1HR30BB01D
R9
RES, 56 Ω, 5%, 1/10W, 0402
Panasonic Industrial
ERJ-2GEJ560X
L4, L7,R10, R36, R20, R42
RES, 0 Ω, 5%, 1/10W, 0402
Kamaya, Inc
RMC1/16SJPTH
R7
RES, 22 Ω, 5%, 1/16W, 0402
Kamaya, Inc
RMC1/16S-220JTH
R15, R44
RES, 100 Ω, 5%, 1/16W, 0402
Kamaya, Inc
RMC1/16S-101JTH
R1
RES, 330 Ω, 5%, 1/16W, 0402
Kamaya, Inc
RMC1/16S-331JTH
R6
RES, 1.5 M Ω, 5%, 1/16W, 0402
Kamaya, Inc
RMC1/16S-155JTH
R43, R45
RES, 3.92 K Ω, 1%, 1/16W, 0402
Panasonic Industrial
ERJ-2RKF3921X
R18, R23
RES, 10K Ω, 1%, 1/16W, 0402
Panasonic Industrial
ERJ-2RKF1002X
R40
RES, 910 Ω, 5%, 1/16W, 0402
Panasonic Industrial
ERJ-2GEJ911X
R3, R8
RES, 20 Ω, 5%, 1/4W, 1206
Panasonic Industrial
ERJ-8GEYJ200V
R4, R41
RES, 200 Ω, 5%, 1/16W, 0402
Panasonic Industrial
ERJ-2GEJ201
R19
RES, 6.8K Ω, 5%, 1/16W, 0402
Panasonic Industrial
ERJ-2GEJ682
R11, R12, R13, R14, R16
RES, 120 Ω, 5%, 1/4W, 1206
Panasonic Industrial
ERJ-8GEYJ121V
R2, R5, R17
RES, 0 Ω, 0603
R29, R30
RES, 1 K Ω, 1%, 1/10W, 0402
KOA Europe GmbH
RK73H1ETTPL1001F
L14
IND, 47 nH, W/W, 0402
Coilcraft, Inc.
0402CS-47NXGRW
L13
IND, 12 nH, 5%, M/L, 0402
Murata Electronics
LQG15HN12NJ02D
L5, L9
IND, 1 uH, 5%, W/W, 0805
Coilcraft, Inc.
0805LS-102XJLC
L3
IND, 880 nH, 5%, W/W, 0805
Gowanda Electronics
CC0805-880J-2
L10
IND, 470 nH, 5%, W/W, 0805
Coilcraft, Inc.
0805LS-471XJRC
L2, L8, L17
IND, 6.8 nH, 2%, W/W, 0402
Murata Electronics
LQW15AN6N8G00D
L6
IND, 2.2 nH, +/-0.2nH, W/W, 0402
Murata Electronics
LQW15AN2N2C10D
HEAT SINK BLOCK
HEATSINK BLOCK, 1.5 X 2.0 IN
Shenzhen Minxingda
EEF-105441
L12
FER, BEAD, 1500 Ω, 500 mA, 0603
Murata Electronics
BLM18HE152SN1D
P2
CONN, HDR, ST, 6-PIN, 0.100"
SAMTEC INC.
TSW-106-07-G-S
J2
CONN, F FEM EDGE MOUNT, 75 Ω, 0.068"
Millimeter Wave Tech
MW-846-C-DD-75
SCREW2-56X3/16A,B,C,D
SCREW, 2-56X3/16", SOCKET HEAD
McMaster-Carr Supply
92196A076
R37
RES, 178 Ω, 1%, 0.05W, 0402
Vishay Amercias
M55342K11B178DSW
C4, C45, C30, C33, C34,
C35, C36, L11, L15, L16,
R24, R25, R33, R38, R39,
PD1
NOT POPULATED ITEM-1
DUMMY PART
Bill of Materials: Optical Receiver Application EVB – QPB7432PCK


Similar Part No. - QPB7432SQ

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
QPB7432SQ QORVO-QPB7432SQ Datasheet
2Mb / 26P
   FTTH xPON Video Receiver
3 Sep 2021
More results

Similar Description - QPB7432SQ

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
QPB7432 QORVO-QPB7432_V01 Datasheet
2Mb / 26P
   FTTH xPON Video Receiver
3 Sep 2021
QPL7434 QORVO-QPL7434 Datasheet
1Mb / 11P
   xPON Video Receiver
QPB8888 QORVO-QPB8888 Datasheet
1Mb / 12P
   xPON Video Receiver
logo
TriQuint Semiconductor
QPB8888 TRIQUINT-QPB8888 Datasheet
1Mb / 12P
   xPON Video Receiver
logo
RF Micro Devices
RFRX8888 RFMD-RFRX8888 Datasheet
1Mb / 14P
   xPON Video Receiver
logo
Qorvo, Inc
QPB9015 QORVO-QPB9015 Datasheet
1Mb / 15P
   xPON Video Receiver with integrated VCA
logo
Agere Systems
7810 AGERE-7810 Datasheet
49Kb / 4P
   7810 Video Receiver Module
logo
New Japan Radio
NJM2507 NJRC-NJM2507 Datasheet
115Kb / 6P
   VIDEO DIFFERENTIAL INPUT RECEIVER
logo
IOGEAR
GPLHDRX IOGEAR-GPLHDRX Datasheet
158Kb / 2P
   Video Over Powerline PRO Receiver
logo
List of Unclassifed Man...
VSX-91TXH ETC1-VSX-91TXH Datasheet
3Mb / 88P
   AUDIO/VIDEO MULTI-CHANNEL RECEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com