Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

QPB7432SQ Datasheet(PDF) 2 Page - Qorvo, Inc

Part # QPB7432SQ
Description  FTTH xPON Video Receiver
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

QPB7432SQ Datasheet(HTML) 2 Page - Qorvo, Inc

  QPB7432SQ Datasheet HTML 1Page - Qorvo, Inc QPB7432SQ Datasheet HTML 2Page - Qorvo, Inc QPB7432SQ Datasheet HTML 3Page - Qorvo, Inc QPB7432SQ Datasheet HTML 4Page - Qorvo, Inc QPB7432SQ Datasheet HTML 5Page - Qorvo, Inc QPB7432SQ Datasheet HTML 6Page - Qorvo, Inc QPB7432SQ Datasheet HTML 7Page - Qorvo, Inc QPB7432SQ Datasheet HTML 8Page - Qorvo, Inc QPB7432SQ Datasheet HTML 9Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
QPB7432
FTTH xPON Video Receiver
Data Sheet –Rev C, July 20, 2019 | Subject to change without notice
- 2 of 26 -
www.qorvo.com
Absolute Maximum Ratings
Parameter
Rating
Supply Voltage (VDD)
+6 V
Supply Current (IDD)
392 mA
Storage Temperature Range
−40 to +150 °C
Operating Temperature Range
-40 to +85°C
Maximum Junction Temperature
+150 °C
Maximum RF Input Power
-10 dBm
Exceeding any one or a combination of the Absolute Maximum Rating conditions may cause permanent damage to the device.
Extended application of Absolute Maximum Rating conditions to the device may reduce device reliability.
Optical Input Requirements
Parameter
Unit
Min
Typical
Max
Optical Input Power
dBm
−18
0
Optical Modulation Index (OMI)
% / Ch (79ch)
3.5
1550 nm PIN Responsivity
mA/mW
0.95
1550 nm PIN Capacitance
pF
0.35
Optical to Electrical Receiver Application Specifications
Parameter
Condition (1)
Min
Typ
Max
Unit
Supply Current (IDD)
Steady state operation
160
mA
Frequency Range
47
1218
MHz
Optical Gain
At 550MHz. O/E gain is defined by 20*log (Zt/75)
44.5
dB
Gain Flatness
±1.5
dB
Tilt
Linear tilt from 45 – 1218 MHz; higher tilt can be
achieved by changing components
6
dB
Equivalent Input Noise
3.5
pA / √Hz
RF Output Level at
547.25 MHz
RF Output Level at 547.25 MHz
+14
dBmV/ch
At 45 MHz
−17
dB
Output Return Loss
At 600 MHz
−15
dB
At 1218 MHz
−18
dB
MER
90MHz to 850MHz, 0dB tilt, 96 channels, 8MHz
spacing. ITU-T Annex A 256 QAM 6.952
Msymbols/s. OMI = 3.5%
32
dB
BER
2.0E-5
Gain Control Range
Using suggested application circuit
30
dB
Notes:
1. Typical performance at these conditions:
Temperature =+25 °C, VDD=+5 V, Optical Input to Electrical RF Out - Receiver reference design


Similar Part No. - QPB7432SQ

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
QPB7432SQ QORVO-QPB7432SQ Datasheet
2Mb / 26P
   FTTH xPON Video Receiver
3 Sep 2021
More results

Similar Description - QPB7432SQ

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
QPB7432 QORVO-QPB7432_V01 Datasheet
2Mb / 26P
   FTTH xPON Video Receiver
3 Sep 2021
QPL7434 QORVO-QPL7434 Datasheet
1Mb / 11P
   xPON Video Receiver
QPB8888 QORVO-QPB8888 Datasheet
1Mb / 12P
   xPON Video Receiver
logo
TriQuint Semiconductor
QPB8888 TRIQUINT-QPB8888 Datasheet
1Mb / 12P
   xPON Video Receiver
logo
RF Micro Devices
RFRX8888 RFMD-RFRX8888 Datasheet
1Mb / 14P
   xPON Video Receiver
logo
Qorvo, Inc
QPB9015 QORVO-QPB9015 Datasheet
1Mb / 15P
   xPON Video Receiver with integrated VCA
logo
Agere Systems
7810 AGERE-7810 Datasheet
49Kb / 4P
   7810 Video Receiver Module
logo
New Japan Radio
NJM2507 NJRC-NJM2507 Datasheet
115Kb / 6P
   VIDEO DIFFERENTIAL INPUT RECEIVER
logo
IOGEAR
GPLHDRX IOGEAR-GPLHDRX Datasheet
158Kb / 2P
   Video Over Powerline PRO Receiver
logo
List of Unclassifed Man...
VSX-91TXH ETC1-VSX-91TXH Datasheet
3Mb / 88P
   AUDIO/VIDEO MULTI-CHANNEL RECEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com