Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

QPB7432SQ Datasheet(PDF) 18 Page - Qorvo, Inc

Part # QPB7432SQ
Description  FTTH xPON Video Receiver
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

QPB7432SQ Datasheet(HTML) 18 Page - Qorvo, Inc

Back Button QPB7432SQ Datasheet HTML 14Page - Qorvo, Inc QPB7432SQ Datasheet HTML 15Page - Qorvo, Inc QPB7432SQ Datasheet HTML 16Page - Qorvo, Inc QPB7432SQ Datasheet HTML 17Page - Qorvo, Inc QPB7432SQ Datasheet HTML 18Page - Qorvo, Inc QPB7432SQ Datasheet HTML 19Page - Qorvo, Inc QPB7432SQ Datasheet HTML 20Page - Qorvo, Inc QPB7432SQ Datasheet HTML 21Page - Qorvo, Inc QPB7432SQ Datasheet HTML 22Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 26 page
background image
QPB7432
FTTH xPON Video Receiver
Data Sheet –Rev C, July 20, 2019 | Subject to change without notice
- 18 of 26 -
www.qorvo.com
Bill of Materials: Optical to Electrical EVB –  QPB7432PCK-3
Designator
Description
Manufacturer
Part Number
U1
FTTH - Low EINC Optical Front End
Qorvo
QPB7432
C21, L7
CAP, 100pF, 5%, 50V, C0G, 0402
Murata Electronics
GRM1555C1H101JA01D
C15, C18
CAP, 0.1uF, 10%, 16V, X7R, 0603
Murata Electronics
GRM188R71C104KA01D
C19
CAP, 10uF, 10%, 16V, TANT-B
AVX Asia Limited
TAJB106K016RNJ
C34
CAP, 2.4pF, +/-0.25pF, 25V, HI-Q, 01005
Taiyo Yuden
TVS042CG2R4CC-W
C8, C9, C10, C12,
C20, C37, C43, L15
CAP, 1000pF, 10%, 50V, X7R, 0402
Taiyo Yuden
UMK105B7102KV-F
C36
CAP, 1pF, +/-0.1pF, 100V, HI-Q, 0402
Kamaya, Inc
RF15N1R0B101CT
R37
RES, 178 Ohms, 1%, 0.05W, 0402
Vishay Americas Inc
M55342K11B178DSW
R9
RES, 56 OHM, 5%, 1/10W, 0402
Panasonic Industrial Devices
Sales
ERJ-2GEJ560X
R10, R42
RES, 0 OHM, 5%, 1/10W, 0402
Kamaya, Inc
RMC1/16SJPTH
R6
RES, 1.5M, 5%, 1/16W, 0402
Kamaya, Inc
RMC1/16S-155JTH
R43, R45
RES, 3.92K, 1%, 1/16W, 0402
Panasonic Industrial Devices
ERJ-2RKF3921X
R23
RES, 10K, 1%, 1/16W, 0402
Panasonic Industrial Devices
ERJ-2RKF1002X
R4
RES, 200 OHM, 5%, 1/16W, 0402
Panasonic Industrial Devices
ERJ-2GEJ201
R2, R5
Res, 0R /0603/Chip
PD1
DIO, PHOTO, 1000-1650nm, 6GHz, SC/APC
SWT Beijing
PDS133-CSA-C0104
R36
IND, 10nH, 3%, 500mA, W/W, 0402
Murata Electronics
LQW15AN10NH00D
L4
IND, 12nH, 3%, W/W, 0402
Murata Electronics
LQW15AN12NH00D
L9
IND, 1uH, 5%, W/W, 0805
Coil craft, Inc.
0805LS-102XJLC
L3
IND, 880nH, 5%, W/W, 0805
Gowanda Electronics
CC0805-880J-2
L10
IND, 470nH, 5%, W/W, 0805
Coil craft, Inc.
0805LS-471XJRC
L13
IND, 4.7nH, +/-0.1nH, W/W, 0402
Murata Electronics
LQW15AN4N7B00D
L17
IND, 6.8nH, 2%, W/W, 0402
Murata Electronics
LQW15AN6N8G00D
L6
IND, 2.2nH, +/-0.2nH, W/W, 0402
Murata Electronics
LQW15AN2N2C10D
L12
FER, BEAD, 1500 OHM, 500mA, 0603
Murata Electronics
BLM18HE152SN1D
P1
CONN, HDR, ST, 3-PIN, 0.100"
SAMTEC INC.
TSW-103-07-G-S
J2
CONN, F FEM EDGE MOUNT, 75Ohms
Millimeter Wave Tech., LLC
MW-846-C-DD-75
C4, C45, C33, L16,
R24, R25, R33
NOT POPULATED ITEM-1
DUMMY PART


Similar Part No. - QPB7432SQ

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
QPB7432SQ QORVO-QPB7432SQ Datasheet
2Mb / 26P
   FTTH xPON Video Receiver
3 Sep 2021
More results

Similar Description - QPB7432SQ

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
QPB7432 QORVO-QPB7432_V01 Datasheet
2Mb / 26P
   FTTH xPON Video Receiver
3 Sep 2021
QPL7434 QORVO-QPL7434 Datasheet
1Mb / 11P
   xPON Video Receiver
QPB8888 QORVO-QPB8888 Datasheet
1Mb / 12P
   xPON Video Receiver
logo
TriQuint Semiconductor
QPB8888 TRIQUINT-QPB8888 Datasheet
1Mb / 12P
   xPON Video Receiver
logo
RF Micro Devices
RFRX8888 RFMD-RFRX8888 Datasheet
1Mb / 14P
   xPON Video Receiver
logo
Qorvo, Inc
QPB9015 QORVO-QPB9015 Datasheet
1Mb / 15P
   xPON Video Receiver with integrated VCA
logo
Agere Systems
7810 AGERE-7810 Datasheet
49Kb / 4P
   7810 Video Receiver Module
logo
New Japan Radio
NJM2507 NJRC-NJM2507 Datasheet
115Kb / 6P
   VIDEO DIFFERENTIAL INPUT RECEIVER
logo
IOGEAR
GPLHDRX IOGEAR-GPLHDRX Datasheet
158Kb / 2P
   Video Over Powerline PRO Receiver
logo
List of Unclassifed Man...
VSX-91TXH ETC1-VSX-91TXH Datasheet
3Mb / 88P
   AUDIO/VIDEO MULTI-CHANNEL RECEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com