Electronic Components Datasheet Search |
|
QPB7432SQ Datasheet(PDF) 16 Page - Qorvo, Inc |
|
|
QPB7432SQ Datasheet(HTML) 16 Page - Qorvo, Inc |
16 / 26 page QPB7432 FTTH xPON Video Receiver Data Sheet –Rev C, July 20, 2019 | Subject to change without notice - 16 of 26 - www.qorvo.com Application Specifications: Optical to Electrical EVB – QPB7432PCK-3 Parameter Condition (1) Min Typ Max Unit Supply Current (IDD) Steady state operation 85 mA Frequency Range 47 1218 MHz Optical Gain At 550MHz. O/E gain is defined by 20*log (Zt/75) 31 dB Gain Flatness ±1.5 dB Tilt Linear tilt from 45 – 1218 MHz; higher tilt can be achieved by changing components 6 dB Equivalent Input Noise 3.5 pA / √Hz RF Output Level at 547.25 MHz RF Output Level at 547.25 MHz +8 dBmV/Ch At 45 MHz −12 dB Output Return Loss At 600 MHz −10 dB At 1218 MHz −15 dB MER 90MHz to 850MHz, 0dB tilt, 96 channels, 8MHz spacing. ITU-T Annex A 256 QAM 6.952 MSymbols. OMI=3.5% At -18dBm 31 dB At -15dBm 36 dB At +1dBm 36 dB BER 2.0E-5 Notes: 1. Typical performance at these conditions: Temperature =+25 °C, VDD=+5 V, Optical Input to Electrical RF Out EVB |
Similar Part No. - QPB7432SQ |
|
Similar Description - QPB7432SQ |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |