Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

QPB7432SQ Datasheet(PDF) 11 Page - Qorvo, Inc

Part # QPB7432SQ
Description  FTTH xPON Video Receiver
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

QPB7432SQ Datasheet(HTML) 11 Page - Qorvo, Inc

Back Button QPB7432SQ Datasheet HTML 7Page - Qorvo, Inc QPB7432SQ Datasheet HTML 8Page - Qorvo, Inc QPB7432SQ Datasheet HTML 9Page - Qorvo, Inc QPB7432SQ Datasheet HTML 10Page - Qorvo, Inc QPB7432SQ Datasheet HTML 11Page - Qorvo, Inc QPB7432SQ Datasheet HTML 12Page - Qorvo, Inc QPB7432SQ Datasheet HTML 13Page - Qorvo, Inc QPB7432SQ Datasheet HTML 14Page - Qorvo, Inc QPB7432SQ Datasheet HTML 15Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
QPB7432
FTTH xPON Video Receiver
Data Sheet –Rev C, July 20, 2019 | Subject to change without notice
- 11 of 26 -
www.qorvo.com
Designator
Description
Manufacturer
Part Number
J1, J2
CONN, F FEM EDGE MOUNT,
75Ω
MILLIMETER WAVE TECH
MW-846-C-DD-75
R2
RES, 0 OHM, 0402
KAMAYA INC
RMC1/16SJPTH
R8
RES, 1.5M, 5%, 1/16W, 0402
KAMAYA INC
RMC1/16S-155JTH
R7
IND, 33nH, 5%, W/W, 0603
COILCRAFT INC
0603CS-33NXJBC
C1
CAP, 1000pF, 10%, 50V, STD,
0402
TAIYO YUDEN PTE LTD
UMK105B7102KV-F
C4
CAP, 220pF, 10%, 50V, X7R, 0402
TAIYO YUDEN PTE LTD
UMK105BJ221KV-F
C6
CAP, 1.0uF, +/-20%, 50V, STD,
1206
MURATA ELECTRONICS
GRM31MR71H105MA
88L
C7
CAP, 1000pF, 5%, 100V, X7R,
0603
AVX ASIA LTD
06031C102JAT2A
C8
CAP, 100pF, 5%, 50V, C0G, 0603
MURATA ELECTRONICS
GRM1885C1H101JA01D
C9
CAP, 1.5pF, +/-0.1pF, COG, 0402
MURATA ELECTRONICS
GRM1555C1H1R5BA01D
L2
IND, 5.6nH, +/-0.1nH, T/F, 0402
MURATA ELECTRONICS
LQP15MN5N6B02D
L3
IND, 7.5nH, 5%, M/L, 0402
MURATA ELECTRONICS
LQG15HN7N5J02D
L4
IND, 680nH, 5%, 590mA, W/W,
0805
COILCRAFT INC
0805LS-681XJLC
P1
CONN, HDR, ST, 3-PIN, 0.100"
SAMTEC INC.
TSW-103-07-G-S
U1
QPB7432
QORVO INC
QPB7432
PCB BARE BOARD
RF-RF PCB, QPB7432
TTM Technologies
R1, R3, R4, R5, R6,
R9, R10, C2, C3, C5, L1
DUMMY PARTS
Bill of Materials: 75 Ω EVB – QPB7432PCK-2


Similar Part No. - QPB7432SQ

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
QPB7432SQ QORVO-QPB7432SQ Datasheet
2Mb / 26P
   FTTH xPON Video Receiver
3 Sep 2021
More results

Similar Description - QPB7432SQ

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
QPB7432 QORVO-QPB7432_V01 Datasheet
2Mb / 26P
   FTTH xPON Video Receiver
3 Sep 2021
QPL7434 QORVO-QPL7434 Datasheet
1Mb / 11P
   xPON Video Receiver
QPB8888 QORVO-QPB8888 Datasheet
1Mb / 12P
   xPON Video Receiver
logo
TriQuint Semiconductor
QPB8888 TRIQUINT-QPB8888 Datasheet
1Mb / 12P
   xPON Video Receiver
logo
RF Micro Devices
RFRX8888 RFMD-RFRX8888 Datasheet
1Mb / 14P
   xPON Video Receiver
logo
Qorvo, Inc
QPB9015 QORVO-QPB9015 Datasheet
1Mb / 15P
   xPON Video Receiver with integrated VCA
logo
Agere Systems
7810 AGERE-7810 Datasheet
49Kb / 4P
   7810 Video Receiver Module
logo
New Japan Radio
NJM2507 NJRC-NJM2507 Datasheet
115Kb / 6P
   VIDEO DIFFERENTIAL INPUT RECEIVER
logo
IOGEAR
GPLHDRX IOGEAR-GPLHDRX Datasheet
158Kb / 2P
   Video Over Powerline PRO Receiver
logo
List of Unclassifed Man...
VSX-91TXH ETC1-VSX-91TXH Datasheet
3Mb / 88P
   AUDIO/VIDEO MULTI-CHANNEL RECEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com