Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

QPB7432SQ Datasheet(PDF) 1 Page - Qorvo, Inc

Part # QPB7432SQ
Description  FTTH xPON Video Receiver
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

QPB7432SQ Datasheet(HTML) 1 Page - Qorvo, Inc

  QPB7432SQ Datasheet HTML 1Page - Qorvo, Inc QPB7432SQ Datasheet HTML 2Page - Qorvo, Inc QPB7432SQ Datasheet HTML 3Page - Qorvo, Inc QPB7432SQ Datasheet HTML 4Page - Qorvo, Inc QPB7432SQ Datasheet HTML 5Page - Qorvo, Inc QPB7432SQ Datasheet HTML 6Page - Qorvo, Inc QPB7432SQ Datasheet HTML 7Page - Qorvo, Inc QPB7432SQ Datasheet HTML 8Page - Qorvo, Inc QPB7432SQ Datasheet HTML 9Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
Data Sheet –Rev C, July 20, 2019 | Subject to change without notice
- 1 of 26 -
www.qorvo.com
Key Features
 Optical Input Range: 0 dBm to -18 dBm
 High Gain: >30 dB gain at 550 MHz
 Efficient Power Consumption: 550 mW for +5 V
 Low Noise: 3.5 pA / √Hz Equivalent Input Noise Current
(EINC)
 High Linearity: +40 dBm OIP3 and +48 dBm OIP2 at
550 MHz
 47 – 1218 MHz Operational Bandwidth
 30 dB AGC Range with Recommended External Control
Circuitry
 Convenient SOT – 89 Package
 RoHS Compliant
Product Overview
The QPB7432 is a 47 – 1218 MHz High Gain, Low EIN,
Single ended RF Optical Receiver for FTTH PON
applications. It is a technology leader with an optical input
range from -18 dBm to 0 dBm. The QPB7432, with
recommended external control circuitry, provides automatic
gain control to maintain a constant +14 dBmV to
+20 dBmV / channel output to insure consistent video
quality. It runs on a single +5 V supply eliminating the need
for an extra ONT supply.
Functional Block Diagram
Top View
QPB7432
FTTH xPON Video Receiver
Applications
 FTTH xPON
 DOCSIS 3.1
 Head End CMTS Equipment
 Cable Modem and Set Top Box
 Optical Node
 Low Noise, High Gain Amplifier for Active Off-Air/TV
Antenna
Ordering Information
Part Number
Description
QPB7432SQ
Sample bag with 25 pieces
QPB7432SR
7" Reel with 100 pieces
QPB7432TR13
13" Reel with 2500 pieces
QPB7432PCK
Optical Receiver Reference design with 5
piece sample bag
QPB7432PCK-2 75 Ω EVB with 5 piece sample bag
QPB7432PCK-3 Optical-to-RF EVB with 5 piece sample
Bag
3-pin SOT-89 Package


Similar Part No. - QPB7432SQ

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
QPB7432SQ QORVO-QPB7432SQ Datasheet
2Mb / 26P
   FTTH xPON Video Receiver
3 Sep 2021
More results

Similar Description - QPB7432SQ

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
QPB7432 QORVO-QPB7432_V01 Datasheet
2Mb / 26P
   FTTH xPON Video Receiver
3 Sep 2021
QPL7434 QORVO-QPL7434 Datasheet
1Mb / 11P
   xPON Video Receiver
QPB8888 QORVO-QPB8888 Datasheet
1Mb / 12P
   xPON Video Receiver
logo
TriQuint Semiconductor
QPB8888 TRIQUINT-QPB8888 Datasheet
1Mb / 12P
   xPON Video Receiver
logo
RF Micro Devices
RFRX8888 RFMD-RFRX8888 Datasheet
1Mb / 14P
   xPON Video Receiver
logo
Qorvo, Inc
QPB9015 QORVO-QPB9015 Datasheet
1Mb / 15P
   xPON Video Receiver with integrated VCA
logo
Agere Systems
7810 AGERE-7810 Datasheet
49Kb / 4P
   7810 Video Receiver Module
logo
New Japan Radio
NJM2507 NJRC-NJM2507 Datasheet
115Kb / 6P
   VIDEO DIFFERENTIAL INPUT RECEIVER
logo
IOGEAR
GPLHDRX IOGEAR-GPLHDRX Datasheet
158Kb / 2P
   Video Over Powerline PRO Receiver
logo
List of Unclassifed Man...
VSX-91TXH ETC1-VSX-91TXH Datasheet
3Mb / 88P
   AUDIO/VIDEO MULTI-CHANNEL RECEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com