Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

QPB7432SQ Datasheet(PDF) 8 Page - Qorvo, Inc

Part # QPB7432SQ
Description  FTTH xPON Video Receiver
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

QPB7432SQ Datasheet(HTML) 8 Page - Qorvo, Inc

Back Button QPB7432SQ Datasheet HTML 4Page - Qorvo, Inc QPB7432SQ Datasheet HTML 5Page - Qorvo, Inc QPB7432SQ Datasheet HTML 6Page - Qorvo, Inc QPB7432SQ Datasheet HTML 7Page - Qorvo, Inc QPB7432SQ Datasheet HTML 8Page - Qorvo, Inc QPB7432SQ Datasheet HTML 9Page - Qorvo, Inc QPB7432SQ Datasheet HTML 10Page - Qorvo, Inc QPB7432SQ Datasheet HTML 11Page - Qorvo, Inc QPB7432SQ Datasheet HTML 12Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
QPB7432
FTTH xPON Video Receiver
Data Sheet –Rev C, July 20, 2019 | Subject to change without notice
- 8 of 26 -
www.qorvo.com
Typical Performance: Optical Receiver Application EVB
 – QPB7432PCK (cont’d)
Test conditions unless otherwise stated: Temperature=+25 °C, VDD=+5 V
28
30
32
34
36
38
40
42
44
46
90
122 250 346 410 570 698 762 826
Frequency (MHz)
Freq Vs MER @-18dBm Optical Input
4.5V-40C
5.0V-40C
5.5V-40C
4.5V+25C
5.0V+25C
5.5V+25C
4.5V+85C
5.0V+85C
5.5V+85C
28
30
32
34
36
38
40
42
44
46
90
122 250 346 410 570 698 762 826
Frequency (MHz)
Freq Vs MER @-15dBm Optical input
4.5V-40C
5.0V-40C
5.5V-40C
4.5V+25C
5.0V+25C
5.5V+25C
28
30
32
34
36
38
40
42
44
46
90
122 250 346 410 570 698 762 826
Frequency (MHz)
Freq Vs MER @ 0dBm Optical input
4.5V-40C
5.0V-40C
5.5V-40C
4.5V+25C
5.0V+25C
5.5V+25C
4.5V+85C
5.0V+85C
5.5V+85C
28
30
32
34
36
38
40
42
44
46
90
122 250 346 410 570 698 762 826
Frequency (MHz)
Freq Vs MER @ +1dBm Optical input
4.5V-40C
5.0V-40C
5.5V-40C
4.5V+25C
5.0V+25C
5.5V+25C
4.5V+85C
5.0V+85C
5.5V+85C


Similar Part No. - QPB7432SQ

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
QPB7432SQ QORVO-QPB7432SQ Datasheet
2Mb / 26P
   FTTH xPON Video Receiver
3 Sep 2021
More results

Similar Description - QPB7432SQ

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
QPB7432 QORVO-QPB7432_V01 Datasheet
2Mb / 26P
   FTTH xPON Video Receiver
3 Sep 2021
QPL7434 QORVO-QPL7434 Datasheet
1Mb / 11P
   xPON Video Receiver
QPB8888 QORVO-QPB8888 Datasheet
1Mb / 12P
   xPON Video Receiver
logo
TriQuint Semiconductor
QPB8888 TRIQUINT-QPB8888 Datasheet
1Mb / 12P
   xPON Video Receiver
logo
RF Micro Devices
RFRX8888 RFMD-RFRX8888 Datasheet
1Mb / 14P
   xPON Video Receiver
logo
Qorvo, Inc
QPB9015 QORVO-QPB9015 Datasheet
1Mb / 15P
   xPON Video Receiver with integrated VCA
logo
Agere Systems
7810 AGERE-7810 Datasheet
49Kb / 4P
   7810 Video Receiver Module
logo
New Japan Radio
NJM2507 NJRC-NJM2507 Datasheet
115Kb / 6P
   VIDEO DIFFERENTIAL INPUT RECEIVER
logo
IOGEAR
GPLHDRX IOGEAR-GPLHDRX Datasheet
158Kb / 2P
   Video Over Powerline PRO Receiver
logo
List of Unclassifed Man...
VSX-91TXH ETC1-VSX-91TXH Datasheet
3Mb / 88P
   AUDIO/VIDEO MULTI-CHANNEL RECEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com