Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM139JAN Datasheet(PDF) 15 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM139JAN
Description  Low Power Low Offset Voltage Quad Comparators
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM139JAN Datasheet(HTML) 15 Page - National Semiconductor (TI)

Back Button LM139JAN Datasheet HTML 11Page - National Semiconductor (TI) LM139JAN Datasheet HTML 12Page - National Semiconductor (TI) LM139JAN Datasheet HTML 13Page - National Semiconductor (TI) LM139JAN Datasheet HTML 14Page - National Semiconductor (TI) LM139JAN Datasheet HTML 15Page - National Semiconductor (TI) LM139JAN Datasheet HTML 16Page - National Semiconductor (TI) LM139JAN Datasheet HTML 17Page - National Semiconductor (TI) LM139JAN Datasheet HTML 18Page - National Semiconductor (TI) LM139JAN Datasheet HTML 19Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
Typical Applications (V+=15V
DC) (Continued)
Output Strobing
Crystal Controlled Oscillator
20129522
* Or open-collector logic gate without pull-up resistor
20129525
Transducer Amplifier
Zero Crossing Detector (Single Power Supply)
20129528
20129530
www.national.com
15


Similar Part No. - LM139JAN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM139JAN TI1-LM139JAN Datasheet
779Kb / 23P
LM139JAN Low Power Low Offset Voltage Quad Comparators
LM139JAN-SP TI1-LM139JAN-SP Datasheet
779Kb / 23P
LM139JAN Low Power Low Offset Voltage Quad Comparators
LM139JAN TI1-LM139JAN_14 Datasheet
779Kb / 23P
LM139JAN Low Power Low Offset Voltage Quad Comparators
More results

Similar Description - LM139JAN

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM139 NSC-LM139 Datasheet
465Kb / 19P
Low Power Low Offset Voltage Quad Comparators
logo
List of Unclassifed Man...
AZ339 ETC1-AZ339 Datasheet
246Kb / 9P
LOW POWER LOW OFFSET VOLTAGE QUAD COMPARATORS
logo
National Semiconductor ...
LM2901EP NSC-LM2901EP Datasheet
750Kb / 17P
Low Power Low Offset Voltage Quad Comparators
logo
Tiger Electronic Co.,Lt...
LM339D TGS-LM339D Datasheet
2Mb / 4P
Low Power Low Offset Voltage Quad Comparators
LM2901D TGS-LM2901D Datasheet
249Kb / 4P
Low Power Low Offset Voltage Quad Comparators
logo
Leshan Radio Company
LR339 LRC-LR339 Datasheet
134Kb / 6P
Low Power Low Offset Voltage Quad Comparators
logo
BCD Semiconductor Manuf...
AS339,339A BCDSEMI-AS339,339A Datasheet
729Kb / 11P
LOW POWER LOW OFFSET VOLTAGE QUAD COMPARATORS
logo
Texas Instruments
LM139AQML TI1-LM139AQML_16 Datasheet
1Mb / 29P
LOW POWER LOW OFFSET VOLTAGE QUAD COMPARATORS
logo
Diodes Incorporated
AS339 DIODES-AS339 Datasheet
432Kb / 12P
LOW POWER LOW OFFSET VOLTAGE QUAD COMPARATORS
logo
Shaoxing Devechip Micro...
SDP339 SDC-SDP339 Datasheet
550Kb / 11P
LOW POWER LOW OFFSET VOLTAGE QUAD COMPARATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com