Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM139JAN Datasheet(PDF) 9 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM139JAN
Description  Low Power Low Offset Voltage Quad Comparators
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM139JAN Datasheet(HTML) 9 Page - National Semiconductor (TI)

Back Button LM139JAN Datasheet HTML 5Page - National Semiconductor (TI) LM139JAN Datasheet HTML 6Page - National Semiconductor (TI) LM139JAN Datasheet HTML 7Page - National Semiconductor (TI) LM139JAN Datasheet HTML 8Page - National Semiconductor (TI) LM139JAN Datasheet HTML 9Page - National Semiconductor (TI) LM139JAN Datasheet HTML 10Page - National Semiconductor (TI) LM139JAN Datasheet HTML 11Page - National Semiconductor (TI) LM139JAN Datasheet HTML 12Page - National Semiconductor (TI) LM139JAN Datasheet HTML 13Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
Application Hints
The LM139 is a high gain, wide bandwidth device which, like
most comparators, can easily oscillate if the output lead is
inadvertently allowed to capacitively couple to the inputs via
stray capacitance. This shows up only during the output
voltage transition intervals as the comparator changes
states. Power supply bypassing is not required to solve this
problem. Standard PC board layout is helpful as it reduces
stray input-output coupling. Reducing the input resistors to <
10 k
Ω reduces the feedback signal levels and finally, adding
even a small amount (1 to 10 mV) of positive feedback
(hysteresis) causes such a rapid transition that oscillations
due to stray feedback are not possible. Simply socketing the
IC and attaching resistors to the pins will cause input-output
oscillations during the small transition intervals unless hys-
teresis is used. If the input signal is a pulse waveform, with
relatively fast rise and fall times, hysteresis is not required.
All pins of any unused comparators should be tied to the
negative supply.
The bias network of the LM139 establishes a drain current
which is independent of the magnitude of the power supply
voltage over the range of from 5 V
DC to 30 VDC.
It is usually unnecessary to use a bypass capacitor across
the power supply line.
The differential input voltage may be larger than V
+ without
damaging the device. Protection should be provided to pre-
vent the input voltages from going negative more than −0.3
V
DC (at 25˚C). An input clamp diode can be used as shown
in the applications section.
The output of the LM139 is the uncommitted collector of a
grounded-emitter NPN output transistor. Many collectors can
be tied together to provide an output OR’ing function. An
output pull-up resistor can be connected to any available
power supply voltage within the permitted supply voltage
range and there is no restriction on this voltage due to the
magnitude of the voltage which is applied to the V
+ terminal
of the LM139 package. The output can also be used as a
simple SPST switch to ground (when a pull-up resistor is not
used). The amount of current which the output device can
sink is limited by the drive available (which is independent of
V
+) and the
β of this device. When the maximum current limit
is reached (approximately 16 mA), the output transistor will
come out of saturation and the output voltage will rise very
rapidly. The output saturation voltage is limited by the ap-
proximately 60
Ω R
SAT of the output transistor. The low offset
voltage of the output transistor (1 mV) allows the output to
clamp essentially to ground level for small load currents.
Typical Applications (V+ = 5.0 V
DC)
Basic Comparator
20129503
Driving CMOS
20129504
Driving TTL
20129505
AND Gate
20129508
OR Gate
20129509
www.national.com
9


Similar Part No. - LM139JAN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM139JAN TI1-LM139JAN Datasheet
779Kb / 23P
LM139JAN Low Power Low Offset Voltage Quad Comparators
LM139JAN-SP TI1-LM139JAN-SP Datasheet
779Kb / 23P
LM139JAN Low Power Low Offset Voltage Quad Comparators
LM139JAN TI1-LM139JAN_14 Datasheet
779Kb / 23P
LM139JAN Low Power Low Offset Voltage Quad Comparators
More results

Similar Description - LM139JAN

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LR339 LRC-LR339 Datasheet
134Kb / 6P
Low Power Low Offset Voltage Quad Comparators
logo
BCD Semiconductor Manuf...
AS339,339A BCDSEMI-AS339,339A Datasheet
729Kb / 11P
LOW POWER LOW OFFSET VOLTAGE QUAD COMPARATORS
logo
Diodes Incorporated
AS339 DIODES-AS339 Datasheet
432Kb / 12P
LOW POWER LOW OFFSET VOLTAGE QUAD COMPARATORS
logo
National Semiconductor ...
LM139 NSC-LM139 Datasheet
465Kb / 19P
Low Power Low Offset Voltage Quad Comparators
LM2901EP NSC-LM2901EP Datasheet
750Kb / 17P
Low Power Low Offset Voltage Quad Comparators
logo
Tiger Electronic Co.,Lt...
LM2901D TGS-LM2901D Datasheet
249Kb / 4P
Low Power Low Offset Voltage Quad Comparators
logo
Texas Instruments
LM139AQML TI1-LM139AQML_16 Datasheet
1Mb / 29P
LOW POWER LOW OFFSET VOLTAGE QUAD COMPARATORS
logo
Tiger Electronic Co.,Lt...
LM339D TGS-LM339D Datasheet
2Mb / 4P
Low Power Low Offset Voltage Quad Comparators
logo
List of Unclassifed Man...
AZ339 ETC1-AZ339 Datasheet
246Kb / 9P
LOW POWER LOW OFFSET VOLTAGE QUAD COMPARATORS
logo
Shaoxing Devechip Micro...
SDP339 SDC-SDP339 Datasheet
550Kb / 11P
LOW POWER LOW OFFSET VOLTAGE QUAD COMPARATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com