Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SBB5089Z Datasheet(PDF) 3 Page - Qorvo, Inc

Part # SBB5089Z
Description  50MHz-6000MHz, Cascadable Amplifier
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

SBB5089Z Datasheet(HTML) 3 Page - Qorvo, Inc

  SBB5089Z Datasheet HTML 1Page - Qorvo, Inc SBB5089Z Datasheet HTML 2Page - Qorvo, Inc SBB5089Z Datasheet HTML 3Page - Qorvo, Inc SBB5089Z Datasheet HTML 4Page - Qorvo, Inc SBB5089Z Datasheet HTML 5Page - Qorvo, Inc SBB5089Z Datasheet HTML 6Page - Qorvo, Inc SBB5089Z Datasheet HTML 7Page - Qorvo, Inc SBB5089Z Datasheet HTML 8Page - Qorvo, Inc SBB5089Z Datasheet HTML 9Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
SBB5089Z
50MHz-6000MHz, Cascadable Amplifier
Datasheet, June 1, 2021 | Subject to change without notice
3 of 11
www.qorvo.com
®
Typical Performance
  –  SBB5089ZPCK1
Parameter (1)
Typical Value
Units
Frequency
50
100
200
500
850
1950
2500
3500
4000
MHz
Gain, Small Signal
21.1
20.9
20.8
20.8
20.8
20.1
19.8
18.7
17.8
dB
Input Return Loss
11.3
17.4
24.3
27.2
22.7
14.6
12.9
10.6
11.6
dB
Output Return Loss
15.9
21.7
30.4
31.8
21.5
13.5
12.0
13.5
27.5
dB
Reverse Isolation
17.4
17.5
17.5
22.7
22.8
23.4
23.7
24.7
25.7
dB
Output P1dB
19.4
19.7
20.0
20.5
20.4
20.4
19.4
16.9
14.7
dBm
OIP3 (2)
36.0
37.8
37.5
38.6
39.2
34.9
32.8
29.4
26.8
dBm
Noise Figure
4.4
4.4
4.3
3.8
3.8
4.1
4.1
4.3
4.6
dB
Notes:
1. Test conditions unless otherwise noted: VCC = +5V, IC = 75 mA , 50 Ω test system, Temp.=+25 °C
2.
Pout= 0 dBm/tone, Δf=1 MHz
500
– 3500 MHz Evaluation Board  –  SBB5089ZPCK1
Bill of Material  –  SBB5089ZPCK1
Reference Des.
Value
Description
Manuf.
Part Number
PCB
-
Printed Circuit Board
Qorvo
Q1
-
SBB5089Z Amplifier, SOT-89 pkg.
Qorvo
SBB5089Z
C1
1 μF
CAP, 1 μF, 20%, 20V, TANT, 1206
various
C2
1200 pF
CAP, 1200 pF, 10%, 50V, X7R, 0603
various
CB
68 pF
CAP, 68 pF, 5%, 50V. NPO/C0G, 0603
various
LC
82 nH
IND, 82 nH, 5%, W/W, 0805
Coilcraft
0805CS-330XJLB
Note for < 500 MHz: CB 1.0 μF, 10%, 160, X7R, 0603; LC 330 nH, 5%, 0805


Similar Part No. - SBB5089Z

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
SBB5089Z RFMD-SBB5089Z Datasheet
535Kb / 10P
   50MHz to 6000MHz, CASCADABLE ACTIVE BIAS InGaP HBT MMIC AMPLIFIER
SBB5089ZPCK1 RFMD-SBB5089ZPCK1 Datasheet
535Kb / 10P
   50MHz to 6000MHz, CASCADABLE ACTIVE BIAS InGaP HBT MMIC AMPLIFIER
SBB5089ZSQ RFMD-SBB5089ZSQ Datasheet
535Kb / 10P
   50MHz to 6000MHz, CASCADABLE ACTIVE BIAS InGaP HBT MMIC AMPLIFIER
SBB5089ZSR RFMD-SBB5089ZSR Datasheet
535Kb / 10P
   50MHz to 6000MHz, CASCADABLE ACTIVE BIAS InGaP HBT MMIC AMPLIFIER
More results

Similar Description - SBB5089Z

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
SBB5089Z RFMD-SBB5089Z Datasheet
535Kb / 10P
   50MHz to 6000MHz, CASCADABLE ACTIVE BIAS InGaP HBT MMIC AMPLIFIER
SBB4089Z RFMD-SBB4089Z Datasheet
520Kb / 8P
   50MHz to 6000MHz CASCADABLE ACTIVE BIAS InGaP HBT MMIC AMPLIFIER
logo
STMicroelectronics
SBB3089Z STMICROELECTRONICS-SBB3089Z Datasheet
860Kb / 9P
   50MHz to 6000MHz Gain Block
June 8, 2021
logo
RF Micro Devices
RFSA3714 RFMD-RFSA3714 Datasheet
2Mb / 20P
   50MHz to 6000MHz, Digital Step Attenuator
logo
Renesas Technology Corp
F2251 RENESAS-F2251 Datasheet
2Mb / 23P
   Voltage Variable RF Attenuator 50MHz to 6000MHz
logo
RF Micro Devices
SBB1089Z RFMD-SBB1089Z Datasheet
490Kb / 8P
   50MHz to 850MHz CASCADABLE
logo
Renesas Technology Corp
F2913 RENESAS-F2913 Datasheet
1Mb / 20P
   High Isolation SP2T RF Switch 50MHz to 6000MHz
F2934 RENESAS-F2934_V01 Datasheet
1Mb / 21P
   High Reliability SP2T RF Switch 50MHz to 6000MHz
Apr 28, 2021
F2934 RENESAS-F2934 Datasheet
297Kb / 3P
   High Reliability SP2T RF Switch 50MHz to 6000MHz
logo
RF Micro Devices
RFSA2033 RFMD-RFSA2033 Datasheet
1Mb / 22P
   Low Loss Voltage Controlled Attenuator 50MHz to 6000MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com