Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SBB5089Z Datasheet(PDF) 2 Page - Qorvo, Inc

Part # SBB5089Z
Description  50MHz-6000MHz, Cascadable Amplifier
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

SBB5089Z Datasheet(HTML) 2 Page - Qorvo, Inc

  SBB5089Z Datasheet HTML 1Page - Qorvo, Inc SBB5089Z Datasheet HTML 2Page - Qorvo, Inc SBB5089Z Datasheet HTML 3Page - Qorvo, Inc SBB5089Z Datasheet HTML 4Page - Qorvo, Inc SBB5089Z Datasheet HTML 5Page - Qorvo, Inc SBB5089Z Datasheet HTML 6Page - Qorvo, Inc SBB5089Z Datasheet HTML 7Page - Qorvo, Inc SBB5089Z Datasheet HTML 8Page - Qorvo, Inc SBB5089Z Datasheet HTML 9Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
SBB5089Z
50MHz-6000MHz, Cascadable Amplifier
Datasheet, June 1, 2021 | Subject to change without notice
2 of 11
www.qorvo.com
®
Recommended Operating Conditions
Parameter
Min
Typ
Max
Units
Device Voltage (VC)
+4.75
+5
+5.25
V
TCASE
−55
+105
°C
Electrical specifications are measured at specified test conditions.
Specifications are not guaranteed over all recommended operating
conditions.
Absolute Maximum Ratings
Parameter
Rating
Storage Temperature
−55 to +150 °C
RF Input Power, CW, 50 Ω, T=25 °C
+24 dBm
Device Voltage (VC)
+5.5 V
Device Current (IC)
100 mA
Dissipated Power (PDISS)
0.55 W
Junction Temperature (TJ)
+150
 °C
Exceeding any one or a combination of the Absolute Maximum Rating
conditions may cause permanent damage to the device. Extended
application of Absolute Maximum Rating conditions to the device may
reduce device reliability.
Electrical Specifications
Parameter
Conditions
(1)
Min
Typ
Max
Units
Operational Frequency Range
50
6000
MHz
Gain, Small Signal
850 MHz
19.0
20.5
22.0
dB
1950 MHz
18.3
19.0
21.5
dB
6000 MHz
14.5
15.5
17.5
dB
Input Return Loss
1950 MHz
10
13
dB
Output Return Loss
10
14
dB
Output P1dB
850 MHz
20.5
dBm
1950 MHz
19.0
20.0
dBm
Output IP3
(2)
850 MHz
38.5
dBm
1950 MHz
33.0
35.0
dBm
Bandwidth
Minimum 10 dB typical return loss
3000
MHz
Reverse Isolation
1950 MHz
23.3
dB
Noise Figure
3.9
4.9
dB
Device Operating Current, IC
Pin 3
60
75
92
mA
Thermal Resistance, θjc
Junction to case
69.9
°C/W
Notes:
1. Test conditions unless otherwise noted: VC = +5.0 V, IC = 75 mA, Temp = +25 °C, 50 Ω test system, Tested with Bias Tees
2. POUT = 0 dBm/tone, ∆f = 1 MHz


Similar Part No. - SBB5089Z

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
SBB5089Z RFMD-SBB5089Z Datasheet
535Kb / 10P
   50MHz to 6000MHz, CASCADABLE ACTIVE BIAS InGaP HBT MMIC AMPLIFIER
SBB5089ZPCK1 RFMD-SBB5089ZPCK1 Datasheet
535Kb / 10P
   50MHz to 6000MHz, CASCADABLE ACTIVE BIAS InGaP HBT MMIC AMPLIFIER
SBB5089ZSQ RFMD-SBB5089ZSQ Datasheet
535Kb / 10P
   50MHz to 6000MHz, CASCADABLE ACTIVE BIAS InGaP HBT MMIC AMPLIFIER
SBB5089ZSR RFMD-SBB5089ZSR Datasheet
535Kb / 10P
   50MHz to 6000MHz, CASCADABLE ACTIVE BIAS InGaP HBT MMIC AMPLIFIER
More results

Similar Description - SBB5089Z

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
SBB5089Z RFMD-SBB5089Z Datasheet
535Kb / 10P
   50MHz to 6000MHz, CASCADABLE ACTIVE BIAS InGaP HBT MMIC AMPLIFIER
SBB4089Z RFMD-SBB4089Z Datasheet
520Kb / 8P
   50MHz to 6000MHz CASCADABLE ACTIVE BIAS InGaP HBT MMIC AMPLIFIER
logo
STMicroelectronics
SBB3089Z STMICROELECTRONICS-SBB3089Z Datasheet
860Kb / 9P
   50MHz to 6000MHz Gain Block
June 8, 2021
logo
RF Micro Devices
RFSA3714 RFMD-RFSA3714 Datasheet
2Mb / 20P
   50MHz to 6000MHz, Digital Step Attenuator
logo
Renesas Technology Corp
F2251 RENESAS-F2251 Datasheet
2Mb / 23P
   Voltage Variable RF Attenuator 50MHz to 6000MHz
logo
RF Micro Devices
SBB1089Z RFMD-SBB1089Z Datasheet
490Kb / 8P
   50MHz to 850MHz CASCADABLE
logo
Renesas Technology Corp
F2913 RENESAS-F2913 Datasheet
1Mb / 20P
   High Isolation SP2T RF Switch 50MHz to 6000MHz
F2934 RENESAS-F2934_V01 Datasheet
1Mb / 21P
   High Reliability SP2T RF Switch 50MHz to 6000MHz
Apr 28, 2021
F2934 RENESAS-F2934 Datasheet
297Kb / 3P
   High Reliability SP2T RF Switch 50MHz to 6000MHz
logo
RF Micro Devices
RFSA2033 RFMD-RFSA2033 Datasheet
1Mb / 22P
   Low Loss Voltage Controlled Attenuator 50MHz to 6000MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com