Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SBB5089Z Datasheet(PDF) 11 Page - Qorvo, Inc

Part # SBB5089Z
Description  50MHz-6000MHz, Cascadable Amplifier
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

SBB5089Z Datasheet(HTML) 11 Page - Qorvo, Inc

Back Button SBB5089Z Datasheet HTML 3Page - Qorvo, Inc SBB5089Z Datasheet HTML 4Page - Qorvo, Inc SBB5089Z Datasheet HTML 5Page - Qorvo, Inc SBB5089Z Datasheet HTML 6Page - Qorvo, Inc SBB5089Z Datasheet HTML 7Page - Qorvo, Inc SBB5089Z Datasheet HTML 8Page - Qorvo, Inc SBB5089Z Datasheet HTML 9Page - Qorvo, Inc SBB5089Z Datasheet HTML 10Page - Qorvo, Inc SBB5089Z Datasheet HTML 11Page - Qorvo, Inc  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
SBB5089Z
50MHz-6000MHz, Cascadable Amplifier
Datasheet, June 1, 2021 | Subject to change without notice
11 of 11
www.qorvo.com
®
Handling Precautions
Parameter
Rating
Standard
Caution!
ESD-Sensitive Device
ESD – Human Body Model (HBM)
Class 1C
ESDA / JEDEC JS-001-2012
MSL – Moisture Sensitivity Level
Level 3
IPC/JEDEC J-STD-020
Solderability
Compatible with both lead-free (260°C max. reflow temp.) and tin/lead (245°C max. reflow temp.) soldering processes.
Solder profiles available upon request.
Contact plating: NiPdAu
RoHS Compliance
This part is compliant with 2011/65/EU RoHS directive (Restrictions on the Use of Certain Hazardous Substances in Electrical and
Electronic Equipment) as amended by Directive 2015/863/EU.
This product also has the following attributes:
Lead Free
• Halogen Free (Chlorine, Bromine)
• Antimony Free
• TBBP-A (C15H12Br402) Free
PFOS Free
• SVHC Free
Important Notice
The information contained herein is believed to be reliable; however, Qorvo makes no warranties regarding the information contained
herein and assumes no responsibility or liability whatsoever for the use of the information contained herein. All information contained
herein is subject to change without notice. Customers should obtain and verify the latest relevant information before placing orders for
Qorvo products. The information contained herein or any use of such information does not grant, explicitly or implicitly, to any party any
patent rights, licenses, or any other intellectual property rights, whether with regard to such information itself or anything described by
such information. THIS INFORMATION DOES NOT CONSTITUTE A WARRANTY WITH RESPECT TO THE PRODUCTS DESCRIBED
HEREIN, AND QORVO HEREBY DISCLAIMS ANY AND ALL WARRANTIES WITH RESPECT TO SUCH PRODUCTS WHETHER
EXPRESS OR IMPLIED BY LAW, COURSE OF DEALING, COURSE OF PERFORMANCE, USAGE OF TRADE OR OTHERWISE,
INCLUDING THE IMPLIED WARRANTIES OF MERCHANTABILITY AND FITNESS FOR A PARTICULAR PURPOSE.
Without limiting the generality of the foregoing, Qorvo products are not warranted or authorized for use as critical components in medical,
life-saving, or life-sustaining applications, or other applications where a failure would reasonably be expected to cause severe personal
injury or death.
Copyright 2021 © Qorvo, Inc. | Qorvo is a registered trademark of Qorvo, Inc.
Contact Information
For the latest specifications, additional product information, worldwide sales and distribution locations:
Web: www.qorvo.com
Tel: 1-844-890-8163
Email: customer.support@qorvo.com
Pb


Similar Part No. - SBB5089Z

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
SBB5089Z RFMD-SBB5089Z Datasheet
535Kb / 10P
   50MHz to 6000MHz, CASCADABLE ACTIVE BIAS InGaP HBT MMIC AMPLIFIER
SBB5089ZPCK1 RFMD-SBB5089ZPCK1 Datasheet
535Kb / 10P
   50MHz to 6000MHz, CASCADABLE ACTIVE BIAS InGaP HBT MMIC AMPLIFIER
SBB5089ZSQ RFMD-SBB5089ZSQ Datasheet
535Kb / 10P
   50MHz to 6000MHz, CASCADABLE ACTIVE BIAS InGaP HBT MMIC AMPLIFIER
SBB5089ZSR RFMD-SBB5089ZSR Datasheet
535Kb / 10P
   50MHz to 6000MHz, CASCADABLE ACTIVE BIAS InGaP HBT MMIC AMPLIFIER
More results

Similar Description - SBB5089Z

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
SBB5089Z RFMD-SBB5089Z Datasheet
535Kb / 10P
   50MHz to 6000MHz, CASCADABLE ACTIVE BIAS InGaP HBT MMIC AMPLIFIER
SBB4089Z RFMD-SBB4089Z Datasheet
520Kb / 8P
   50MHz to 6000MHz CASCADABLE ACTIVE BIAS InGaP HBT MMIC AMPLIFIER
logo
STMicroelectronics
SBB3089Z STMICROELECTRONICS-SBB3089Z Datasheet
860Kb / 9P
   50MHz to 6000MHz Gain Block
June 8, 2021
logo
RF Micro Devices
RFSA3714 RFMD-RFSA3714 Datasheet
2Mb / 20P
   50MHz to 6000MHz, Digital Step Attenuator
logo
Renesas Technology Corp
F2251 RENESAS-F2251 Datasheet
2Mb / 23P
   Voltage Variable RF Attenuator 50MHz to 6000MHz
logo
RF Micro Devices
SBB1089Z RFMD-SBB1089Z Datasheet
490Kb / 8P
   50MHz to 850MHz CASCADABLE
logo
Renesas Technology Corp
F2913 RENESAS-F2913 Datasheet
1Mb / 20P
   High Isolation SP2T RF Switch 50MHz to 6000MHz
F2934 RENESAS-F2934_V01 Datasheet
1Mb / 21P
   High Reliability SP2T RF Switch 50MHz to 6000MHz
Apr 28, 2021
F2934 RENESAS-F2934 Datasheet
297Kb / 3P
   High Reliability SP2T RF Switch 50MHz to 6000MHz
logo
RF Micro Devices
RFSA2033 RFMD-RFSA2033 Datasheet
1Mb / 22P
   Low Loss Voltage Controlled Attenuator 50MHz to 6000MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com