Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SBB5089Z Datasheet(PDF) 1 Page - Qorvo, Inc

Part # SBB5089Z
Description  50MHz-6000MHz, Cascadable Amplifier
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

SBB5089Z Datasheet(HTML) 1 Page - Qorvo, Inc

  SBB5089Z Datasheet HTML 1Page - Qorvo, Inc SBB5089Z Datasheet HTML 2Page - Qorvo, Inc SBB5089Z Datasheet HTML 3Page - Qorvo, Inc SBB5089Z Datasheet HTML 4Page - Qorvo, Inc SBB5089Z Datasheet HTML 5Page - Qorvo, Inc SBB5089Z Datasheet HTML 6Page - Qorvo, Inc SBB5089Z Datasheet HTML 7Page - Qorvo, Inc SBB5089Z Datasheet HTML 8Page - Qorvo, Inc SBB5089Z Datasheet HTML 9Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
SBB5089Z
50MHz-6000MHz, Cascadable Amplifier
Datasheet, June 1, 2021 | Subject to change without notice
1 of 11
www.qorvo.com
®
3 Pin SOT-89 Package
Key Features
• 50 MHz – 6000 MHz
• ±1.1 dB Wideband Flat Gain up to 4000 MHz
• +20.4 dBm P1dB at 1950 MHz
• +5 V Single Fixed Supply
• 1000V, HBM Class 1C Robust ESD
• Patented Thermal Design and Bias Circuitry
• Low Thermal Resistance
Product Overview
The SBB5089Z is a high performance InGaP HBT MMIC
amplifier utilizing a Darlington configuration with an active
bias circuitry. The active bias circuitry provides stable
current over temperature and process variations. The
SBB5089Z designed to run directly from a 5V supply, does
not require a dropping resistor as compared to typical
Darlington amplifiers. The SBB5089Z is a high linearity gain
block for applications that require small in size with minimal
number of external components. It is internally matched to
50 Ω at input and output.
Ordering Information
Part No.
Description
SBB5089Z
1,0
00 pieces on a 7” reel (standard)
SBB5089Z
 PCK1
500
 – 3500 MHz Evaluation Board
with a 5-piece sample bag
Functional Block Diagram
Top View
Applications
• PA Driver Amplifier
• Cellular, PCS, GSM, UMTS
• Wideband Instrumentation
• Wireless Data, Satellite Terminals


Similar Part No. - SBB5089Z

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
SBB5089Z RFMD-SBB5089Z Datasheet
535Kb / 10P
   50MHz to 6000MHz, CASCADABLE ACTIVE BIAS InGaP HBT MMIC AMPLIFIER
SBB5089ZPCK1 RFMD-SBB5089ZPCK1 Datasheet
535Kb / 10P
   50MHz to 6000MHz, CASCADABLE ACTIVE BIAS InGaP HBT MMIC AMPLIFIER
SBB5089ZSQ RFMD-SBB5089ZSQ Datasheet
535Kb / 10P
   50MHz to 6000MHz, CASCADABLE ACTIVE BIAS InGaP HBT MMIC AMPLIFIER
SBB5089ZSR RFMD-SBB5089ZSR Datasheet
535Kb / 10P
   50MHz to 6000MHz, CASCADABLE ACTIVE BIAS InGaP HBT MMIC AMPLIFIER
More results

Similar Description - SBB5089Z

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
SBB5089Z RFMD-SBB5089Z Datasheet
535Kb / 10P
   50MHz to 6000MHz, CASCADABLE ACTIVE BIAS InGaP HBT MMIC AMPLIFIER
SBB4089Z RFMD-SBB4089Z Datasheet
520Kb / 8P
   50MHz to 6000MHz CASCADABLE ACTIVE BIAS InGaP HBT MMIC AMPLIFIER
logo
STMicroelectronics
SBB3089Z STMICROELECTRONICS-SBB3089Z Datasheet
860Kb / 9P
   50MHz to 6000MHz Gain Block
June 8, 2021
logo
RF Micro Devices
RFSA3714 RFMD-RFSA3714 Datasheet
2Mb / 20P
   50MHz to 6000MHz, Digital Step Attenuator
logo
Renesas Technology Corp
F2251 RENESAS-F2251 Datasheet
2Mb / 23P
   Voltage Variable RF Attenuator 50MHz to 6000MHz
logo
RF Micro Devices
SBB1089Z RFMD-SBB1089Z Datasheet
490Kb / 8P
   50MHz to 850MHz CASCADABLE
logo
Renesas Technology Corp
F2913 RENESAS-F2913 Datasheet
1Mb / 20P
   High Isolation SP2T RF Switch 50MHz to 6000MHz
F2934 RENESAS-F2934_V01 Datasheet
1Mb / 21P
   High Reliability SP2T RF Switch 50MHz to 6000MHz
Apr 28, 2021
F2934 RENESAS-F2934 Datasheet
297Kb / 3P
   High Reliability SP2T RF Switch 50MHz to 6000MHz
logo
RF Micro Devices
RFSA2033 RFMD-RFSA2033 Datasheet
1Mb / 22P
   Low Loss Voltage Controlled Attenuator 50MHz to 6000MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com