Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX2601 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX2601
Description  11dB Gain at 836MHz Evaluation Kit
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2601 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX2601 Datasheet HTML 1Page - Maxim Integrated Products MAX2601 Datasheet HTML 2Page - Maxim Integrated Products MAX2601 Datasheet HTML 3Page - Maxim Integrated Products MAX2601 Datasheet HTML 4Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MAX2602 Evaluation Kit
2
_______________________________________________________________________________________
4) Connect the same power supply through a separate
lead to the EV kit’s VB terminal.
5) Verify that all the connections are correct to avoid
damaging the transistor or your test equipment.
6) Turn on the 3.6V supply. Note the supply current
with the RF generator off. It should be around
100mA.
7) Activate the RF signal generator and slowly
increase the generator’s output power to 20dBm. At
this time, the supply current should be about
500mA, and the output power should be 30dBm.
_______________Detailed Description
Figure 1 is the schematic for the MAX2602 EV kit as
shipped. The circuit consists of four blocks: power-sup-
ply decoupling, a bias network, and both input and out-
put matching networks. The amplifier built on this board
is biased for class AB operation at 1W of output power,
and provides high efficiency.
Supply Decoupling Circuitry
and Grounding
Capacitors C8 and C10 provide decoupling for VC. The
collector has two separate pins: one for the VC input (con-
nected through choke L2), and one for the RF output.
The most important contact for the MAX2602 is not on
the top of the board; it is the bottom-side emitter con-
tact that is connected to ground. This contact keeps
emitter inductance as low as possible, as excessive
emitter inductance can degrade the performance of
any RF common-emitter amplifier. The bottom-side con-
tact is also the principal path for heat dissipation, and
must be connected to a large ground plane.
Biasing
Capacitors C5, C9, and C11 provide decoupling for the
bias supply. The transistor’s bias current is set by the
internal biasing diode’s current. This current is set by
the following equation:
The collector current is scaled to the bias current:
IC = 15IB. R3 is used as a jumper. The transistor’s base
is biased through R2 and L1 (a choke). For more infor-
mation on the internal biasing diode’s operation, refer to
the MAX2601/MAX2602 data sheet.
Input Matching Network
The transistor’s RF input does not present a 50
impedance, so a matching network is required for prop-
er operation in a 50
Ω environment. This network con-
sists of capacitor C1 to ground, approximately 1 inch
(or 2.5cm) of the 50
Ω transmission line (T1), a DC-
blocking capacitor (C6), and a shunt capacitor at the
transistor base (C4).
I
=
V
- 0.75V
R1
B
B
VB
VC
R1
430
R3
0
T1
T2
L2
18.5nH
C9
0.1
µF
C1
2pF
C5
1000pF
C10
0.1
µF
C8
1000pF
C11
1000pF
C12
1000pF
C6
1000pF
C7
1000pF
L1
100nH
IN
R2
24
C4
12pF
1
3
8
2, 6, 7
BACK-SIDE SLUG
4
5
C2
2pF
OUT
C3
10pF
U1
Figure 1. MAX2602 EV Kit Schematic


Similar Part No. - MAX2601

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2601 MAXIM-MAX2601 Datasheet
47Kb / 6P
   3.6V, 1W RF Power Transistors for 900MHz Applications
19-1185; Rev 2; 5/97
MAX2601 MAXIM-MAX2601 Datasheet
93Kb / 6P
   3.6V, 1W RF Power Transistors for 900MHz Applications
Rev 3; 9/08
MAX2601-MAX2602 MAXIM-MAX2601-MAX2602 Datasheet
47Kb / 6P
   3.6V, 1W RF Power Transistors for 900MHz Applications
19-1185; Rev 2; 5/97
MAX2601ESA MAXIM-MAX2601ESA Datasheet
47Kb / 6P
   3.6V, 1W RF Power Transistors for 900MHz Applications
19-1185; Rev 2; 5/97
MAX2601ESA MAXIM-MAX2601ESA Datasheet
93Kb / 6P
   3.6V, 1W RF Power Transistors for 900MHz Applications
Rev 3; 9/08
More results

Similar Description - MAX2601

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX17681EVKITC MAXIM-MAX17681EVKITC Datasheet
2Mb / 11P
   Evaluation Kit
Rev 0; 2/16
logo
STMicroelectronics
UM0382 STMICROELECTRONICS-UM0382 Datasheet
1Mb / 32P
   Evaluation Kit
January 2007 Rev 2
logo
Maxim Integrated Produc...
MAX2043 MAXIM-MAX2043_1 Datasheet
190Kb / 7P
   Evaluation Kit
Rev 0; 5/06
MAX2170 MAXIM-MAX2170 Datasheet
446Kb / 8P
   Evaluation Kit
Rev 0; 12/06
MAX2396 MAXIM-MAX2396 Datasheet
730Kb / 13P
   Evaluation Kit
Rev 0; 5/03
MAX2410 MAXIM-MAX2410_1 Datasheet
82Kb / 8P
   Evaluation Kit
Rev 1; 3/98
MAX2411A MAXIM-MAX2411A_1 Datasheet
96Kb / 6P
   Evaluation Kit
Rev 1; 2/98
MAX2685 MAXIM-MAX2685_1 Datasheet
162Kb / 6P
   Evaluation Kit
Rev 0; 7/99
MAX3558 MAXIM-MAX3558_1 Datasheet
471Kb / 5P
   Evaluation Kit
Rev 0; 11/03
MAX2649 MAXIM-MAX2649_1 Datasheet
163Kb / 4P
   Evaluation Kit
Rev 0; 9/02
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com