Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX2601 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX2601
Description  11dB Gain at 836MHz Evaluation Kit
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2601 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX2601 Datasheet HTML 1Page - Maxim Integrated Products MAX2601 Datasheet HTML 2Page - Maxim Integrated Products MAX2601 Datasheet HTML 3Page - Maxim Integrated Products MAX2601 Datasheet HTML 4Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
_________________________Quick Start
The following section provides instructions for setting
up the MAX2602 EV kit as a 1W RF power amplifier.
Test Equipment Required
RF signal generator capable of at least 20dBm of
output power at 836MHz
Attenuator that can handle at least 30dBm (1W) of
RF power (used to protect the test equipment)
RF spectrum analyzer for use at 836MHz (alterna-
tively, a power meter can be used)
DC power supply capable of delivering 1A at +2.7V
to +5.5V
Connections and Setup
Follow these steps for connecting the EV kit:
1) Connect a 50
Ω RF signal generator capable of sup-
plying at least 20dBm at 836MHz to the RF input
SMA connector (“IN”). Set the generator’s initial out-
put to a much lower power (-10dBm, for instance).
Keep this generator’s RF output off at this time.
2) Connect a fixed attenuator that can handle 1W of
power to the output SMA connector (“OUT”). This
attenuator reduces the power to the test equipment
and protects it from overload. Connect this attenua-
tor’s output to a spectrum analyzer that is set to dis-
play 836MHz. It may be possible to set a reference-
level offset on the analyzer to compensate for the
attenuator. Consult your spectrum analyzer’s manu-
al for details.
3) Set the power supply to +3.6V with a 1A current
limit. Disable the output. Connect the power supply
to the VC terminal on the EV kit through an ammeter.
_______________General Description
The MAX2602 evaluation kit (EV kit) simplifies the evalu-
ation of the MAX2602 1W RF power transistor for
900MHz band applications. The EV kit demonstrates
the MAX2602 in a 3.6V, 836MHz, 1W (30dBm) RF
power amplifier for constant-envelope applications.
The EV kit is shipped with a MAX2602, which contains
an internal biasing diode. With a simple modification,
the MAX2602 EV kit can be used to emulate the
MAX2601, which does not have an internal biasing
diode.
____________________________Features
o 1W (30dBm) Output Power at 836MHz
o 50
Ω Inputs and Outputs
o +2.7V to +5.5V Supply Range
o 11dB Gain at 836MHz
MAX2602 Evaluation Kit
________________________________________________________________
Maxim Integrated Products
1
PART
TEMP. RANGE
BOARD TYPE
MAX2602EVKIT-SO
-40°C to +85°C
Surface Mount
QTY
DESCRIPTION
C1, C2
2
C3
1
C4
1
12pF surface-mount capacitor
C5–C8,
C11, C12
6
C9, C11
2
0.1µF surface-mount capacitors
L1
1
L2
1
R1
1
R2
1
24
Ω surface-mount resistor
R3
1
0
Ω resistor
IN, OUT
2
Edge-mount SMA connectors
U1
1
MAX2602ESA (8-pin, thermally
enhanced SO)
1000pF surface-mount capacitors
10pF surface-mount capacitor
2pF surface-mount capacitors
DESIGNATION
100nH surface-mount inductor
18.5nH surface-mount spring inductor
Coilcraft A05T (Note 1)
430
Ω surface-mount resistor
____________________Component List
______________Ordering Information
None
1
MAX2601/MAX2602 data sheet
None
1
Printed circuit board
Note 1: Contact Coilcraft by phone at (800) 322-2645, by fax at
(847) 639-1469, or on the World Wide Web at
http://www.coilcraft.com.
For free samples & the latest literature: http://www.maxim-ic.com, or phone 1-800-998-8800.
For small orders, phone 408-737-7600 ext. 3468.


Similar Part No. - MAX2601

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2601 MAXIM-MAX2601 Datasheet
47Kb / 6P
3.6V, 1W RF Power Transistors for 900MHz Applications
19-1185; Rev 2; 5/97
MAX2601 MAXIM-MAX2601 Datasheet
93Kb / 6P
3.6V, 1W RF Power Transistors for 900MHz Applications
Rev 3; 9/08
MAX2601-MAX2602 MAXIM-MAX2601-MAX2602 Datasheet
47Kb / 6P
3.6V, 1W RF Power Transistors for 900MHz Applications
19-1185; Rev 2; 5/97
MAX2601ESA MAXIM-MAX2601ESA Datasheet
47Kb / 6P
3.6V, 1W RF Power Transistors for 900MHz Applications
19-1185; Rev 2; 5/97
MAX2601ESA MAXIM-MAX2601ESA Datasheet
93Kb / 6P
3.6V, 1W RF Power Transistors for 900MHz Applications
Rev 3; 9/08
More results

Similar Description - MAX2601

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX17681EVKITC MAXIM-MAX17681EVKITC Datasheet
2Mb / 11P
Evaluation Kit
Rev 0; 2/16
logo
STMicroelectronics
UM0382 STMICROELECTRONICS-UM0382 Datasheet
1Mb / 32P
Evaluation Kit
January 2007 Rev 2
logo
Maxim Integrated Produc...
MAX2043 MAXIM-MAX2043_1 Datasheet
190Kb / 7P
Evaluation Kit
Rev 0; 5/06
MAX2170 MAXIM-MAX2170 Datasheet
446Kb / 8P
Evaluation Kit
Rev 0; 12/06
MAX2396 MAXIM-MAX2396 Datasheet
730Kb / 13P
Evaluation Kit
Rev 0; 5/03
MAX2410 MAXIM-MAX2410_1 Datasheet
82Kb / 8P
Evaluation Kit
Rev 1; 3/98
MAX2411A MAXIM-MAX2411A_1 Datasheet
96Kb / 6P
Evaluation Kit
Rev 1; 2/98
MAX2685 MAXIM-MAX2685_1 Datasheet
162Kb / 6P
Evaluation Kit
Rev 0; 7/99
MAX3558 MAXIM-MAX3558_1 Datasheet
471Kb / 5P
Evaluation Kit
Rev 0; 11/03
MAX2649 MAXIM-MAX2649_1 Datasheet
163Kb / 4P
Evaluation Kit
Rev 0; 9/02
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com