Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

534524 Datasheet(PDF) 2 Page - Festo Corporation.

Part # 534524
Description  Air solenoid valve
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

534524 Datasheet(HTML) 2 Page - Festo Corporation.

  534524 Datasheet HTML 1Page - Festo Corporation. 534524 Datasheet HTML 2Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Feature
Value
Duty cycle
100%
Max. positive test pulse with 0 signal
500 µs
Max. negative test pulse on 1 signal
500 µs
Nominal pick-up current per solenoid coil
110 mA to 20 ms
Nominal current with current reduction
30 mA after 20 ms
Coil characteristics
24 V DC: low-current phase 1.0 W, high-current phase 2.4 W
Permissible voltage fluctuations
+/- 10 %
Operating medium
Compressed air as per ISO 8573-1:2010 [7:4:4]
Information on operating and pilot media
Operation with oil lubrication possible (required for further use)
Vibration resistance
Transport application test with severity level 2 as per FN 942017-4 and
EN 60068-2-6
Shock resistance
Shock test with severity level 2 as per FN 942017-5 and EN 60068-2-27
Corrosion resistance class (CRC)
2 - Moderate corrosion stress
Temperature of medium
-5 °C ... 50 °C
Relative air humidity
0 - 90 %
Pilot medium
Compressed air as per ISO 8573-1:2010 [7:4:4]
Ambient temperature
-5 °C ... 50 °C
Max. tightening torque for valve mounting
1.8 Nm ... 2.2 Nm
Product weight
270 g
Electrical connection
4-pin
M8x1
Central plug
Round design
Type of mounting
On sub-base
With through-hole and screw
Pilot air port 12/14
Sub-base, size 26 mm as per ISO 15407-1
Pilot exhaust air port 82/84
Optionally:
Not ducted as per standard
Ducted
Note on materials
RoHS-compliant
Seals material
FPM
HNBR
NBR
Housing material
Die-cast aluminum
8/23/21 - Subject to change - Festo AG & Co. KG
2/2


Similar Part No. - 534524

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
534522 FESTO-534522 Datasheet
98Kb / 2P
Air solenoid valve
534523 FESTO-534523 Datasheet
97Kb / 2P
Air solenoid valve
534525 FESTO-534525 Datasheet
98Kb / 2P
Air solenoid valve
534526 FESTO-534526 Datasheet
95Kb / 2P
Air solenoid valve
534527 FESTO-534527 Datasheet
97Kb / 2P
Air solenoid valve
More results

Similar Description - 534524

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
566993 FESTO-566993 Datasheet
103Kb / 2P
Air solenoid valve
566996 FESTO-566996 Datasheet
97Kb / 2P
Air solenoid valve
8116383 FESTO-8116383 Datasheet
83Kb / 2P
Air Solenoid valve
8116388 FESTO-8116388 Datasheet
82Kb / 2P
Air Solenoid valve
534536 FESTO-534536 Datasheet
94Kb / 2P
Air solenoid valve
534540 FESTO-534540 Datasheet
92Kb / 2P
Air solenoid valve
534541 FESTO-534541 Datasheet
93Kb / 2P
Air solenoid valve
534550 FESTO-534550 Datasheet
95Kb / 2P
Air solenoid valve
534552 FESTO-534552 Datasheet
98Kb / 2P
Air solenoid valve
547124 FESTO-547124 Datasheet
96Kb / 2P
Air solenoid valve
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com