Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

534524 Datasheet(PDF) 1 Page - Festo Corporation.

Part # 534524
Description  Air solenoid valve
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

534524 Datasheet(HTML) 1 Page - Festo Corporation.

  534524 Datasheet HTML 1Page - Festo Corporation. 534524 Datasheet HTML 2Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Air solenoid valve
VSVA-B-T32H-AZH-A1-1R2L
Part number: 534524
Data sheet
Feature
Value
Valve function
2x3/2, open/closed, monostable
Actuation type
Electrical
Width
26 mm
Pneumatic working port
Sub-base, size 26 mm as per ISO 15407-1
Operating voltage
24V DC
Operating pressure
0.3 MPa ... 1 MPa
Operating pressure
3 bar ... 10 bar
Design
Piston gate valve
Reset method
Pneumatic spring
Certification
C-Tick
c UL us - Recognized (OL)
CE marking (see declaration of conformity)
As per EU EMC directive
Degree of protection
IP65
NEMA 4
Nominal width
9 mm
Width dimension
27 mm
Type code
VSVA
Exhaust air function
With flow control option
Via throttle plate
Via individual sub-base
Sealing principle
Soft
Mounting position
Any
Conforms to standard
ISO 15407-1
Manual override
Non-detenting
Type of control
Pilot-controlled
Pilot air supply port
External
Flow direction
Non-reversible
Symbol
00991818
Lap
Overlap
Signal status display
LED
Pilot pressure MPa
0.3 MPa ... 0.8 MPa
Pilot pressure
3 bar ... 8 bar
Flow rate of pneumatic valve
1250 l/min
Flow rate of pneumatic valve on individual sub-base
1000 l/min
Optimized flow rate of pneumatic valve pneumatically concatenated flow 900 l/min
Switching time off
33 ms
On switching time
20 ms
8/23/21 - Subject to change - Festo AG & Co. KG
1/2


Similar Part No. - 534524

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
534522 FESTO-534522 Datasheet
98Kb / 2P
Air solenoid valve
534523 FESTO-534523 Datasheet
97Kb / 2P
Air solenoid valve
534525 FESTO-534525 Datasheet
98Kb / 2P
Air solenoid valve
534526 FESTO-534526 Datasheet
95Kb / 2P
Air solenoid valve
534527 FESTO-534527 Datasheet
97Kb / 2P
Air solenoid valve
More results

Similar Description - 534524

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
566993 FESTO-566993 Datasheet
103Kb / 2P
Air solenoid valve
566996 FESTO-566996 Datasheet
97Kb / 2P
Air solenoid valve
8116383 FESTO-8116383 Datasheet
83Kb / 2P
Air Solenoid valve
8116388 FESTO-8116388 Datasheet
82Kb / 2P
Air Solenoid valve
534536 FESTO-534536 Datasheet
94Kb / 2P
Air solenoid valve
534540 FESTO-534540 Datasheet
92Kb / 2P
Air solenoid valve
534541 FESTO-534541 Datasheet
93Kb / 2P
Air solenoid valve
534550 FESTO-534550 Datasheet
95Kb / 2P
Air solenoid valve
534552 FESTO-534552 Datasheet
98Kb / 2P
Air solenoid valve
547124 FESTO-547124 Datasheet
96Kb / 2P
Air solenoid valve
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com