Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MICROC Datasheet(PDF) 2 Page - ON Semiconductor

Part # MICROC
Description  Silicon Photomultipliers (SiPM), Low-Noise, Blue-Sensitive
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MICROC Datasheet(HTML) 2 Page - ON Semiconductor

  MICROC Datasheet HTML 1Page - ON Semiconductor MICROC Datasheet HTML 2Page - ON Semiconductor MICROC Datasheet HTML 3Page - ON Semiconductor MICROC Datasheet HTML 4Page - ON Semiconductor MICROC Datasheet HTML 5Page - ON Semiconductor MICROC Datasheet HTML 6Page - ON Semiconductor MICROC Datasheet HTML 7Page - ON Semiconductor MICROC Datasheet HTML 8Page - ON Semiconductor MICROC Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
C−Series SiPM Sensors
www.onsemi.com
2
Table 1. PERFORMANCE PARAMETERS (continued)
Sensor
Size
Units
Max.
Typ.
Min.
Overvoltage
Parameter (Note 1)
Microcell Size
1mm
10m
PDE (Note 5) at lp
Vbr + 2.5 V
14
%
20m
24
%
35m
31
%
1mm
10m
Vbr + 5.0 V
18
%
20m
31
%
35m
41
%
3mm
20m
Vbr + 2.5 V
24
%
35m
31
%
50m
35
%
3mm
20m
Vbr + 5.0 V
31
%
35m
41
%
50m
47
%
6mm
35m
Vbr + 2.5 V
31
%
6mm
35m
Vbr + 5.0 V
41
%
1mm
10m
Gain
(anode to cathode readout)
Vbr + 2.5 V
2 × 105
20m
1 × 106
35m
3 × 106
3mm
20m
1 × 106
35m
3 × 106
50m
6 × 106
6mm
35m
3 × 106
1mm
10m
Dark Current (Note 6)
Vbr + 2.5 V
1
3
nA
20m
5
16
nA
35m
15
49
nA
3mm
20m
50
142
nA
35m
154
443
nA
50m
319
914
nA
6mm
35m
618
1750
nA


Similar Part No. - MICROC

ManufacturerPart #DatasheetDescription
logo
Major League Electronic...
MICRO-01 MAJOR-LEAGUE-MICRO-01 Datasheet
143Kb / 2P
   .050" Staggered cl Female on Board Connector Surface Mount Straight With Polarization
MICRO-02 MAJOR-LEAGUE-MICRO-02 Datasheet
139Kb / 2P
   .050" Staggered cl Female on Board Side Entry Connector
MICRO-03 MAJOR-LEAGUE-MICRO-03 Datasheet
151Kb / 2P
   .050" Staggered cl Female on Board Connector Thru Hole Straight With Kinked Pins
MICRO-04 MAJOR-LEAGUE-MICRO-04 Datasheet
183Kb / 2P
   .050" Staggered cl Plug (paddleboard) Connector Thru Hole Straight With Kinked Pins
MICRO-05 MAJOR-LEAGUE-MICRO-05 Datasheet
157Kb / 2P
   .050" Staggered cl IDC Male On Wire Connector Cable Mount With Polarizing Peg
More results

Similar Description - MICROC

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MICRORB ONSEMI-MICRORB Datasheet
1Mb / 11P
   Silicon Photomultipliers (SiPM), Red-Enhanced Second Generation
May, 2019 ??Rev. 5
ARRAYRDM-0116A10 ONSEMI-ARRAYRDM-0116A10 Datasheet
1Mb / 9P
   Silicon Photomultipliers (SiPM), RDM-Series 1 x 16 Monolithic Array
April, 2020 ??Rev. P1
ARRAYRDM-0112A20 ONSEMI-ARRAYRDM-0112A20 Datasheet
2Mb / 6P
   Silicon Photomultipliers (SiPM), RDM-Series 1 x 12 Monolithic Array
September, 2020 ??Rev. P7
MICROJ ONSEMI-MICROJ Datasheet
702Kb / 12P
   Silicon Photomultipliers (SiPM), High PDE and Timing Resolution Sensors in a TSV Package
December, 2018 ??Rev. 6
logo
PerkinElmer Optoelectro...
C1963 PERKINELMER-C1963 Datasheet
10Kb / 11P
   Channel Photomultipliers
logo
List of Unclassifed Man...
C30742-33 ETC2-C30742-33 Datasheet
687Kb / 5P
   Silicon Photomultipliers with 3x3 mm짼 active area
logo
ON Semiconductor
MICRORD ONSEMI-MICRORD Datasheet
1Mb / 9P
   NIR-Enhanced, Single Pixel Silicon Photomultiplier (SiPM)
May, 2020 ??Rev. P2
ARRAYJ ONSEMI-ARRAYJ Datasheet
5Mb / 32P
   Silicon Photomultiplier (SiPM) High Fill-Factor Arrays
January, 2019 ??Rev. 6
ARRAYC ONSEMI-ARRAYC Datasheet
1Mb / 29P
   Silicon Photomultiplier (SiPM) 4-Side Scaleable Arrays
March, 2019 ??Rev. 7
logo
PerkinElmer Optoelectro...
CPMC1300 PERKINELMER-CPMC1300 Datasheet
859Kb / 11P
   Channel Photomultipliers Overview and Specifications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com