Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MICROC Datasheet(PDF) 16 Page - ON Semiconductor

Part # MICROC
Description  Silicon Photomultipliers (SiPM), Low-Noise, Blue-Sensitive
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MICROC Datasheet(HTML) 16 Page - ON Semiconductor

Back Button MICROC Datasheet HTML 8Page - ON Semiconductor MICROC Datasheet HTML 9Page - ON Semiconductor MICROC Datasheet HTML 10Page - ON Semiconductor MICROC Datasheet HTML 11Page - ON Semiconductor MICROC Datasheet HTML 12Page - ON Semiconductor MICROC Datasheet HTML 13Page - ON Semiconductor MICROC Datasheet HTML 14Page - ON Semiconductor MICROC Datasheet HTML 15Page - ON Semiconductor MICROC Datasheet HTML 16Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
C−Series SiPM Sensors
www.onsemi.com
16
Table 5. ORDERING INFORMATION (continued)
Product Code
(Note 11)
Delivery
Options
(Note 12)
Package Type
Sensor
Active Area
Microcell Size
(Total Number)
30000 Series
MICROFC−30020−SMT
20 mm
(10998 microcells)
3 mm × 3 mm
4-side tileable, surface mount package
(SMT)
TR1, TR
MICROFC−SMA−30020−GEVB
SMT sensor mounted onto a PCB with
SMA connectors for bias and output.
PK
MICROFC−SMTPA−30020−GEVB
SMT sensor mounted onto a pin
adapter board
PK
MICROFC−30035−SMT
35 mm
(4774 microcells)
4-side tileable, surface mount package
(SMT)
TR1, TR
MICROFC−SMA−30035−GEVB
SMT sensor mounted onto a PCB with
SMA connectors for bias and output.
PK
MICROFC−SMTPA−30035−GEVB
SMT sensor mounted onto a pin
adapter board
PK
MICROFC−30050−SMT
50 mm
(2668 microcells)
4-side tileable, surface mount package
(SMT)
TR1, TR
MICROFC−SMA−30050−GEVB
SMT sensor mounted onto a PCB with
SMA connectors for bias and output.
PK
MICROFC−SMTPA−30050−GEVB
SMT sensor mounted onto a pin
adapter board
PK
60000 Series
MICROFC−60035−SMT
35 mm
(18980 microcells)
6mm × 6mm
4-side tileable, surface mount package
(SMT)
TR1, TR
MICROFC−SMA−60035−GEVB
SMT sensor mounted onto a PCB with
SMA connectors for bias and output.
PK
MICROFC−SMTPA−60035−GEVB
SMT sensor mounted onto a pin
adapter board
PK
11. All Devices are Pb-Free and are RoHS Compliant.
12.The two-letter delivery option code should be appended to the order number, e.g.) to receive MICROFC−60035−SMT on tape and reel, use
MICROFC−60035−SMT−TR. The codes are as follows:
PK = ESD Package
TR1 = Tape
TR = Tape and Reel
There is a minimum order quantity (MOQ) of 3000 for the tape and reel (TR) option. The TR option is only available in multiples of the MOQ.
ON Semiconductor and
are trademarks of Semiconductor Components Industries, LLC dba ON Semiconductor or its subsidiaries in the United States and/or other countries.
ON Semiconductor owns the rights to a number of patents, trademarks, copyrights, trade secrets, and other intellectual property. A listing of ON Semiconductor’s product/patent
coverage may be accessed at www.onsemi.com/site/pdf/Patent−Marking.pdf. ON Semiconductor reserves the right to make changes without further notice to any products herein.
ON Semiconductor makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does ON Semiconductor assume any liability
arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages.
Buyer is responsible for its products and applications using ON Semiconductor products, including compliance with all laws, regulations and safety requirements or standards,
regardless of any support or applications information provided by ON Semiconductor. “Typical” parameters which may be provided in ON Semiconductor data sheets and/or
specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including “Typicals” must be validated for each customer
application by customer’s technical experts. ON Semiconductor does not convey any license under its patent rights nor the rights of others. ON Semiconductor products are not
designed, intended, or authorized for use as a critical component in life support systems or any FDA Class 3 medical devices or medical devices with a same or similar classification
in a foreign jurisdiction or any devices intended for implantation in the human body. Should Buyer purchase or use ON Semiconductor products for any such unintended or unauthorized
application, Buyer shall indemnify and hold ON Semiconductor and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and
expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such
claim alleges that ON Semiconductor was negligent regarding the design or manufacture of the part. ON Semiconductor is an Equal Opportunity/Affirmative Action Employer. This
literature is subject to all applicable copyright laws and is not for resale in any manner.
PUBLICATION ORDERING INFORMATION
N. American Technical Support: 800−282−9855 Toll Free
USA/Canada
Europe, Middle East and Africa Technical Support:
Phone: 421 33 790 2910
MICROC−SERIES/D
SensL is a registered trademark of Semiconductor Components Industries, LLC (SCILLC) or its subsidiaries in the United States and/or other
countries.
LITERATURE FULFILLMENT:
Literature Distribution Center for ON Semiconductor
19521 E. 32nd Pkwy, Aurora, Colorado 80011 USA
Phone: 303−675−2175 or 800−344−3860 Toll Free USA/Canada
Fax: 303−675−2176 or 800−344−3867 Toll Free USA/Canada
Email: orderlit@onsemi.com
ON Semiconductor Website: www.onsemi.com
Order Literature: http://www.onsemi.com/orderlit
For additional information, please contact your local
Sales Representative


Similar Part No. - MICROC

ManufacturerPart #DatasheetDescription
logo
Major League Electronic...
MICRO-01 MAJOR-LEAGUE-MICRO-01 Datasheet
143Kb / 2P
   .050" Staggered cl Female on Board Connector Surface Mount Straight With Polarization
MICRO-02 MAJOR-LEAGUE-MICRO-02 Datasheet
139Kb / 2P
   .050" Staggered cl Female on Board Side Entry Connector
MICRO-03 MAJOR-LEAGUE-MICRO-03 Datasheet
151Kb / 2P
   .050" Staggered cl Female on Board Connector Thru Hole Straight With Kinked Pins
MICRO-04 MAJOR-LEAGUE-MICRO-04 Datasheet
183Kb / 2P
   .050" Staggered cl Plug (paddleboard) Connector Thru Hole Straight With Kinked Pins
MICRO-05 MAJOR-LEAGUE-MICRO-05 Datasheet
157Kb / 2P
   .050" Staggered cl IDC Male On Wire Connector Cable Mount With Polarizing Peg
More results

Similar Description - MICROC

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MICRORB ONSEMI-MICRORB Datasheet
1Mb / 11P
   Silicon Photomultipliers (SiPM), Red-Enhanced Second Generation
May, 2019 ??Rev. 5
ARRAYRDM-0116A10 ONSEMI-ARRAYRDM-0116A10 Datasheet
1Mb / 9P
   Silicon Photomultipliers (SiPM), RDM-Series 1 x 16 Monolithic Array
April, 2020 ??Rev. P1
ARRAYRDM-0112A20 ONSEMI-ARRAYRDM-0112A20 Datasheet
2Mb / 6P
   Silicon Photomultipliers (SiPM), RDM-Series 1 x 12 Monolithic Array
September, 2020 ??Rev. P7
MICROJ ONSEMI-MICROJ Datasheet
702Kb / 12P
   Silicon Photomultipliers (SiPM), High PDE and Timing Resolution Sensors in a TSV Package
December, 2018 ??Rev. 6
logo
PerkinElmer Optoelectro...
C1963 PERKINELMER-C1963 Datasheet
10Kb / 11P
   Channel Photomultipliers
logo
List of Unclassifed Man...
C30742-33 ETC2-C30742-33 Datasheet
687Kb / 5P
   Silicon Photomultipliers with 3x3 mm짼 active area
logo
ON Semiconductor
MICRORD ONSEMI-MICRORD Datasheet
1Mb / 9P
   NIR-Enhanced, Single Pixel Silicon Photomultiplier (SiPM)
May, 2020 ??Rev. P2
ARRAYJ ONSEMI-ARRAYJ Datasheet
5Mb / 32P
   Silicon Photomultiplier (SiPM) High Fill-Factor Arrays
January, 2019 ??Rev. 6
ARRAYC ONSEMI-ARRAYC Datasheet
1Mb / 29P
   Silicon Photomultiplier (SiPM) 4-Side Scaleable Arrays
March, 2019 ??Rev. 7
logo
PerkinElmer Optoelectro...
CPMC1300 PERKINELMER-CPMC1300 Datasheet
859Kb / 11P
   Channel Photomultipliers Overview and Specifications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com