Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

552936 Datasheet(PDF) 1 Page - Festo Corporation.

Part # 552936
Description  Pressure booster
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

552936 Datasheet(HTML) 1 Page - Festo Corporation.

  552936 Datasheet HTML 1Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Pressure booster
DPA-100-10-CRVZS20
Part number: 552936
Data sheet
Feature
Value
Piston diameter
100 mm
Volume
20 l
Type code
DPA-CRVZS
Mounting position
Condensate drain downwards
Design
Twin-piston pressure intensifier
with air reservoir
with pressure gauge
with non-return valve
Symbol
00991432
Pressure gauge
with pressure gauge
Outlet pressure 2
4 bar ... 10 bar
Operating pressure
2 bar ... 8 bar
Pressure regulation range
4 bar ... 10 bar
Inlet pressure 1
2 bar ... 8 bar
CE marking (see declaration of conformity)
as per EU pressure equipment directive
Operating medium
Compressed air as per ISO 8573-1:2010 [7:3:4]
Information on operating and pilot media
Operation with oil lubrication not possible
Corrosion resistance class (CRC)
2 - Moderate corrosion stress
Storage temperature
5 °C ... 60 °C
Ambient temperature
5 °C ... 60 °C
Max. tightening torque for condensate drain
27 Nm
Product weight
30000 g
Type of mounting
With slot nuts
Pneumatic connection 1
QS-16
Pneumatic connection 2
KD4
Pneumatic connection 3
Pneumatic muffler
Note on materials
RoHS-compliant
Air reservoir material
High-alloy stainless steel
8/17/21 - Subject to change - Festo AG & Co. KG
1/1


Similar Part No. - 552936

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
55293 ALPHAWIRE-55293 Datasheet
409Kb / 4P
20 (7/28) AWG Tinned Copper
logo
Festo Corporation.
552930 FESTO-552930 Datasheet
103Kb / 1P
Pressure booster
552931 FESTO-552931 Datasheet
104Kb / 1P
Pressure booster
552932 FESTO-552932 Datasheet
111Kb / 1P
Pressure booster
552933 FESTO-552933 Datasheet
111Kb / 1P
Pressure booster
More results

Similar Description - 552936

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
188399 FESTO-188399 Datasheet
101Kb / 1P
Pressure booster
537274 FESTO-537274 Datasheet
93Kb / 1P
Pressure booster
549397 FESTO-549397 Datasheet
108Kb / 1P
Pressure booster
549398 FESTO-549398 Datasheet
101Kb / 1P
Pressure booster
549401 FESTO-549401 Datasheet
100Kb / 1P
Pressure booster
549402 FESTO-549402 Datasheet
101Kb / 1P
Pressure booster
552928 FESTO-552928 Datasheet
96Kb / 1P
Pressure booster
552931 FESTO-552931 Datasheet
104Kb / 1P
Pressure booster
552932 FESTO-552932 Datasheet
111Kb / 1P
Pressure booster
552934 FESTO-552934 Datasheet
111Kb / 1P
Pressure booster
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com