Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1407988 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1407988
Description  Dummy module - CUC-PP-MODUL-COVER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1407988 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1407988 Datasheet HTML 1Page - PHOENIX CONTACT 1407988 Datasheet HTML 2Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
https://www.phoenixcontact.com/us/products/1407988
03/11/2016   Page 1 / 2
Dummy module - CUC-PP-MODUL-COVER - 1407988
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
Dummy frame, size of one module, for use in the frame
Product Description
Dummy frame, size of one module, for use in the frame
Key Commercial Data
Packing unit
1 pc
Weight per Piece (excluding packing)
100.0 g
Custom tariff number
85389099
Country of origin
Germany
Classifications
eCl@ss
eCl@ss 4.0
27140816
eCl@ss 4.1
27260701
eCl@ss 5.0
27260701
eCl@ss 5.1
27260701
eCl@ss 6.0
27260705
eCl@ss 7.0
27440309
ETIM
ETIM 3.0
EC000438
ETIM 4.0
EC001679
ETIM 5.0
EC002608
UNSPSC
UNSPSC 6.01
30211923
UNSPSC 7.0901
39121522
UNSPSC 11
39121522
UNSPSC 12.01
39121522


Similar Part No. - 1407988

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1407986 PHOENIX-1407986 Datasheet
43Kb / 2P
19 mounting frame - CUC-PP-FRAME-1
1407989 PHOENIX-1407989 Datasheet
42Kb / 2P
Screw set - CUC-PP-FRAME-SCREWSET
More results

Similar Description - 1407988

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1407991 PHOENIX-1407991 Datasheet
53Kb / 2P
Cable tie - CUC-PP-MODUL-CABLEFIXSET
09/11/2020
1407994 PHOENIX-1407994 Datasheet
43Kb / 2P
Marshalling panel - CUC-PP-PATCHBAY
1407989 PHOENIX-1407989 Datasheet
42Kb / 2P
Screw set - CUC-PP-FRAME-SCREWSET
1409283 PHOENIX-1409283 Datasheet
43Kb / 2P
Marshalling panel - CUC-PP-PATCHBAY-MH
1409284 PHOENIX-1409284 Datasheet
43Kb / 2P
Marshalling panel - CUC-PP-PATCHBAY-MH BK
1407986 PHOENIX-1407986 Datasheet
43Kb / 2P
19 mounting frame - CUC-PP-FRAME-1
1409140 PHOENIX-1409140 Datasheet
43Kb / 2P
19" mounting frame - CUC-PP-FRAME-19 BK
logo
HARTING Technology Grou...
09-14-000-9950 HARTING-09-14-000-9950 Datasheet
445Kb / 1P
Han Dummy Module
logo
Schneider Electric
TM5SD000 SCHNEIDER-TM5SD000 Datasheet
223Kb / 6P
Dummy module, Modicon TM5, module
Apr 6, 2022
logo
HARTING Technology Grou...
09-14-003-3050 HARTING-09-14-003-3050 Datasheet
502Kb / 2P
Han Guiding Dummy module, male
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com