Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

26121604 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 26121604
Description  Coupling - VS-MP-PPC/CG-XL-PO/10G
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

26121604 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  26121604 Datasheet HTML 1Page - PHOENIX CONTACT 26121604 Datasheet HTML 2Page - PHOENIX CONTACT 26121604 Datasheet HTML 3Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
https://www.phoenixcontact.com/us/products/1403688
10.10.2013   Page 2 / 3
Coupling - VS-MP-PPC/CG-XL-PO/10G - 1403688
Technical data
Electrical characteristics
Nominal voltage UN
24 V
Nominal current IN
16 A
Transmission characteristics (category)
CAT6A
Classifications
eCl@ss
eCl@ss 4.0
272607xx
eCl@ss 4.1
27260701
eCl@ss 5.0
27260701
eCl@ss 5.1
27061801
eCl@ss 6.0
27061801
eCl@ss 7.0
27061801
eCl@ss 8.0
27061801
ETIM
ETIM 3.0
EC000830
ETIM 4.0
EC001134
ETIM 5.0
EC001134
UNSPSC
UNSPSC 6.01
26121616
UNSPSC 7.0901
26121616
UNSPSC 11
26121604
UNSPSC 12.01
31261501
UNSPSC 13.2
26121616
Drawings
Drilling diagram
20,5
20,7
Dimensioned drawing
66
~115


Similar Part No. - 26121604

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
26121604 PHOENIX-26121604 Datasheet
188Kb / 13P
Bus system cable - SAC-5P-MR/ 2,0-923/FS CAN SCO
09/11/2020
26121604 PHOENIX-26121604 Datasheet
63Kb / 5P
Coupling - VS-MP-PPC/CG-10G
26121604 PHOENIX-26121604 Datasheet
428Kb / 14P
Network cable - NBC-M12FSX/10,0-94F/R4RC
26121604 PHOENIX-26121604 Datasheet
236Kb / 16P
Network cable - NBC- 1,0-94B/FS SCO
09/11/2020
26121604 PHOENIX-26121604 Datasheet
494Kb / 8P
Hybrid cable - NBC-M12FRY/2,0-94H
More results

Similar Description - 26121604

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1403686 PHOENIX-1403686 Datasheet
63Kb / 5P
Coupling - VS-MP-PPC/CG-XL-10G
1404325 PHOENIX-1404325 Datasheet
68Kb / 3P
Coupling - VS-MP-PPC/CG-XL-PO/FO
1403682 PHOENIX-1403682 Datasheet
68Kb / 2P
Coupling - VS-MP-PPC/CG-PO/10G
1403681 PHOENIX-1403681 Datasheet
61Kb / 2P
Coupling - VS-MP-PPC/CG-PO
1404324 PHOENIX-1404324 Datasheet
60Kb / 3P
Coupling - VS-MP-PPC/CG-XL-FO
1403678 PHOENIX-1403678 Datasheet
63Kb / 5P
Coupling - VS-MP-PPC/CG-10G
1404321 PHOENIX-1404321 Datasheet
67Kb / 3P
Coupling - VS-MP-PPC/CG-PO/FO
1403684 PHOENIX-1403684 Datasheet
61Kb / 2P
Coupling - VS-MP-PPC/PPC-PO
1404319 PHOENIX-1404319 Datasheet
60Kb / 3P
Coupling - VS-MP-PPC/CG-FO
1405183 PHOENIX-1405183 Datasheet
247Kb / 3P
RJ45 coupling - VS-PPC-J-1-RJ45-MNBK
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com