Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

26121604 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 26121604
Description  Coupling - VS-MP-PPC/CG-XL-PO/10G
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

26121604 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  26121604 Datasheet HTML 1Page - PHOENIX CONTACT 26121604 Datasheet HTML 2Page - PHOENIX CONTACT 26121604 Datasheet HTML 3Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
https://www.phoenixcontact.com/us/products/1403688
10.10.2013   Page 1 / 3
Coupling - VS-MP-PPC/CG-XL-PO/10G - 1403688
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://download.phoenixcontact.com)
Multi-port power and data connection: push/pull power and RJ45, 10 Gbps, for passive PROFINET cabling to
robots, including mounting foot.
Product description
Push/pull power and data coupling; version 14  
 
 
Key commercial data
Packing unit
1 PCE
GTIN
Custom tariff number
85366990
Country of origin
GERMANY
Technical data
Mechanical characteristics
Connection profile
Data/power: 8/5-pos.
Insertion/withdrawal cycles
> 1000 (Data)
<= 100 (Power)
Max. cable diameter
7 mm ... 10.5 mm (Data cable gland)
Ambient temperature (operation)
-40 °C ... 70 °C
Ambient conditions
Ambient temperature (operation)
-40 °C ... 70 °C
Degree of protection
IP65
Material data
Housing material
Aluminum alloy
Electrical characteristics


Similar Part No. - 26121604

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
26121604 PHOENIX-26121604 Datasheet
494Kb / 8P
   Hybrid cable - NBC-M12FRY/2,0-94H
26121604 PHOENIX-26121604 Datasheet
236Kb / 16P
   Network cable - NBC- 1,0-94B/FS SCO
09/11/2020
26121604 PHOENIX-26121604 Datasheet
295Kb / 8P
   Network cable - NBC-M8MSD/ 1,0-93C/M8MSD
26121604 PHOENIX-26121604 Datasheet
63Kb / 5P
   Coupling - VS-MP-PPC/CG-10G
26121604 PHOENIX-26121604 Datasheet
428Kb / 14P
   Network cable - NBC-M12FSX/10,0-94F/R4RC
More results

Similar Description - 26121604

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1403686 PHOENIX-1403686 Datasheet
63Kb / 5P
   Coupling - VS-MP-PPC/CG-XL-10G
1404325 PHOENIX-1404325 Datasheet
68Kb / 3P
   Coupling - VS-MP-PPC/CG-XL-PO/FO
1403682 PHOENIX-1403682 Datasheet
68Kb / 2P
   Coupling - VS-MP-PPC/CG-PO/10G
1403681 PHOENIX-1403681 Datasheet
61Kb / 2P
   Coupling - VS-MP-PPC/CG-PO
1404324 PHOENIX-1404324 Datasheet
60Kb / 3P
   Coupling - VS-MP-PPC/CG-XL-FO
1403678 PHOENIX-1403678 Datasheet
63Kb / 5P
   Coupling - VS-MP-PPC/CG-10G
1404321 PHOENIX-1404321 Datasheet
67Kb / 3P
   Coupling - VS-MP-PPC/CG-PO/FO
1403684 PHOENIX-1403684 Datasheet
61Kb / 2P
   Coupling - VS-MP-PPC/PPC-PO
1404319 PHOENIX-1404319 Datasheet
60Kb / 3P
   Coupling - VS-MP-PPC/CG-FO
1405183 PHOENIX-1405183 Datasheet
247Kb / 3P
   RJ45 coupling - VS-PPC-J-1-RJ45-MNBK
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com