Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XRD6440 Datasheet(PDF) 4 Page - Exar Corporation

Part # XRD6440
Description  10-BIT 40MSPS CMOS ADC
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRD6440 Datasheet(HTML) 4 Page - Exar Corporation

  XRD6440 Datasheet HTML 1Page - Exar Corporation XRD6440 Datasheet HTML 2Page - Exar Corporation XRD6440 Datasheet HTML 3Page - Exar Corporation XRD6440 Datasheet HTML 4Page - Exar Corporation XRD6440 Datasheet HTML 5Page - Exar Corporation XRD6440 Datasheet HTML 6Page - Exar Corporation XRD6440 Datasheet HTML 7Page - Exar Corporation XRD6440 Datasheet HTML 8Page - Exar Corporation XRD6440 Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
;5'

5HY 
 /HDG 74)3 3DFNDJH







'9
&/.
'*1'
'*1'
2(1
25%
'
'9
'
'2*1'
'2*1'
'29
'29
9%*
9#
9#%
3,1 '(6&5,37,21 /HDG 74)3 3DFNDJH
3LQ 
6\PERO
'HVFULSWLRQ

9576
7RS  5HIHUHQFH 9ROWDJH 6HQVH

95%6
%RWWRP  5HIHUHQFH 9ROWDJH 6HQVH

95%)
%RWWRP  5HIHUHQFH 9ROWDJH )RUFH

5*1'
$QDORJ 5HIHUHQFH *URXQG

9,1
$QDORJ 9ROWDJH ,QSXW

9,15
$QDORJ ,QSXW 5HIHUHQFH

$*1'
$QDORJ *URXQG

$9''
$QDORJ 3RZHU 6XSSO\

'9''
'LJLWDO 3RZHU 6XSSO\

'9''
'LJLWDO 3RZHU 6XSSO\

&/.
&ORFN ,QSXW

'*1'
'LJLWDO *URXQG

'*1'
'LJLWDO *URXQG

2(1
2XWSXW (QDEOH &RQWURO

25%
2XW RI 5DQJH 'LJLWDO 2XWSXW

'
'DWD 2XWSXW %LW  06%

'
'DWD 2XWSXW %LW 

'
'DWD 2XWSXW %LW 

'
'DWD 2XWSXW %LW 

'
'DWD 2XWSXW %LW 

'
'DWD 2XWSXW %LW 

'
'DWD 2XWSXW %LW 

'
'DWD 2XWSXW %LW 

'
'DWD 2XWSXW %LW 

'
'DWD 2XWSXW %LW  /6%


Similar Part No. - XRD6440

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRD6406 EXAR-XRD6406 Datasheet
363Kb / 12P
   CMOS 6 MSPS, 10-Bit, High Speed Analog-to-Digital Converter
XRD6406AID EXAR-XRD6406AID Datasheet
363Kb / 12P
   CMOS 6 MSPS, 10-Bit, High Speed Analog-to-Digital Converter
XRD6406AIP EXAR-XRD6406AIP Datasheet
363Kb / 12P
   CMOS 6 MSPS, 10-Bit, High Speed Analog-to-Digital Converter
XRD6414 EXAR-XRD6414 Datasheet
204Kb / 16P
   CMOS 10-Bit, 20 MSPS, High Speed Analog-to-Digital Converter with 4:1 Input Analog Multiplexer
XRD6414AIQ EXAR-XRD6414AIQ Datasheet
204Kb / 16P
   CMOS 10-Bit, 20 MSPS, High Speed Analog-to-Digital Converter with 4:1 Input Analog Multiplexer
More results

Similar Description - XRD6440

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRD64L42 EXAR-XRD64L42 Datasheet
204Kb / 16P
   Dual 10-Bit 40MSPS CMOS ADC
XRD64L43 EXAR-XRD64L43 Datasheet
5Mb / 20P
   Dual 10-Bit 40MSPS CMOS ADC
logo
Maxim Integrated Produc...
MAX1161 MAXIM-MAX1161 Datasheet
78Kb / 8P
   10-Bit, 40Msps, TTL-Output ADC
19-1190; Rev 0; 3/97
MAX1206 MAXIM-MAX1206 Datasheet
609Kb / 29P
   40Msps, 12-Bit ADC
Rev 0; 5/04
MAX1444 MAXIM-MAX1444 Datasheet
401Kb / 20P
   10-Bit, 40Msps, 3.0V, Low-Power ADC with Internal Reference
Rev 1; 11/03
logo
Texas Instruments
ADS5275 TI-ADS5275 Datasheet
303Kb / 20P
[Old version datasheet]   8-Channel, 10-Bit, 40MSPS ADC with Serial LVDS Interface
logo
Maxim Integrated Produc...
MAX1444 MAXIM-MAX1444_V01 Datasheet
283Kb / 20P
   10-Bit, 40Msps, 3.0V, Low-Power ADC with Internal Reference
2010
logo
Exar Corporation
XRD64L44 EXAR-XRD64L44 Datasheet
162Kb / 15P
   Dual 10-Bit 50MSPS CMOS ADC
logo
Wolfson Microelectronic...
WM8200 WOLFSON-WM8200 Datasheet
161Kb / 15P
   40MSPS ADC with PGA
logo
Renesas Technology Corp
HI5746 RENESAS-HI5746 Datasheet
738Kb / 16P
   10-Bit, 40MSPS A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com