| Electronic Components Datasheet Search |
|
AM652X Datasheet(PDF) 151 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
AM652X Datasheet(HTML) 151 Page - Texas Instruments |
|
151 / 282 page ![]() Figure 7-13. Clock Switching Characteristics 7.9.4 Clock Specifications 7.9.4.1 Input Clocks / Oscillators Various external clock inputs are needed to drive the device. Summary of these input clock signals are: • OSC1_XO/OSC1_XI — Еxternal main crystal interface pins connected to internal oscillator which sources reference clock and provides reference clock to PLLs within MAIN domain. Also, for audio applications, high-frequency oscillator 0 is used to provide audio clock frequencies to MCASPs. • WKUP_OSC0_XO/WKUP_OSC0_XI — Еxternal main crystal interface pins connected to internal oscillator which sources reference clock and provides reference clock to PLLs within MCU domain and MAIN domain. • WKUP_LFOSC_XO/WKUP_LFOSC_XI — External main crystal interface pins connected to internal oscillator which sources reference clock provides a clock for low power operation in deeper sleep modes. • MCU_EXT_REFCLK0 — Optional external system clock input (MCU domain). • EXT_REFCLK1— Optional external System clock input (MAIN domain). Optionally PLL2 (PER1) and MCASP can be sourced by EXT_REFCLK1 (sourced externally). • SERDES0_REFCLK P/N and SERDES1_REFCLK P/N — SerDes reference clock for PCIe or Optional USB3.0 PHY. • MCU_CPTS0_RFT_CLK — CPTS reference clock inputs for MCU_CPTS0_RFT_CLK. • CPTS_RFT0_CLK — CPTS reference clock inputs for CPTS0_RFT_CLK. • VOUT1_EXTPCLKIN — Optional for the DPI1 Port of DSS. • REFCLK0 P/N and REFCLK1 P/N — There are 2 differential clock output pins to support 2 PCIe devices. Figure 7-14 shows the external input clock sources to peripherals. www.ti.com AM6548, AM6528, AM6526 SPRSP52B – DECEMBER 2019 – REVISED JUNE 2021 Copyright © 2021 Texas Instruments Incorporated Submit Document Feedback 151 Product Folder Links: AM6548 AM6528 AM6526 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |