Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC13109A Datasheet(PDF) 23 Page - Motorola, Inc

Part # MC13109A
Description  UNIVERSAL CORDLESS TELEPHONE SUBSYSTEM IC
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC13109A Datasheet(HTML) 23 Page - Motorola, Inc

Back Button MC13109A Datasheet HTML 19Page - Motorola, Inc MC13109A Datasheet HTML 20Page - Motorola, Inc MC13109A Datasheet HTML 21Page - Motorola, Inc MC13109A Datasheet HTML 22Page - Motorola, Inc MC13109A Datasheet HTML 23Page - Motorola, Inc MC13109A Datasheet HTML 24Page - Motorola, Inc MC13109A Datasheet HTML 25Page - Motorola, Inc MC13109A Datasheet HTML 26Page - Motorola, Inc MC13109A Datasheet HTML 27Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 28 page
background image
MC13109A
23
MOTOROLA RF/IF DEVICE DATA
Figure 27. Test Mode Description
TM #
TM 3
TM 2
TM 1
TM 0
Counter Under Test or
Test Mode Option
“Tx VCO”
Input Signal
“Clk Out” Output Expected
0
0
0
0
0
Normal Operation
>200 mVpp
1
0
0
0
1
Rx Counter, upper 6
0 to 2.2 V
Input Frequency/64
2
0
0
1
0
Rx Counter, lower 8
0 to 2.2 V
See Note Below
3
0
0
1
1
Rx Prescaler
0 to 2.2 V
Input Frequency/4
4
0
1
0
0
Tx Counter, upper 6
0 to 2.2 V
Input Frequency/64
5
0
1
0
1
Tx Counter, lower 8
0 to 2.2 V
See Note Below
6
0
1
1
0
Tx Prescaler
>200 mVpp
Input Frequency/4
7
0
1
1
1
Reference Counter
0 to 2.2 V
Input Frequency/Reference Counter Value
8
1
0
0
0
Divide by 4, 25
0 to 2.2 V
Input Frequency/100
9
1
0
0
1
AGC Gain = 10 Option
N/A
10
1
0
1
0
AGC Gain = 25 Option
N/A
NOTE:
To determine the correct output, look at the lower 8 bits in the Rx or Tx register (Divisor (7;0). If the value of the divisor is > 16, then the output divisor
value is Divisor (7;2) (the upper 6 bits of the divisor). If Divisor (7;0) < 16 and Divisor (3;2) > = 2, then output divisor value is Divisor (3;2) (bits 2 and 3
of the divisor). If Divisor (7;0) < 16 and Divisor (3;2) < 2, then output divisor value is (Divisor (3;2) + 60).
Test Modes
Test Mode Control latch bits enable independent testing of
internal counters and set AGC Gain Options. In test mode,
the “Tx VCO” input pin is multiplexed to the input of the
counter under test and the output of the counter under test is
multiplexed to the “Clk Out” output pin so that each counter
can be individually tested. Make sure test mode bits are set to
“0” for normal operation. Test mode operation is described in
Figure 27. During normal operation and when testing the Tx
Prescaler, the “Tx VCO” input can be a minimum of 200 mVpp
at 80 MHz and should be ac coupled. For other test modes,
input signals should be standard logic levels of 0 to 2.2 V and
a maximum frequency of 16 MHz.
Power–Up Defaults for Control and Counter Registers
When the IC is first powered up, all latch registers are
initialized to a defined state. The MC13109A is initially placed
in the Rx mode with all mutes active and nothing disabled.
The reference counter is set to generate a 5.0 kHz reference
frequency from a 10.24 MHz crystal. The MPU clock output
divider is set to 10 to give the minimum clock output
frequency. The Tx and Rx latch registers are set for USA
Channel Frequency #21. Figure 28 shows the initial
power–up states for all latch registers.
Figure 28. Latch Register Power–Up Defaults
MSB
LSB
Register
Count
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Tx
9965
1
0
0
1
1
0
1
1
1
0
1
1
1
0
Rx
7215
0
1
1
1
0
0
0
0
1
0
1
1
1
1
Ref
2048
0
0
1
0
0
0
0
0
0
0
0
0
0
0
Mode
N/A
0
0
0
0
1
1
0
1
1
1
0
1
1
1
1
Gain
N/A
1
0
1
0
0
TM
N/A
0
0
0
0
0
0
0


Similar Part No. - MC13109A

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC13109 MOTOROLA-MC13109 Datasheet
381Kb / 28P
Universal Cordless Telephone Subsystem IC
MC13109FB MOTOROLA-MC13109FB Datasheet
381Kb / 28P
Universal Cordless Telephone Subsystem IC
MC13109FTA MOTOROLA-MC13109FTA Datasheet
381Kb / 28P
Universal Cordless Telephone Subsystem IC
More results

Similar Description - MC13109A

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN6167S PANASONIC-AN6167S Datasheet
46Kb / 3P
Cordless Telephone Speech Network IC
logo
NXP Semiconductors
UAA2062 PHILIPS-UAA2062 Datasheet
170Kb / 40P
Analog cordless telephone IC
2000 Aug 10
logo
Toshiba Semiconductor
TA31101P TOSHIBA-TA31101P Datasheet
712Kb / 12P
COMPANDER IC FOR CORDLESS TELEPHONE
logo
ATMEL Corporation
U3600BM ATMEL-U3600BM Datasheet
709Kb / 43P
SINGLE CHIP CORDLESS TELEPHONE IC
logo
List of Unclassifed Man...
PCT14 ETC1-PCT14 Datasheet
396Kb / 11P
Cordless Telephone Handest Subsystem
logo
Panasonic Semiconductor
AN6166NK PANASONIC-AN6166NK Datasheet
221Kb / 4P
Cordless Telephone Speech Network IC
logo
Motorola, Inc
MC13109 MOTOROLA-MC13109 Datasheet
381Kb / 28P
Universal Cordless Telephone Subsystem IC
logo
ATMEL Corporation
U3600BM ATMEL-U3600BM_05 Datasheet
738Kb / 44P
Single-chip Cordless Telephone IC
logo
Motorola, Inc
MC34016 MOTOROLA-MC34016 Datasheet
301Kb / 16P
Cordless Universal Telephone Interface
MC13110A MOTOROLA-MC13110A Datasheet
1Mb / 68P
UNIVERSAL CORDLESS TELEPHONE SUBSYSTEM IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com