Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC13109A Datasheet(PDF) 22 Page - Motorola, Inc

Part # MC13109A
Description  UNIVERSAL CORDLESS TELEPHONE SUBSYSTEM IC
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC13109A Datasheet(HTML) 22 Page - Motorola, Inc

Back Button MC13109A Datasheet HTML 18Page - Motorola, Inc MC13109A Datasheet HTML 19Page - Motorola, Inc MC13109A Datasheet HTML 20Page - Motorola, Inc MC13109A Datasheet HTML 21Page - Motorola, Inc MC13109A Datasheet HTML 22Page - Motorola, Inc MC13109A Datasheet HTML 23Page - Motorola, Inc MC13109A Datasheet HTML 24Page - Motorola, Inc MC13109A Datasheet HTML 25Page - Motorola, Inc MC13109A Datasheet HTML 26Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 28 page
background image
MC13109A
22
MOTOROLA RF/IF DEVICE DATA
Auxiliary Register
The auxiliary register contains a 3–Bit 1st LO Capacitor
Selection latch and a 4–Bit Test Mode latch. Operation of
these latch bits are explained in Figures 24, 25 and 26.
Figure 24. Auxiliary Register Latch Bits
4–Bit Test Mode
3–Bit 1st LO
Capacitor Selection
MSB
LSB
MSB
LSB
First Local Oscillator Capacitor Selection for 25
Channel U.S. Operation
There is a very large frequency difference between the
minimum and maximum channel frequencies in the proposed
25 Channel U.S. standard. The sensitivity of the 1st LO is not
large enough to accommodate this large frequency variation.
Fixed capacitors can be connected across the 1st LO tank
circuit to change the 1st LO sensitivity. Internal switches and
capacitors are provided to enable microprocessor control
over internal fixed capacitor values. Figure 25 shows the
schematic of the 1st LO tank circuit. Figure 26 shows the
latch control bit values.
Figure 25. First LO Schematic
LO1 In
40
LO1 Out
41
Vcap Ctrl
42
Internal Capacitor
1st LO
Varactor
Varactor
Cext
Lext
Figure 26. 1st LO Capacitor Select for U.S. 25 Channels
1st LO
Cap.
Bit 2
1st LO
Cap.
Bit 1
1st LO
Cap.
Bit 0
1st LO
Cap.
Select
U.S.
Base
Channels
U.S.
Handset
Channels
Varactor Value
over 0.5 to 2.2
V Range
External
Capacitor
Value
External
Inductor
Value
0
0
0
0
16 – 25
10 – 6.4 pF
27 pF
0.47
µH
0
0
0
0
16 – 25
10 – 6.4 pF
33 pF
0.47
µH
0
0
1
1
1 – 6
10 – 6.4 pF
27 pF
0.47
µH
0
1
0
2
7 – 15
10 – 6.4 pF
27 pF
0.47
µH
0
1
1
3
1 – 6
10 – 6.4 pF
33 pF
0.47
µH
1
0
0
4
7 – 15
10 – 6.4 pF
33 pF
0.47
µH


Similar Part No. - MC13109A

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC13109 MOTOROLA-MC13109 Datasheet
381Kb / 28P
Universal Cordless Telephone Subsystem IC
MC13109FB MOTOROLA-MC13109FB Datasheet
381Kb / 28P
Universal Cordless Telephone Subsystem IC
MC13109FTA MOTOROLA-MC13109FTA Datasheet
381Kb / 28P
Universal Cordless Telephone Subsystem IC
More results

Similar Description - MC13109A

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN6167S PANASONIC-AN6167S Datasheet
46Kb / 3P
Cordless Telephone Speech Network IC
logo
NXP Semiconductors
UAA2062 PHILIPS-UAA2062 Datasheet
170Kb / 40P
Analog cordless telephone IC
2000 Aug 10
logo
Toshiba Semiconductor
TA31101P TOSHIBA-TA31101P Datasheet
712Kb / 12P
COMPANDER IC FOR CORDLESS TELEPHONE
logo
ATMEL Corporation
U3600BM ATMEL-U3600BM Datasheet
709Kb / 43P
SINGLE CHIP CORDLESS TELEPHONE IC
logo
List of Unclassifed Man...
PCT14 ETC1-PCT14 Datasheet
396Kb / 11P
Cordless Telephone Handest Subsystem
logo
Panasonic Semiconductor
AN6166NK PANASONIC-AN6166NK Datasheet
221Kb / 4P
Cordless Telephone Speech Network IC
logo
Motorola, Inc
MC13109 MOTOROLA-MC13109 Datasheet
381Kb / 28P
Universal Cordless Telephone Subsystem IC
logo
ATMEL Corporation
U3600BM ATMEL-U3600BM_05 Datasheet
738Kb / 44P
Single-chip Cordless Telephone IC
logo
Motorola, Inc
MC34016 MOTOROLA-MC34016 Datasheet
301Kb / 16P
Cordless Universal Telephone Interface
MC13110A MOTOROLA-MC13110A Datasheet
1Mb / 68P
UNIVERSAL CORDLESS TELEPHONE SUBSYSTEM IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com