Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC13109A Datasheet(PDF) 21 Page - Motorola, Inc

Part # MC13109A
Description  UNIVERSAL CORDLESS TELEPHONE SUBSYSTEM IC
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC13109A Datasheet(HTML) 21 Page - Motorola, Inc

Back Button MC13109A Datasheet HTML 17Page - Motorola, Inc MC13109A Datasheet HTML 18Page - Motorola, Inc MC13109A Datasheet HTML 19Page - Motorola, Inc MC13109A Datasheet HTML 20Page - Motorola, Inc MC13109A Datasheet HTML 21Page - Motorola, Inc MC13109A Datasheet HTML 22Page - Motorola, Inc MC13109A Datasheet HTML 23Page - Motorola, Inc MC13109A Datasheet HTML 24Page - Motorola, Inc MC13109A Datasheet HTML 25Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
MC13109A
21
MOTOROLA RF/IF DEVICE DATA
Carrier Detect Threshold Programming
The “CD Out” pin will give an indication to the
microprocessor if a carrier signal is present on the selected
channel. The nominal value and tolerance of the carrier
detect threshold is given in the carrier detect specification
section of this document. If a different carrier detect threshold
value is desired, it can be set through the MPU interface as
shown in Figure 23 below.
Figure 23. Carrier Detect Threshold Control
CD
Bit #4
CD
Bit #3
CD
Bit #2
CD
Bit #1
CD
Bit #0
CD
Control #
Carrier Detect
Threshold
0
0
0
0
0
0
– 20 dB
0
0
0
0
1
1
–19 dB
0
0
0
1
0
2
–18 dB
0
0
0
1
1
3
–17 dB
0
0
1
0
0
4
–16 dB
0
0
1
0
1
5
–15 dB
0
0
1
1
0
6
–14 dB
0
0
1
1
1
7
–13 dB
0
1
0
0
0
8
–12 dB
0
1
0
0
1
9
–11 dB
0
1
0
1
0
10
–10 dB
0
1
0
1
1
11
– 9.0 dB
0
1
1
0
0
12
– 8.0 dB
0
1
1
0
1
13
–7.0 dB
0
1
1
1
0
14
– 6.0 dB
0
1
1
1
1
15
– 5.0 dB
1
0
0
0
0
16
– 4.0 dB
1
0
0
0
1
17
– 3.0 dB
1
0
0
1
0
18
– 2.0 dB
1
0
0
1
1
19
–1.0 dB
1
0
1
0
0
20
0 dB
1
0
1
0
1
21
1.0 dB
1
0
1
1
0
22
2.0 dB
1
0
1
1
1
23
3.0 dB
1
1
0
0
0
24
4.0 dB
1
1
0
0
1
25
5.0 dB
1
1
0
1
0
26
6.0 dB
1
1
0
1
1
27
7.0 dB
1
1
1
0
0
28
8.0 dB
1
1
1
0
1
29
9.0 dB
1
1
1
1
0
30
10 dB
1
1
1
1
1
31
11 dB


Similar Part No. - MC13109A

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC13109 MOTOROLA-MC13109 Datasheet
381Kb / 28P
Universal Cordless Telephone Subsystem IC
MC13109FB MOTOROLA-MC13109FB Datasheet
381Kb / 28P
Universal Cordless Telephone Subsystem IC
MC13109FTA MOTOROLA-MC13109FTA Datasheet
381Kb / 28P
Universal Cordless Telephone Subsystem IC
More results

Similar Description - MC13109A

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN6167S PANASONIC-AN6167S Datasheet
46Kb / 3P
Cordless Telephone Speech Network IC
logo
NXP Semiconductors
UAA2062 PHILIPS-UAA2062 Datasheet
170Kb / 40P
Analog cordless telephone IC
2000 Aug 10
logo
Toshiba Semiconductor
TA31101P TOSHIBA-TA31101P Datasheet
712Kb / 12P
COMPANDER IC FOR CORDLESS TELEPHONE
logo
ATMEL Corporation
U3600BM ATMEL-U3600BM Datasheet
709Kb / 43P
SINGLE CHIP CORDLESS TELEPHONE IC
logo
List of Unclassifed Man...
PCT14 ETC1-PCT14 Datasheet
396Kb / 11P
Cordless Telephone Handest Subsystem
logo
Panasonic Semiconductor
AN6166NK PANASONIC-AN6166NK Datasheet
221Kb / 4P
Cordless Telephone Speech Network IC
logo
Motorola, Inc
MC13109 MOTOROLA-MC13109 Datasheet
381Kb / 28P
Universal Cordless Telephone Subsystem IC
logo
ATMEL Corporation
U3600BM ATMEL-U3600BM_05 Datasheet
738Kb / 44P
Single-chip Cordless Telephone IC
logo
Motorola, Inc
MC34016 MOTOROLA-MC34016 Datasheet
301Kb / 16P
Cordless Universal Telephone Interface
MC13110A MOTOROLA-MC13110A Datasheet
1Mb / 68P
UNIVERSAL CORDLESS TELEPHONE SUBSYSTEM IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com