Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC13109A Datasheet(PDF) 20 Page - Motorola, Inc

Part # MC13109A
Description  UNIVERSAL CORDLESS TELEPHONE SUBSYSTEM IC
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC13109A Datasheet(HTML) 20 Page - Motorola, Inc

Back Button MC13109A Datasheet HTML 16Page - Motorola, Inc MC13109A Datasheet HTML 17Page - Motorola, Inc MC13109A Datasheet HTML 18Page - Motorola, Inc MC13109A Datasheet HTML 19Page - Motorola, Inc MC13109A Datasheet HTML 20Page - Motorola, Inc MC13109A Datasheet HTML 21Page - Motorola, Inc MC13109A Datasheet HTML 22Page - Motorola, Inc MC13109A Datasheet HTML 23Page - Motorola, Inc MC13109A Datasheet HTML 24Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 28 page
background image
MC13109A
20
MOTOROLA RF/IF DEVICE DATA
“Clk Out” Divider Programming
The “Clk Out” pin is derived from the 2nd local oscillator and
can be used to drive a microprocessor, thereby reducing the
number of crystals required. Figure 19 shows the relationship
between the crystal frequency and the clock output for
different divider values. Figure 20 shows the “Clk Out” register
bit values.
Figure 19. Clock Output Values
Crystal
Clock Output Divider
Crystal
Frequency
2
3
5
10
10.24 MHz
5.120 MHz
3.413 MHz
2.048 MHz
1.024 MHz
11.15 MHz
5.575 MHz
3.717 MHz
2.230 MHz
1.115 MHz
12.00 MHz
6.000 MHz
4.000 MHz
2.400 MHz
1.200 MHz
Figure 20. Clock Output Divider
Clk Out
Bit #1
Clk Out
Bit #2
Clk Out
Divider Value
0
0
2
0
1
3
1
0
5
1
1
10
MPU “Clk Out” Power–Up Default Divider Value
The power–up default divider value is “divide by 10”. This
provides an MPU clock of about 1.0 MHz after initial
power–up. The reason for choosing this relatively low clock
frequency after intial power–up is that some microprocessors
that operate down to a 2.0 V power supply have a maximum
clock frequency of 1.0 MHz. After initial power–up, the MPU
can change the clock divider value to set the clock to the
desired operating frequency. Special care has been taken in
the design of the clock divider to ensure that the transition
between one clock divider value and another is “smooth”
(i.e., there will be no narrow clock pulses to disturb the MPU).
MPU “Clk Out” Radiated Noise on Circuit Board
The clock line running between the MC13109A and the
microprocessor has the potential to radiate noise which can
cause problems in the system especially if the clock is a
square wave digital signal with large high frequency
harmonics. In order to minimize radiated noise, a 1.0 k
resistor is included on–chip in–series with the “Clk Out” output
driver. A small capacitor can be connected to the “Clk Out” line
on the PCB to form a single pole low pass filter. This filter will
significantly reduce noise radiated from the “Clk Out” line.
Volume Control
The volume control can be programmed in 2.0 dB gain steps
from –14 dB to 16 dB. The power–up default value is 0 dB.
Figure 21. Volume Control
Volume Control
Bit #3
Volume Control
Bit #2
Volume Control
Bit #1
Volume Control
Bit #0
Volume
Control #
Gain/Attenuation
Amount
0
0
0
0
0
–14 dB
0
0
0
1
1
–12 dB
0
0
1
0
2
–10 dB
0
0
1
1
3
– 8.0 dB
0
1
0
0
4
– 6.0 dB
0
1
0
1
5
– 4.0 dB
0
1
1
0
6
– 2.0 dB
0
1
1
1
7
0 dB
1
0
0
0
8
2.0 dB
1
0
0
1
9
4.0 dB
1
0
1
0
10
6.0 dB
1
0
1
1
11
8.0 dB
1
1
0
0
12
10 dB
1
1
0
1
13
12 dB
1
1
1
0
14
14 dB
1
1
1
1
15
16 dB
Gain Control Register
The gain control register contains bits which control the
Carrier Detect threshold. Operation of these latch bits are
explained in Figures 22 and 23.
MSB
LSB
5–Bit CD Threshold Control
Figure 22. Gain Control Latch Bits


Similar Part No. - MC13109A

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC13109 MOTOROLA-MC13109 Datasheet
381Kb / 28P
Universal Cordless Telephone Subsystem IC
MC13109FB MOTOROLA-MC13109FB Datasheet
381Kb / 28P
Universal Cordless Telephone Subsystem IC
MC13109FTA MOTOROLA-MC13109FTA Datasheet
381Kb / 28P
Universal Cordless Telephone Subsystem IC
More results

Similar Description - MC13109A

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN6167S PANASONIC-AN6167S Datasheet
46Kb / 3P
Cordless Telephone Speech Network IC
logo
NXP Semiconductors
UAA2062 PHILIPS-UAA2062 Datasheet
170Kb / 40P
Analog cordless telephone IC
2000 Aug 10
logo
Toshiba Semiconductor
TA31101P TOSHIBA-TA31101P Datasheet
712Kb / 12P
COMPANDER IC FOR CORDLESS TELEPHONE
logo
ATMEL Corporation
U3600BM ATMEL-U3600BM Datasheet
709Kb / 43P
SINGLE CHIP CORDLESS TELEPHONE IC
logo
List of Unclassifed Man...
PCT14 ETC1-PCT14 Datasheet
396Kb / 11P
Cordless Telephone Handest Subsystem
logo
Panasonic Semiconductor
AN6166NK PANASONIC-AN6166NK Datasheet
221Kb / 4P
Cordless Telephone Speech Network IC
logo
Motorola, Inc
MC13109 MOTOROLA-MC13109 Datasheet
381Kb / 28P
Universal Cordless Telephone Subsystem IC
logo
ATMEL Corporation
U3600BM ATMEL-U3600BM_05 Datasheet
738Kb / 44P
Single-chip Cordless Telephone IC
logo
Motorola, Inc
MC34016 MOTOROLA-MC34016 Datasheet
301Kb / 16P
Cordless Universal Telephone Interface
MC13110A MOTOROLA-MC13110A Datasheet
1Mb / 68P
UNIVERSAL CORDLESS TELEPHONE SUBSYSTEM IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com