![]() |
Electronic Components Datasheet Search |
|
MC13109A Datasheet(PDF) 19 Page - Motorola, Inc |
|
|
MC13109A Datasheet(HTML) 19 Page - Motorola, Inc |
19 / 28 page ![]() MC13109A 19 MOTOROLA RF/IF DEVICE DATA Figure 17. Circuit Blocks Powered During Power Saving Modes Circuit Blocks Active Rx Standby Inactive “PLL Vref” Regulated Voltage X X X1 X1 MPU Interface X X X X 2nd LO Oscillator X X X MPU Clock Output X X X RF Receiver X X 1st LO VCO X X Rx PLL X X Carrier Detect X X Data Amp X X Low Battery Detect X X Tx PLL X Rx Audio Path X Tx Audio Path X NOTE: 1. In Standby and Inactive Modes, “PLL Vref” remains powered but is not regulated. It will fluctuate with VCC. Inactive Mode Operation and Hardware Interrupt In some handset applications it may be desirable to power down all circuitry including the microprocessor (MPU). First put the MC13109A into the Inactive mode, which turns off the MPU Clock Output (see Figure 18), and then disable the microprocessor. In order to give the MPU adequate time to power down, the MPU Clock output remains active for a minimum of one reference counter cycle (about 200 µs) after the command is given to switch into the “Inactive” mode. An external timing circuit should be used to initiate the turn–on sequence. The “CD Out” pin has a dual function. In the Active and Rx modes it performs the carrier detect function. In the Standby and Inactive modes the carrier detect circuit is disabled and the “CD Out” pin is in a “High” state due to the external pull–up resistor. In the Inactive mode the “CD Out” pin is the input for the hardware interrupt function. When the “CD Out” pin is pulled “low” by the external timing circuit, the MC13109A switches from the Inactive to the Interrupt mode thereby turning on the MPU Clock Output. The MPU can then resume control of the combo IC. The “CD Out” pin must remain low until the MPU changes the operating mode from Interrupt to Standby, Active or Rx modes. Figure 18. Hardware Interrupt Operation Mode EN CD Out/Hardware Interrupt MPU Clock Out CD Out Low Delay after MPU selects Inactive Mode to when CD turns off CD Turns Off External Timer Pulls Pin Low MPU Initiates Mode Change Timer Output Disabled MPU Initiates Inactive Mode “MPU Clock Out” remains active for a minimum of one count of reference counter after “CD Out/Hardware Interrupt” pin goes high Active/Rx Inactive Interrupt Standby/Rx/Active |
Similar Part No. - MC13109A |
|
Similar Description - MC13109A |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |