Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC13109A Datasheet(PDF) 18 Page - Motorola, Inc

Part # MC13109A
Description  UNIVERSAL CORDLESS TELEPHONE SUBSYSTEM IC
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC13109A Datasheet(HTML) 18 Page - Motorola, Inc

Back Button MC13109A Datasheet HTML 14Page - Motorola, Inc MC13109A Datasheet HTML 15Page - Motorola, Inc MC13109A Datasheet HTML 16Page - Motorola, Inc MC13109A Datasheet HTML 17Page - Motorola, Inc MC13109A Datasheet HTML 18Page - Motorola, Inc MC13109A Datasheet HTML 19Page - Motorola, Inc MC13109A Datasheet HTML 20Page - Motorola, Inc MC13109A Datasheet HTML 21Page - Motorola, Inc MC13109A Datasheet HTML 22Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 28 page
background image
MC13109A
18
MOTOROLA RF/IF DEVICE DATA
0
0
1
1
0
1
0
1
1
25
4
4
1
4
25
4
LO2 Out
Tx Reference Frequency
Figure 13. Reference Register Programming Mode
12–b
Programmable
Reference
Counter
÷ 25
÷1
÷ 4
LO2 In
Rx Reference Frequency
U.K. Base
U.K. Handset
U.K. Handset
U.K. Base
U.K. Handset
Select
U.K. Base
Select
LO2
Tx Divider
Value
Rx Divider
Value
Application
All but U.K. and Netherlands
U.K. Baseset
U.K. Handset
Netherlands Base and Handset
U.K. Handset
Select
MSB
LSB
12–Bit Reference Counter
U.K. Base
Select
14–Bit Reference Counter Latch
Figure 14. Control Register Bits
MSB
LSB
4–Bit Volume
Control
ALC
Disable
Not
Used
Limiter
Disable
Clk
Disable
MPU
Clk1
MPU
Clk0
Stdby
Mode
Rx
Mode
Tx
Mute
Rx
Mute
SP
Mute
Figure 15. Mute and Disable Control Bit Descriptions
ALC Disable
1
0
Automatic Level Control Disabled
Normal Operation
Limiter Disable
1
0
Limiter Disabled
Normal Operation
Clock Disable
1
0
MPU Clock Output Disabled
Normal Operation
Tx Mute
1
0
Transmit Channel Muted
Normal Operation
Rx Mute
1
0
Receive Channel Muted
Normal Operation
SP Mute
1
0
Speaker Amp Muted
Normal Operation
Power Saving Operating Modes
When the MC13109A is used in a handset, it is important
to conserve power in order to prolong battery life. There are
five modes of operation; Active, Rx, Standby, Interrupt and
Inactive. In Active Mode, all circuit blocks are powered. In Rx
mode, all circuitry is powered down except for those circuit
sections needed to receive a transmission from the base. In
the Standby and Interrupt Modes, all circuitry is powered
down except for the circuitry needed to provide the clock
output for the microprocessor. In Inactive Mode, all circuitry is
powered down except the MPU interface. Latch memory is
maintained in all modes. Figure 16 shows the control register
bit values for selection of each power saving mode and
Figure 17 show the circuit blocks which are powered in each
of these operating mode.
Figure 16. Power Saving Mode Selection
Stdby
Mode
Bit
Rx
Mode
Bit
“CD Out/Hardware
Interrupt” Pin
Power Saving
Mode
0
0
X
Active
0
1
X
Rx
1
0
X
Standby
1
1
1 or High Impedance
Inactive
1
1
0
Inactive


Similar Part No. - MC13109A

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC13109 MOTOROLA-MC13109 Datasheet
381Kb / 28P
Universal Cordless Telephone Subsystem IC
MC13109FB MOTOROLA-MC13109FB Datasheet
381Kb / 28P
Universal Cordless Telephone Subsystem IC
MC13109FTA MOTOROLA-MC13109FTA Datasheet
381Kb / 28P
Universal Cordless Telephone Subsystem IC
More results

Similar Description - MC13109A

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN6167S PANASONIC-AN6167S Datasheet
46Kb / 3P
Cordless Telephone Speech Network IC
logo
NXP Semiconductors
UAA2062 PHILIPS-UAA2062 Datasheet
170Kb / 40P
Analog cordless telephone IC
2000 Aug 10
logo
Toshiba Semiconductor
TA31101P TOSHIBA-TA31101P Datasheet
712Kb / 12P
COMPANDER IC FOR CORDLESS TELEPHONE
logo
ATMEL Corporation
U3600BM ATMEL-U3600BM Datasheet
709Kb / 43P
SINGLE CHIP CORDLESS TELEPHONE IC
logo
List of Unclassifed Man...
PCT14 ETC1-PCT14 Datasheet
396Kb / 11P
Cordless Telephone Handest Subsystem
logo
Panasonic Semiconductor
AN6166NK PANASONIC-AN6166NK Datasheet
221Kb / 4P
Cordless Telephone Speech Network IC
logo
Motorola, Inc
MC13109 MOTOROLA-MC13109 Datasheet
381Kb / 28P
Universal Cordless Telephone Subsystem IC
logo
ATMEL Corporation
U3600BM ATMEL-U3600BM_05 Datasheet
738Kb / 44P
Single-chip Cordless Telephone IC
logo
Motorola, Inc
MC34016 MOTOROLA-MC34016 Datasheet
301Kb / 16P
Cordless Universal Telephone Interface
MC13110A MOTOROLA-MC13110A Datasheet
1Mb / 68P
UNIVERSAL CORDLESS TELEPHONE SUBSYSTEM IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com