Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC13109A Datasheet(PDF) 17 Page - Motorola, Inc

Part # MC13109A
Description  UNIVERSAL CORDLESS TELEPHONE SUBSYSTEM IC
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC13109A Datasheet(HTML) 17 Page - Motorola, Inc

Back Button MC13109A Datasheet HTML 13Page - Motorola, Inc MC13109A Datasheet HTML 14Page - Motorola, Inc MC13109A Datasheet HTML 15Page - Motorola, Inc MC13109A Datasheet HTML 16Page - Motorola, Inc MC13109A Datasheet HTML 17Page - Motorola, Inc MC13109A Datasheet HTML 18Page - Motorola, Inc MC13109A Datasheet HTML 19Page - Motorola, Inc MC13109A Datasheet HTML 20Page - Motorola, Inc MC13109A Datasheet HTML 21Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 28 page
background image
MC13109A
17
MOTOROLA RF/IF DEVICE DATA
1. (00000001)
Latch Address
U.K. Handset
Select
2. (00000010)
3. (00000011)
4. (00000100)
5. (00000101)
7. (00000111)
14–Bit Tx Counter
MSB
LSB
MSB
LSB
MSB
LSB
MSB
LSB
MSB
LSB
14–Bit Rx Counter
12–Bit Reference Counter
5–Bit CD Threshold Control
4–Bit Test Mode
3–Bit 1st LO
Capacitor Selection
14–Bit
Volume
Control
U.K. Base
Select
ALC
Disable
Not
Used
Limiter
Disable
Clk
Disable
MPU
Clk1
MPU
Clk0
Stdby
Mode
Rx
Mode
Tx
Mute
Rx
Mute
SP
Mute
Tx Counter Latch
Rx Counter Latch
Reference Counter Latch
Mode Control Latch
Threshold Control Latch
7–Bit Auxillary Latch
6. (00000110)
Figure 11. Microprocessor Interface Data Latch Registers
Reference Frequency Selection
The “LO2 In” and “LO2 Out” pins form a reference oscillator
when connected to an external parallel–resonant crystal. The
reference oscillator is also the second local oscillator for the
RF Receiver. Figure 12 shows the relationship between
different crystal frequencies and reference frequencies for
cordless phone applications in various countries.
Figure 12. Reference Frequency and
Reference Divider Values
Reference
U.K. Base/
Crystal
Divider
Handset
Reference
Frequency
Value
Divider
Frequency
10.24 MHz
2048
1
5.0 kHz
10.24 MHz
1024
4
2.5 kHz
11.15 MHz
2230
1
5.0 kHz
12.00 MHz
2400
1
5.0 kHz
11.15 MHz
1784
1
6.25 kHz
11.15 MHz
446
4
6.25 kHz
11.15 MHz
446
25
1.0 kHz
Reference Counter
Figure 13 shows how the reference frequencies for the Rx
and Tx loops are generated. All countries except U.K. require
that the Tx and Rx reference frequencies be identical. In this
case, set “U.K. Base Select” and “U.K. Handset Select” bits
to “0”. Then the fixed divider is set to “1” and the Tx and Rx
reference frequencies will be equal to the crystal oscillator
frequency divided by the programmable reference counter
value. The U.K. is a special case which requires a different
reference frequency value of Tx and Rx.
For U.K. base operation, set “U.K. Base Select” to “1”. For
U.K. handset operation, set “U.K. Handset Select” to “1”. The
Netherlands is also a special case since a 2.5 kHz reference
frequency is used for both the Tx and Rx reference and the
total divider value required is 4096 which is larger than the
maximum divide value available from the 12–Bit reference
divider (4095). In this case, set “U.K. Base Select” to “1” and
set “U.K. Handset Select” to “1”. This will give a fixed divide
by 4 for both the Tx and Rx reference. Then set the reference
divider to 1024 to get a total divider of 4096.
Mode Control Register
Power saving modes, mutes, disables, volume control,
and microprocessor clock output frequency are all set by the
Control Register. Operation of the Control Register is
explained in Figures 14 through 21.


Similar Part No. - MC13109A

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC13109 MOTOROLA-MC13109 Datasheet
381Kb / 28P
Universal Cordless Telephone Subsystem IC
MC13109FB MOTOROLA-MC13109FB Datasheet
381Kb / 28P
Universal Cordless Telephone Subsystem IC
MC13109FTA MOTOROLA-MC13109FTA Datasheet
381Kb / 28P
Universal Cordless Telephone Subsystem IC
More results

Similar Description - MC13109A

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN6167S PANASONIC-AN6167S Datasheet
46Kb / 3P
Cordless Telephone Speech Network IC
logo
NXP Semiconductors
UAA2062 PHILIPS-UAA2062 Datasheet
170Kb / 40P
Analog cordless telephone IC
2000 Aug 10
logo
Toshiba Semiconductor
TA31101P TOSHIBA-TA31101P Datasheet
712Kb / 12P
COMPANDER IC FOR CORDLESS TELEPHONE
logo
ATMEL Corporation
U3600BM ATMEL-U3600BM Datasheet
709Kb / 43P
SINGLE CHIP CORDLESS TELEPHONE IC
logo
List of Unclassifed Man...
PCT14 ETC1-PCT14 Datasheet
396Kb / 11P
Cordless Telephone Handest Subsystem
logo
Panasonic Semiconductor
AN6166NK PANASONIC-AN6166NK Datasheet
221Kb / 4P
Cordless Telephone Speech Network IC
logo
Motorola, Inc
MC13109 MOTOROLA-MC13109 Datasheet
381Kb / 28P
Universal Cordless Telephone Subsystem IC
logo
ATMEL Corporation
U3600BM ATMEL-U3600BM_05 Datasheet
738Kb / 44P
Single-chip Cordless Telephone IC
logo
Motorola, Inc
MC34016 MOTOROLA-MC34016 Datasheet
301Kb / 16P
Cordless Universal Telephone Interface
MC13110A MOTOROLA-MC13110A Datasheet
1Mb / 68P
UNIVERSAL CORDLESS TELEPHONE SUBSYSTEM IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com