Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC13109A Datasheet(PDF) 15 Page - Motorola, Inc

Part # MC13109A
Description  UNIVERSAL CORDLESS TELEPHONE SUBSYSTEM IC
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC13109A Datasheet(HTML) 15 Page - Motorola, Inc

Back Button MC13109A Datasheet HTML 11Page - Motorola, Inc MC13109A Datasheet HTML 12Page - Motorola, Inc MC13109A Datasheet HTML 13Page - Motorola, Inc MC13109A Datasheet HTML 14Page - Motorola, Inc MC13109A Datasheet HTML 15Page - Motorola, Inc MC13109A Datasheet HTML 16Page - Motorola, Inc MC13109A Datasheet HTML 17Page - Motorola, Inc MC13109A Datasheet HTML 18Page - Motorola, Inc MC13109A Datasheet HTML 19Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 28 page
background image
MC13109A
15
MOTOROLA RF/IF DEVICE DATA
ELECTRICAL CHARACTERISTICS (continued) (VCC = 2.6 V, TA = 25°C)
Characteristic
Unit
Max
Typ
Min
Symbol
Measure
Pin
Condition
PLL PIN INTERFACE
EN to Clk Setup Time
EN, Clk
tsuEC
200
ns
Data to Clk Setup Time
Data, Clk
tsuDC
100
ns
Hold Time
Data, Clk
th
90
ns
Recovery Time
EN, Clk
trec
90
ns
Input Pulse Width
EN, Clk
tw
100
ns
Input Rise and Fall Time
Data
Clk
EN
tr, tf
9.0
µs
MPU Interface
Power–Up Delay
90% of PLL Vref to
Data, Clk, EN
tpuMPU
100
µs
PLL LOOP
2nd LO Frequency
LO2 In
LO2 Out
fLO
12
MHz
“Tx VCO” Input Frequency
Vin = 200 mVpp
Tx VCO
ftxmax
80
MHz
PLL I/O Pin Specifications
The 2nd LO, Rx and Tx PLL’s and MPU serial interface are
normally powered by the internal voltage regulator at the “PLL
Vref” pin. The “PLL Vref” pin is the output of a voltage regulator
which is powered from the “VCC Audio” power supply pin.
Therefore, the maximum input and output levels for most PLL
I/O pins (LO2 In, LO2 Out, Rx PD, Tx PD, Tx VCO) is the
regulated voltage at the “PLL Vref” pin. The ESD protection
diodes on these pins are also connected to “PLL Vref”.
Internal level shift buffers are provided for the pins (Data, Clk,
EN, Clk Out) which connect directly to the microprocessor.
The maximum input and output levels for these pins is VCC.
Figure 5 shows a simplified schematic of the PLL I/O pins.
Figure 5. PLL I/O Pin Simplified Schematics
PLL Vref
(2.2 V)
In
I/O
VCC Audio
(2.0 to 5.5 V)
PLL Vref
(2.2 V)
VCC Audio
(2.0 to 5.5 V)
Clk Out Pin
Data, Clk, and EN Pins
LO2 In, LO2 Out,
Rx PD, Tx PD and
Tx VCO Pins
Out
2.0
µA
1.0 k
Microprocessor Serial Interface
The “Data”, “Clk”, and “EN” pins provide an MPU serial
interface for programming the reference counters, the
transmit and receive channel divider counter and various
control functions. The “Data” and “Clk” pins are used to load
data into the shift register. Figure 6 shows “Data” and “Clk”
pin timing. Data is clocked on positive clock transitions.
Figure 6. Data and Clock Timing Requirement
Data,
Clk, EN
Data
Clk
tsuDC
tr
tf
50%
50%
th
10%
90%
After data is loaded into the shift register, the data is
latched into the appropriate latch register using the “EN” pin.
This is done in two steps. First, an 8–Bit address is loaded
into the shift register and latched into the 8–Bit address latch
register. Then, up to 16–Bits of data is loaded into the shift
register and latched into the data latch register specified by
the address that was previously loaded. Figure 7 shows the
timing required on the EN pin. Latching occurs on the
negative EN transition.


Similar Part No. - MC13109A

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC13109 MOTOROLA-MC13109 Datasheet
381Kb / 28P
Universal Cordless Telephone Subsystem IC
MC13109FB MOTOROLA-MC13109FB Datasheet
381Kb / 28P
Universal Cordless Telephone Subsystem IC
MC13109FTA MOTOROLA-MC13109FTA Datasheet
381Kb / 28P
Universal Cordless Telephone Subsystem IC
More results

Similar Description - MC13109A

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN6167S PANASONIC-AN6167S Datasheet
46Kb / 3P
Cordless Telephone Speech Network IC
logo
NXP Semiconductors
UAA2062 PHILIPS-UAA2062 Datasheet
170Kb / 40P
Analog cordless telephone IC
2000 Aug 10
logo
Toshiba Semiconductor
TA31101P TOSHIBA-TA31101P Datasheet
712Kb / 12P
COMPANDER IC FOR CORDLESS TELEPHONE
logo
ATMEL Corporation
U3600BM ATMEL-U3600BM Datasheet
709Kb / 43P
SINGLE CHIP CORDLESS TELEPHONE IC
logo
List of Unclassifed Man...
PCT14 ETC1-PCT14 Datasheet
396Kb / 11P
Cordless Telephone Handest Subsystem
logo
Panasonic Semiconductor
AN6166NK PANASONIC-AN6166NK Datasheet
221Kb / 4P
Cordless Telephone Speech Network IC
logo
Motorola, Inc
MC13109 MOTOROLA-MC13109 Datasheet
381Kb / 28P
Universal Cordless Telephone Subsystem IC
logo
ATMEL Corporation
U3600BM ATMEL-U3600BM_05 Datasheet
738Kb / 44P
Single-chip Cordless Telephone IC
logo
Motorola, Inc
MC34016 MOTOROLA-MC34016 Datasheet
301Kb / 16P
Cordless Universal Telephone Interface
MC13110A MOTOROLA-MC13110A Datasheet
1Mb / 68P
UNIVERSAL CORDLESS TELEPHONE SUBSYSTEM IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com