Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC13109A Datasheet(PDF) 14 Page - Motorola, Inc

Part # MC13109A
Description  UNIVERSAL CORDLESS TELEPHONE SUBSYSTEM IC
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC13109A Datasheet(HTML) 14 Page - Motorola, Inc

Back Button MC13109A Datasheet HTML 10Page - Motorola, Inc MC13109A Datasheet HTML 11Page - Motorola, Inc MC13109A Datasheet HTML 12Page - Motorola, Inc MC13109A Datasheet HTML 13Page - Motorola, Inc MC13109A Datasheet HTML 14Page - Motorola, Inc MC13109A Datasheet HTML 15Page - Motorola, Inc MC13109A Datasheet HTML 16Page - Motorola, Inc MC13109A Datasheet HTML 17Page - Motorola, Inc MC13109A Datasheet HTML 18Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
MC13109A
14
MOTOROLA RF/IF DEVICE DATA
14–b Programmable
Rx Counter
Figure 4. Dual PLL Simplified Block Diagram
14–b Programmable
Tx Counter
12–b
Programmable
Reference
Counter
÷ 25
÷1
÷ 4
LO2 In
LO2 Out
1, 1
2, 2
Tx PD
8, 8
6, 6
Tx VCO
Rx PD
4, 4
LO1 In
37, 40
LO1 Out
38, 41
Tx Phase
Detector
Rx Phase
Detector
Tx
VCO
LPF
Tx Ref
Rx Ref
U.K. Base
U.K. Handset
U.K. Handset
U.K. Base
LPF
Vcap Ctrl
39, 42
1st LO
LO2
ELECTRICAL CHARACTERISTICS (VCC = 2.6 V, TA = 25°C)
Characteristic
Condition
Measure
Pin
Symbol
Min
Typ
Max
Unit
PLL PIN DC
Input Voltage Low
Data
Clk
EN
Hardware Int.
VIL
0.3
V
Input Voltage High
Data
Clk
EN
VIH
“PLL Vref” –
0.3
“VCC Audio”
V
Input Current Low
Vin = 0.3 V
Data
Clk
EN
IIL
–5.0
–3.0
µA
Input Current High
Vin = (VCC Audio) –
0.3
Data
Clk
EN
IIH
0.6
5.0
µA
Hysteresis Voltage
Data
Clk
EN
Vhys
1.0
V
Output Current High
Rx PD
Tx PD
IOH
– 0.7
mA
Output Current Low
Rx PD
Tx PD
IOL
0.7
mA
Output Voltage Low
IIL = 0.7 mA
Rx PD
Tx PD
VOL
(PLL Vref)*
0.2
V
Output Voltage High
IIH = – 0. 7mA
Rx PD
Tx PD
VOH
(PLL Vref)*
0.8
V
Tri–State Leakage
Current
V = 1.2 V
Rx PD
Tx PD
IOZ
–50
50
nA
Input Capacitance
Data
Clk
EN
Cin
8.0
pF
Output Capacitance
Rx PD
Tx PD
Cout
8.0
pF


Similar Part No. - MC13109A

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC13109 MOTOROLA-MC13109 Datasheet
381Kb / 28P
Universal Cordless Telephone Subsystem IC
MC13109FB MOTOROLA-MC13109FB Datasheet
381Kb / 28P
Universal Cordless Telephone Subsystem IC
MC13109FTA MOTOROLA-MC13109FTA Datasheet
381Kb / 28P
Universal Cordless Telephone Subsystem IC
More results

Similar Description - MC13109A

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN6167S PANASONIC-AN6167S Datasheet
46Kb / 3P
Cordless Telephone Speech Network IC
logo
NXP Semiconductors
UAA2062 PHILIPS-UAA2062 Datasheet
170Kb / 40P
Analog cordless telephone IC
2000 Aug 10
logo
Toshiba Semiconductor
TA31101P TOSHIBA-TA31101P Datasheet
712Kb / 12P
COMPANDER IC FOR CORDLESS TELEPHONE
logo
ATMEL Corporation
U3600BM ATMEL-U3600BM Datasheet
709Kb / 43P
SINGLE CHIP CORDLESS TELEPHONE IC
logo
List of Unclassifed Man...
PCT14 ETC1-PCT14 Datasheet
396Kb / 11P
Cordless Telephone Handest Subsystem
logo
Panasonic Semiconductor
AN6166NK PANASONIC-AN6166NK Datasheet
221Kb / 4P
Cordless Telephone Speech Network IC
logo
Motorola, Inc
MC13109 MOTOROLA-MC13109 Datasheet
381Kb / 28P
Universal Cordless Telephone Subsystem IC
logo
ATMEL Corporation
U3600BM ATMEL-U3600BM_05 Datasheet
738Kb / 44P
Single-chip Cordless Telephone IC
logo
Motorola, Inc
MC34016 MOTOROLA-MC34016 Datasheet
301Kb / 16P
Cordless Universal Telephone Interface
MC13110A MOTOROLA-MC13110A Datasheet
1Mb / 68P
UNIVERSAL CORDLESS TELEPHONE SUBSYSTEM IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com