Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC13109A Datasheet(PDF) 13 Page - Motorola, Inc

Part # MC13109A
Description  UNIVERSAL CORDLESS TELEPHONE SUBSYSTEM IC
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC13109A Datasheet(HTML) 13 Page - Motorola, Inc

Back Button MC13109A Datasheet HTML 9Page - Motorola, Inc MC13109A Datasheet HTML 10Page - Motorola, Inc MC13109A Datasheet HTML 11Page - Motorola, Inc MC13109A Datasheet HTML 12Page - Motorola, Inc MC13109A Datasheet HTML 13Page - Motorola, Inc MC13109A Datasheet HTML 14Page - Motorola, Inc MC13109A Datasheet HTML 15Page - Motorola, Inc MC13109A Datasheet HTML 16Page - Motorola, Inc MC13109A Datasheet HTML 17Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
MC13109A
13
MOTOROLA RF/IF DEVICE DATA
PIN FUNCTION DESCRIPTION (continued)
48–TQFP
Pin
52–QFP
Pin
Symbol
Type
Description
29
32
Lim In
Input
Signal input for IF amplifier/limiter.
30
33
Gnd RF
Gnd
Ground pin for RF section of the IC.
31
34
Mix2 Out
Output
Second mixer output.
32
35
Mix2 In
Input
Second mixer input.
33
36
VB
Internal half supply analog ground reference.
34
37
Mix1 Out
Output
First mixer output.
35
38
Mix1 In2
Input
Negative polarity first mixer input.
36
39
Mix1 In1
Input
Positive polarity first mixer input.
37
38
40
41
LO1 In
LO1 Out
Tank elements for 1st LO multivibrator oscillator are connected to these pins.
39
42
Vcap Ctrl
1st LO varactor control pin.
40
43
Gnd Audio
Gnd
Ground for audio section of the IC.
41
44
Tx In
Input
Tx path input to Microphone Amplifier (ac coupled).
42
45
Amp Out
Output
Microphone amplifier output.
43
46
C In
Input
Compressor input (ac coupled).
44
47
C Cap
Compressor rectifier filter capacitor pin. Connect capacitor to VCC.
45
48
Lim Out
Output
Tx path limiter output.
46
49
Spl Amp In
Input
Splatter amplifier input (ac coupled).
47
50
Tx Out
Output
Tx path audio output.
48
51
Ref
Input
Reference voltage input for low battery detect.
N/A
52
N/A
Not used.
Power Supply Voltage
This circuit is used in a cordless telephone handset and
base unit. The handset is battery powered and can operate
on two or three NiCad cells or on 5.0 V power.
PLL Frequency Synthesizer General Description
Figure 4 shows a simplified block diagram of the
programmable universal dual phase locked loop (PLL). This
dual PLL is fully programmable through the MCU serial
interface and supports most country channel frequencies
including USA (25 ch), France, Spain, Australia, Korea, New
Zealand, U.K., Netherlands and China (see channel
frequency tables in Appendix A).
The 2nd local oscillator and reference divider provide the
reference frequency for the Rx and Tx PLL loops. The
programmed divider value for the reference divider is
selected based on the crystal frequency and the desired Rx
and Tx reference frequency values. Additional divide by 25
and divide by 4 blocks are provided to allow for generation of
the 1.0 kHz and 6.25 kHz reference frequencies required for
the U.K. The 14–Bit Tx counter is programmed for the
desired transmit channel frequency. The 14–Bit Rx counter is
programmed for the desired first local oscillator frequency. All
counters power up in the proper default state for USA
channel #6 and for a 10.24 MHz reference frequency crystal.
Internal fixed capacitors can be connected to the tank circuit
of the 1st LO through microprocessor control to extend the
sensitivity of the 1st LO for U.S. 25 channel operation.


Similar Part No. - MC13109A

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC13109 MOTOROLA-MC13109 Datasheet
381Kb / 28P
Universal Cordless Telephone Subsystem IC
MC13109FB MOTOROLA-MC13109FB Datasheet
381Kb / 28P
Universal Cordless Telephone Subsystem IC
MC13109FTA MOTOROLA-MC13109FTA Datasheet
381Kb / 28P
Universal Cordless Telephone Subsystem IC
More results

Similar Description - MC13109A

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN6167S PANASONIC-AN6167S Datasheet
46Kb / 3P
Cordless Telephone Speech Network IC
logo
NXP Semiconductors
UAA2062 PHILIPS-UAA2062 Datasheet
170Kb / 40P
Analog cordless telephone IC
2000 Aug 10
logo
Toshiba Semiconductor
TA31101P TOSHIBA-TA31101P Datasheet
712Kb / 12P
COMPANDER IC FOR CORDLESS TELEPHONE
logo
ATMEL Corporation
U3600BM ATMEL-U3600BM Datasheet
709Kb / 43P
SINGLE CHIP CORDLESS TELEPHONE IC
logo
List of Unclassifed Man...
PCT14 ETC1-PCT14 Datasheet
396Kb / 11P
Cordless Telephone Handest Subsystem
logo
Panasonic Semiconductor
AN6166NK PANASONIC-AN6166NK Datasheet
221Kb / 4P
Cordless Telephone Speech Network IC
logo
Motorola, Inc
MC13109 MOTOROLA-MC13109 Datasheet
381Kb / 28P
Universal Cordless Telephone Subsystem IC
logo
ATMEL Corporation
U3600BM ATMEL-U3600BM_05 Datasheet
738Kb / 44P
Single-chip Cordless Telephone IC
logo
Motorola, Inc
MC34016 MOTOROLA-MC34016 Datasheet
301Kb / 16P
Cordless Universal Telephone Interface
MC13110A MOTOROLA-MC13110A Datasheet
1Mb / 68P
UNIVERSAL CORDLESS TELEPHONE SUBSYSTEM IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com