Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC13109A Datasheet(PDF) 12 Page - Motorola, Inc

Part # MC13109A
Description  UNIVERSAL CORDLESS TELEPHONE SUBSYSTEM IC
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC13109A Datasheet(HTML) 12 Page - Motorola, Inc

Back Button MC13109A Datasheet HTML 8Page - Motorola, Inc MC13109A Datasheet HTML 9Page - Motorola, Inc MC13109A Datasheet HTML 10Page - Motorola, Inc MC13109A Datasheet HTML 11Page - Motorola, Inc MC13109A Datasheet HTML 12Page - Motorola, Inc MC13109A Datasheet HTML 13Page - Motorola, Inc MC13109A Datasheet HTML 14Page - Motorola, Inc MC13109A Datasheet HTML 15Page - Motorola, Inc MC13109A Datasheet HTML 16Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 28 page
background image
MC13109A
12
MOTOROLA RF/IF DEVICE DATA
PIN FUNCTION DESCRIPTION
48–TQFP
Pin
52–QFP
Pin
Symbol
Type
Description
1
2
1
2
LO2 In
LO2 Out
These pins form the PLL reference oscillator when connected to an external
parallel–resonant crystal (10.24 MHz typical). The reference oscillator is also the
second Local Oscillator (LO2) for the RF receiver.
3
3
PLL Vref
Supply
Voltage Regulator output pin. The internal voltage regulator provides a stable
power supply voltage for the Rx and Tx PLL’s and can also be used as a
regulated supply voltage for the other IC’s.
4
4
Rx PD
Output
Three state voltage output of the Rx Phase Detector. This pin is either “high”,
“low”, or “high impedance” depending on the phase difference of the phase
detector input signals. During lock, very narrow pulses with a frequency equal to
the reference frequency are present. This pin drives the external Rx PLL loop
filter. It is important to minimize the line length and capacitance of this pin.
5
5
Gnd PLL
Gnd
Ground pin for PLL section of IC.
6
6
Tx PD
Output
Three state voltage output of the Tx Phase Detector. This pin is either “high”,
“low”, or “high impedance” depending on the phase difference of the phase
detector input signals. During lock, very narrow pulses with a frequency equal to
the reference frequency are present. This pin drives the external Tx PLL loop
filter. It is important to minimize the line length and capacitance on this pin.
7
7
E Cap
Expander rectifier filter capacitor pin. Connect capacitor to VCC.
8
8
Tx VCO
Input
Transmit divide counter input which is driven by an ac coupled external transmit
loop VCO. The minimum signal level is 200 mVpp @ 80.0 MHz. This pin also
functions as the test mode input for the counter tests.
9
10
11
9
10
11
Data
EN
Clk
Input
Microprocessor serial interface input pins for programming various counters and
control functions.
12
12
Clk Out
Output
Microprocessor Clock Output which is derived from the 2nd LO crystal oscillator
and a programmable divider. It can be used to drive a microprocessor and
thereby reduce the number of crystals required in the system design. The driver
has an internal resistor in series with the output which can be combined with an
external capacitor to form a low pass filter to reduce radiated noise on the PCB.
This output also functions as the output for the counter test modes.
N/A
14
Status Out
Output
This pin indicates when the internal latches may have lost memory due to a
power glitch.
13
15
CD Out/
Hardware
Interrupt
Output/
Input
Dual function pin; 1) Carrier detect output (open collector with external 100 k
pull–up resistor. 2) Hardware interrupt input which can be used to “wake–up”
from Inactive Mode.
14
16
BD Out
Output
Low battery detect output (open collector with external pull–up resistor).
15
17
DA Out
Output
Data amplifier output (open collector with internal 100 k
Ω pull–up resistor).
16
18
SA Out
Output
Speaker amplifier output.
17
19
SA In
Input
Speaker amplifier input (ac coupled).
18
20
E Out
Output
Expander output.
19
21
VCC Audio
Supply
VCC supply for audio section.
20
22
DA In
Input
Data amplifier input (ac coupled).
21
23
Pre–Amp Out
Output
Pre–amplifier output for connection of pre–amplifier feedback resistor.
22
24
Rx Audio In
Input
Rx audio input to pre–amplifier (ac coupled).
23
25
Det Out
Output
Audio output from FM detector.
24
26
RSSI
Receive signal strength indicator filter capacitor.
N/A
27
N/A
Not used.
25
28
Q Coil
A quad coil or ceramic discriminator are connected to this pin.
26
29
VCC RF
Supply
VCC supply for RF receiver section.
27
28
30
31
Lim C2
Lim C1
IF amplifier/limiter capacitor pins.


Similar Part No. - MC13109A

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC13109 MOTOROLA-MC13109 Datasheet
381Kb / 28P
Universal Cordless Telephone Subsystem IC
MC13109FB MOTOROLA-MC13109FB Datasheet
381Kb / 28P
Universal Cordless Telephone Subsystem IC
MC13109FTA MOTOROLA-MC13109FTA Datasheet
381Kb / 28P
Universal Cordless Telephone Subsystem IC
More results

Similar Description - MC13109A

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN6167S PANASONIC-AN6167S Datasheet
46Kb / 3P
Cordless Telephone Speech Network IC
logo
NXP Semiconductors
UAA2062 PHILIPS-UAA2062 Datasheet
170Kb / 40P
Analog cordless telephone IC
2000 Aug 10
logo
Toshiba Semiconductor
TA31101P TOSHIBA-TA31101P Datasheet
712Kb / 12P
COMPANDER IC FOR CORDLESS TELEPHONE
logo
ATMEL Corporation
U3600BM ATMEL-U3600BM Datasheet
709Kb / 43P
SINGLE CHIP CORDLESS TELEPHONE IC
logo
List of Unclassifed Man...
PCT14 ETC1-PCT14 Datasheet
396Kb / 11P
Cordless Telephone Handest Subsystem
logo
Panasonic Semiconductor
AN6166NK PANASONIC-AN6166NK Datasheet
221Kb / 4P
Cordless Telephone Speech Network IC
logo
Motorola, Inc
MC13109 MOTOROLA-MC13109 Datasheet
381Kb / 28P
Universal Cordless Telephone Subsystem IC
logo
ATMEL Corporation
U3600BM ATMEL-U3600BM_05 Datasheet
738Kb / 44P
Single-chip Cordless Telephone IC
logo
Motorola, Inc
MC34016 MOTOROLA-MC34016 Datasheet
301Kb / 16P
Cordless Universal Telephone Interface
MC13110A MOTOROLA-MC13110A Datasheet
1Mb / 68P
UNIVERSAL CORDLESS TELEPHONE SUBSYSTEM IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com