Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC13109A Datasheet(PDF) 1 Page - Motorola, Inc

Part # MC13109A
Description  UNIVERSAL CORDLESS TELEPHONE SUBSYSTEM IC
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC13109A Datasheet(HTML) 1 Page - Motorola, Inc

  MC13109A Datasheet HTML 1Page - Motorola, Inc MC13109A Datasheet HTML 2Page - Motorola, Inc MC13109A Datasheet HTML 3Page - Motorola, Inc MC13109A Datasheet HTML 4Page - Motorola, Inc MC13109A Datasheet HTML 5Page - Motorola, Inc MC13109A Datasheet HTML 6Page - Motorola, Inc MC13109A Datasheet HTML 7Page - Motorola, Inc MC13109A Datasheet HTML 8Page - Motorola, Inc MC13109A Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
MC13109A
UNIVERSAL CT–0
SUBSYSTEM
INTEGRATED CIRCUIT
FB SUFFIX
PLASTIC PACKAGE
CASE 848B
(QFP–52)
52
1
Device
Tested Operating
Temperature Range
Package
ORDERING INFORMATION
MC13109AFB
TA = –20 to 85°C
QFP–52
MC13109AFTA
LQFP–48
FTA SUFFIX
PLASTIC PACKAGE
CASE 932
(LQFP–48)
48
1
Order this document by MC13109A/D
1
MOTOROLA RF/IF DEVICE DATA
Universal Cordless Telephone
Subsystem IC
The MC13109A integrates several of the functions required for a cordless
telephone into a single integrated circuit. This significantly reduces
component count, board space requirements, and external adjustments. It is
designed for use in both the handset and the base.
Dual Conversion FM Receiver
– Complete Dual Conversion Receiver – Antenna Input to Audio Output
80 MHz Maximum Carrier Frequency
– RSSI Output
– Carrier Detect Output with Programmable Threshold
– Comparator for Data Recovery
– Operates with Either a Quad Coil or Ceramic Discriminator
Compander
– Expandor Includes Mute, Digital Volume Control and Speaker Driver
– Compressor Includes Mute, ALC and Limiter
Dual Universal Programmable PLL
– Supports New 25 Channel U.S. Standard with No External Switches
– Universal Design for Domestic and Foreign CT–0 Standards
– Digitally Controlled Via a Serial Interface Port
– Receive Side Includes 1st LO VCO, Phase Detector, and 14–Bit
Programmable Counter and 2nd LO with 12–Bit Counter
– Transmit Section Contains Phase Detector and 14–Bit Counter
– MPU Clock Output Eliminates Need for MPU Crystal
Supply Voltage Monitor
– Externally Adjustable Trip Point
2.0 to 5.5 V Operation with One–Third the Power Consumption of
Competing Devices
Mute
Expander
Simplified Block Diagram
1st
Mixer
Data
Out
Rx In
2nd
Mixer
Carrier
Detect
Tx Out
Tx In
Tx VCO
Limiting IF
Amplifier
Detector
2nd LO
PLL
1st LO
PLL
RSSI
Mute
Compressor
Tx Phase
Detector
µP Serial
Interface
Low Battery
Detect
Rx
Out
SPI
Low
Battery
Indicator
This device contains 6,609 active transistors.
© Motorola, Inc. 1999
Rev 1


Similar Part No. - MC13109A

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC13109 MOTOROLA-MC13109 Datasheet
381Kb / 28P
Universal Cordless Telephone Subsystem IC
MC13109FB MOTOROLA-MC13109FB Datasheet
381Kb / 28P
Universal Cordless Telephone Subsystem IC
MC13109FTA MOTOROLA-MC13109FTA Datasheet
381Kb / 28P
Universal Cordless Telephone Subsystem IC
More results

Similar Description - MC13109A

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC13109 MOTOROLA-MC13109 Datasheet
381Kb / 28P
Universal Cordless Telephone Subsystem IC
MC13110A MOTOROLA-MC13110A Datasheet
1Mb / 68P
UNIVERSAL CORDLESS TELEPHONE SUBSYSTEM IC
logo
List of Unclassifed Man...
PCT14 ETC1-PCT14 Datasheet
396Kb / 11P
Cordless Telephone Handest Subsystem
logo
Motorola, Inc
MC34016 MOTOROLA-MC34016 Datasheet
301Kb / 16P
Cordless Universal Telephone Interface
logo
NXP Semiconductors
UAA2062 PHILIPS-UAA2062 Datasheet
170Kb / 40P
Analog cordless telephone IC
2000 Aug 10
logo
Panasonic Semiconductor
AN6167S PANASONIC-AN6167S Datasheet
46Kb / 3P
Cordless Telephone Speech Network IC
AN6166NK PANASONIC-AN6166NK Datasheet
221Kb / 4P
Cordless Telephone Speech Network IC
logo
ATMEL Corporation
U3600BM ATMEL-U3600BM Datasheet
709Kb / 43P
SINGLE CHIP CORDLESS TELEPHONE IC
logo
Toshiba Semiconductor
TA31101P TOSHIBA-TA31101P Datasheet
712Kb / 12P
COMPANDER IC FOR CORDLESS TELEPHONE
logo
ATMEL Corporation
U3600BM ATMEL-U3600BM_05 Datasheet
738Kb / 44P
Single-chip Cordless Telephone IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com